Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJUSB208-AU_T0_10001 Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # PJUSB208-AU_T0_10001
Description  LOW CAPACITANCE DIODE ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJUSB208-AU_T0_10001 Datasheet(HTML) 4 Page - Pan Jit International Inc.

  PJUSB208-AU_T0_10001 Datasheet HTML 1Page - Pan Jit International Inc. PJUSB208-AU_T0_10001 Datasheet HTML 2Page - Pan Jit International Inc. PJUSB208-AU_T0_10001 Datasheet HTML 3Page - Pan Jit International Inc. PJUSB208-AU_T0_10001 Datasheet HTML 4Page - Pan Jit International Inc. PJUSB208-AU_T0_10001 Datasheet HTML 5Page - Pan Jit International Inc. PJUSB208-AU_T0_10001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PAGE . 4
REV.0.0-DEC.1.2008
MOUNTING PAD LAYOUT
• Packing information
T/R - 10K per 13" plastic Reel
T/R - 3K per 7” plastic Reel
ORDER INFORMATION
SOT-23 6L
0.024
(0.60)
0.037
(0.95)
0.037
(0.95)
Unit inch(mm)
PJUSB208-AU SERIES


Similar Part No. - PJUSB208-AU_T0_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJUSB208 PANJIT-PJUSB208 Datasheet
66Kb / 3P
   Low Capacitance Diode Array
PJUSB208 PANJIT-PJUSB208 Datasheet
451Kb / 4P
   Low Capacitance Diode Array
PJUSB208DW PANJIT-PJUSB208DW Datasheet
249Kb / 6P
   LOW CAPACITANCE DIODE ARRAY
PJUSB208DW_R1_00001 PANJIT-PJUSB208DW_R1_00001 Datasheet
249Kb / 6P
   LOW CAPACITANCE DIODE ARRAY
PJUSB208DW_R2_00001 PANJIT-PJUSB208DW_R2_00001 Datasheet
249Kb / 6P
   LOW CAPACITANCE DIODE ARRAY
More results

Similar Description - PJUSB208-AU_T0_10001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP4301MR6 ONSEMI-NUP4301MR6 Datasheet
57Kb / 4P
   Low Capacitance Diode Array
September, 2014 ??Rev. 7
logo
Pan Jit International I...
PE9180C1A-AU PANJIT-PE9180C1A-AU Datasheet
226Kb / 5P
   Low Capacitance Diode Array
October 6,2022 PE9180C1A-AU-REV.00
PJUSB208 PANJIT-PJUSB208 Datasheet
66Kb / 3P
   Low Capacitance Diode Array
PJUSB208_0610 PANJIT-PJUSB208_0610 Datasheet
451Kb / 4P
   Low Capacitance Diode Array
PJSR70 PANJIT-PJSR70 Datasheet
72Kb / 3P
   Low Capacitance Diode Array
logo
STMicroelectronics
DALC208 STMICROELECTRONICS-DALC208 Datasheet
185Kb / 14P
   Low capacitance diode array
logo
ON Semiconductor
NUP4304MR6 ONSEMI-NUP4304MR6_12 Datasheet
141Kb / 6P
   Low Capacitance Diode Array
January, 2012 ??Rev. 4
logo
STMicroelectronics
DALC208SC6 STMICROELECTRONICS-DALC208SC6 Datasheet
164Kb / 10P
   LOW CAPACITANCE DIODE ARRAY
logo
Pan Jit International I...
PJUSB208DW PANJIT-PJUSB208DW Datasheet
249Kb / 6P
   LOW CAPACITANCE DIODE ARRAY
PJUSB208 PANJIT-PJUSB208_06 Datasheet
83Kb / 3P
   Low Capacitance Diode Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com