Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJP65S05DWA-80W0 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJP65S05DWA-80W0
Description  650V - 75A - IGBT Application: Inverter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJP65S05DWA-80W0 Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJP65S05DWA-80W0 Datasheet HTML 1Page - Renesas Technology Corp RJP65S05DWA-80W0 Datasheet HTML 2Page - Renesas Technology Corp RJP65S05DWA-80W0 Datasheet HTML 3Page - Renesas Technology Corp RJP65S05DWA-80W0 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RJP65S05DWT/RJP65S05DWA
Preliminary
R07DS0822EJ0002 Rev.0.02
Page 3 of 3
Aug 09, 2012
Die Dimension
Illustration
Part of white
Part of dotted line
Part of gray
Note 1.
Note 2.
The back of the chip is processed with Au evaporation.
Note 3.
Recognition, target and any other patterns which are not related to
IGBT operation, may be changed without notice.
Definition
Al pattern
Bonding area
Final passivation
7.0
5.66
1.31
4.29
Emitter bonding pad (1)
Emitter bonding pad (3)
Emitter bonding pad (2)
Gate
bonding pad
Unit: mm
Ordering Information
Orderable Part Number
RJP65S05DWA-80#W0
RJP65S05DWT-80#X0


Similar Part No. - RJP65S05DWA-80W0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP65S05DWA-80 RENESAS-RJP65S05DWA-80 Datasheet
83Kb / 4P
   Inverter
More results

Similar Description - RJP65S05DWA-80W0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP65M05DWA RENESAS-RJP65M05DWA Datasheet
161Kb / 4P
   650V - 75A - IGBT Application: Inverter
Nov. 06, 2015
RJP65S05DWT RENESAS-RJP65S05DWT_15 Datasheet
65Kb / 4P
   650V - 75A - IGBT Application: Inverter
RJP1CS05DWT RENESAS-RJP1CS05DWT_15 Datasheet
65Kb / 4P
   1250V - 75A - IGBT Application: Inverter
RJP1CS05DWT RENESAS-RJP1CS05DWT Datasheet
77Kb / 4P
   1250V - 75A - IGBT Application: Inverter
RJU65F25DWA RENESAS-RJU65F25DWA Datasheet
166Kb / 5P
   650V - 75A - Fast Recovery Diode Application: Inverter
Apr.10.2020
RJP65S04DWT RENESAS-RJP65S04DWT_15 Datasheet
64Kb / 4P
   650V - 50A - IGBT Application: Inverter
RJP65S07DWT RENESAS-RJP65S07DWT_15 Datasheet
123Kb / 4P
   650V - 150A - IGBT Application: Inverter
RJH65S04DPQ-A0 RENESAS-RJH65S04DPQ-A0_15 Datasheet
71Kb / 4P
   650V - 50A - IGBT Application: Inverter
RJP65S06DWT RENESAS-RJP65S06DWT Datasheet
62Kb / 4P
   650V - 100A - IGBT Application: Inverter
RJP65S03DWT RENESAS-RJP65S03DWT Datasheet
65Kb / 4P
   650V - 30A - IGBT Application: Inverter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com