Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJUSB208-AU_S2_10001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJUSB208-AU_S2_10001
Description  LOW CAPACITANCE DIODE ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJUSB208-AU_S2_10001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJUSB208-AU_S2_10001 Datasheet HTML 1Page - Pan Jit International Inc. PJUSB208-AU_S2_10001 Datasheet HTML 2Page - Pan Jit International Inc. PJUSB208-AU_S2_10001 Datasheet HTML 3Page - Pan Jit International Inc. PJUSB208-AU_S2_10001 Datasheet HTML 4Page - Pan Jit International Inc. PJUSB208-AU_S2_10001 Datasheet HTML 5Page - Pan Jit International Inc. PJUSB208-AU_S2_10001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
REV.0.0-DEC.1.2008
PJUSB208-AU SERIES
LOW CAPACITANCE DIODE ARRAY
PJUSB208 series is surge rated diode array desiged to protect high speed data interfaces.The PJUSB208 series has been specifically
designed to protect sensitive components which are connect to data and transmission lines from over-voltages caused by ESD
(electrostatic dischatge),EFT(electrical fast transients), and lightning.
MECHANICAL
• Case: SOT23-6L, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Polarity: See Diagram Below
• Approx.Weight : 0.014 grams
• Marking : PJUSB208-AU : 208
PJUSB208R-AU : 316
DATA
APPLICATIONS
• USB 2.0 and Firewire Port Protection
• LAN / WLAN Access Point terminals
• Video Signal Line Protection
MAXIMUM RATINGS
g
n
it
a
Rl
o
b
m
y
Se
u
l
a
Vs
ti
n
U
e
g
a
tl
o
V
e
s
r
e
v
e
R
k
a
e
P
e
v
it
it
e
p
e
R
r
e
if
it
c
e
R
V RRM
0
7V
)
r
i
A
(
2
-
4
-
0
0
0
1
6
C
E
I
r
e
p
D
S
E
)
t
c
a
t
n
o
C
(
2
-
4
-
0
0
0
1
6
C
E
I
r
e
p
D
S
E
V ESD
5
1
>
8
>
V
k
m
r
o
f
e
v
a
w
r
a
l
u
g
n
a
t
c
e
R
-
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
v
it
it
e
p
e
R
n
o
N
e
g
r
u
S
5
.
2
=
p
t
µs
s
m
1
=
p
t
s
m
0
0
1
=
p
t
I FSM
6
2
1
A
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
it
c
n
u
J
g
n
it
a
r
e
p
O
TJ T
, STG
0
5
1
+
o
t
5
5
-
o
C
SOT-23 6L
Unit inch(mm)
FEATURES
• Maximum Capacitance of 3.0pF at 0Vdc 1MHz Line-to-Ground
• Low leakage current, maximum of 0.1µA at rated voltage
• IEC61000-4-2 ESD 15kV Air, 8kV Contact compliance
• Protect four I/O lines
• Flammability rating UL94V-0
• Lead free in comply with EU RoHS 2011/65/EU directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
0.119(3.00)
0.110(2.80)
0.020(0.50)
0.012(0.30)
0.051(1.30)
0.035(0.90)
0.006(0.15)
MAX.
0.009(0.22)
0.003(0.08)
0.075(1.90)
BSC
• Acqire quality system certificate : TS16949
• AEC-Q101 qualified


Similar Part No. - PJUSB208-AU_S2_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJUSB208 PANJIT-PJUSB208 Datasheet
66Kb / 3P
   Low Capacitance Diode Array
PJUSB208 PANJIT-PJUSB208 Datasheet
451Kb / 4P
   Low Capacitance Diode Array
PJUSB208DW PANJIT-PJUSB208DW Datasheet
249Kb / 6P
   LOW CAPACITANCE DIODE ARRAY
PJUSB208DW_R1_00001 PANJIT-PJUSB208DW_R1_00001 Datasheet
249Kb / 6P
   LOW CAPACITANCE DIODE ARRAY
PJUSB208DW_R2_00001 PANJIT-PJUSB208DW_R2_00001 Datasheet
249Kb / 6P
   LOW CAPACITANCE DIODE ARRAY
More results

Similar Description - PJUSB208-AU_S2_10001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP4301MR6 ONSEMI-NUP4301MR6 Datasheet
57Kb / 4P
   Low Capacitance Diode Array
September, 2014 ??Rev. 7
logo
Pan Jit International I...
PE9180C1A-AU PANJIT-PE9180C1A-AU Datasheet
226Kb / 5P
   Low Capacitance Diode Array
October 6,2022 PE9180C1A-AU-REV.00
PJUSB208 PANJIT-PJUSB208 Datasheet
66Kb / 3P
   Low Capacitance Diode Array
PJUSB208_0610 PANJIT-PJUSB208_0610 Datasheet
451Kb / 4P
   Low Capacitance Diode Array
PJSR70 PANJIT-PJSR70 Datasheet
72Kb / 3P
   Low Capacitance Diode Array
logo
STMicroelectronics
DALC208 STMICROELECTRONICS-DALC208 Datasheet
185Kb / 14P
   Low capacitance diode array
logo
ON Semiconductor
NUP4304MR6 ONSEMI-NUP4304MR6_12 Datasheet
141Kb / 6P
   Low Capacitance Diode Array
January, 2012 ??Rev. 4
logo
STMicroelectronics
DALC208SC6 STMICROELECTRONICS-DALC208SC6 Datasheet
164Kb / 10P
   LOW CAPACITANCE DIODE ARRAY
logo
Pan Jit International I...
PJUSB208DW PANJIT-PJUSB208DW Datasheet
249Kb / 6P
   LOW CAPACITANCE DIODE ARRAY
PJUSB208 PANJIT-PJUSB208_06 Datasheet
83Kb / 3P
   Low Capacitance Diode Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com