Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM2402CRIZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADuM2402CRIZ
Description  Quad-Channel Digital Isolators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM2402CRIZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADuM2402CRIZ Datasheet HTML 7Page - Analog Devices ADuM2402CRIZ Datasheet HTML 8Page - Analog Devices ADuM2402CRIZ Datasheet HTML 9Page - Analog Devices ADuM2402CRIZ Datasheet HTML 10Page - Analog Devices ADuM2402CRIZ Datasheet HTML 11Page - Analog Devices ADuM2402CRIZ Datasheet HTML 12Page - Analog Devices ADuM2402CRIZ Datasheet HTML 13Page - Analog Devices ADuM2402CRIZ Datasheet HTML 14Page - Analog Devices ADuM2402CRIZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADuM2400/ADuM2401/ADuM2402
Rev. E | Page 11 of 24
DIN V VDE V 0884-10 (VDE V 0884-10) INSULATION CHARACTERISTICS
These isolators are suitable for reinforced electrical isolation only within the safety limit data. Maintenance of the safety data is ensured by
means of protective circuits.
Note that the * marking on packages denotes DIN V VDE V 0884-10 approval for 846 V peak working voltage.
Table 7.
Description
Conditions
Symbol
Characteristic
Unit
Installation Classification per DIN VDE 0110
For Rated Mains Voltage ≤ 300 V rms
I to IV
For Rated Mains Voltage ≤ 450 V rms
I to II
For Rated Mains Voltage ≤ 600 V rms
I to II
Climatic Classification
40/105/21
Pollution Degree (DIN VDE 0110, Table 1)
2
Maximum Working Insulation Voltage
VIORM
846
V peak
Input-to-Output Test Voltage, Method b1
VIORM × 1.875 = VPR, 100% production test, tm = 1 sec,
partial discharge < 5 pC
VPR
1590
V peak
Input-to-Output Test Voltage, Method a
VPR
After Environmental Tests Subgroup 1
VIORM × 1.6 = VPR, tm = 60 sec, partial discharge < 5 pC
1375
V peak
After Input and/or Safety Test Subgroup 2
and Subgroup 3
VIORM × 1.2 = VPR, tm = 60 sec, partial discharge < 5 pC
1018
V peak
Highest Allowable Overvoltage
Transient overvoltage, tTR = 10 seconds
VTR
6000
V peak
Safety-Limiting Values
Maximum value allowed in the event of a failure;
see Figure 4
Case Temperature
TS
150
°C
Side 1 Current
IS1
265
mA
Side 2 Current
IS2
335
mA
Insulation Resistance at TS
VIO = 500 V
RS
>109
Ω
CASE TEMPERATURE (°C)
0
0
350
300
250
200
150
100
50
50
100
150
200
SIDE #1
SIDE #2
Figure 4. Thermal Derating Curve, Dependence of Safety-Limiting
Values with Case Temperature per DIN V VDE V 0884-10
RECOMMENDED OPERATING CONDITIONS
Table 8.
Parameter
Rating
Operating Temperature (TA)
−40°C to +105°C
Supply Voltages1 (VDD1, VDD2)
2.7 V to 5.5 V
Input Signal Rise and Fall Times
1.0 ms
1 All voltages are relative to their respective ground.


Similar Part No. - ADuM2402CRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM2402CRIZ AD-ADuM2402CRIZ Datasheet
304Kb / 24P
   Quad-Channel Digital Isolators
REV. D
ADUM2402CRIZ AD-ADUM2402CRIZ Datasheet
544Kb / 24P
   Quad-Channel Digital Isolators
Rev. F
More results

Similar Description - ADuM2402CRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
   Quad-Channel Digital Isolators
Rev. J
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_07 Datasheet
600Kb / 24P
   Quad-Channel Digital Isolators
Rev. G
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
ADUM1401 AD-ADUM1401_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com