Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KR16TT191029 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # KR16TT191029
Description  Panasonic Industrial Company FERRITE CORES FOR NOISE REDUCTION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

KR16TT191029 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  KR16TT191029 Datasheet HTML 1Page - Panasonic Semiconductor KR16TT191029 Datasheet HTML 2Page - Panasonic Semiconductor KR16TT191029 Datasheet HTML 3Page - Panasonic Semiconductor KR16TT191029 Datasheet HTML 4Page - Panasonic Semiconductor KR16TT191029 Datasheet HTML 5Page - Panasonic Semiconductor KR16TT191029 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Panasonic Industrial Company
Standard quality of materials and characteristics
Quality of materials
NiZn type
MnZn type
KR16
KR50
Initial permeability
uiac
1100
5000
Flux density
Bs
mT
300
400
Retentivity
Br
mT
100
70
Coercive force
Hc
A/m
22
6
Relative loss factor
x10
2
2.5
Temperature factor
auy
X10
7
1
Curie temperature
Tc
°C
>140
>130
Resistivity
rho
Omega-m
10
1
Density
d
kg/m
5000
5000


Similar Part No. - KR16TT191029

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KR100 ETC-KR100 Datasheet
897Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
logo
Guangdong Kexin Industr...
KR107 KEXIN-KR107 Datasheet
36Kb / 1P
   1.0 A Fast Recovery Rectifiers
logo
List of Unclassifed Man...
KR120 ETC-KR120 Datasheet
897Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
logo
Wall Industries,Inc.
KR12D12-230 WALL-KR12D12-230 Datasheet
153Kb / 3P
   6 Watt DC/DC Converter Single and Dual Outputs 2:1 and 4:1 Wide Input Voltage Range
KR12D12-230 WALL-KR12D12-230 Datasheet
96Kb / 3P
   Single and Dual Outputs 6 Watt DC/DC Converters
More results

Similar Description - KR16TT191029

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECO-S1KP472DA PANASONIC-ECO-S1KP472DA Datasheet
193Kb / 10P
   Panasonic Industrial Company
logo
NEC
EB16-P1206-F NEC-EB16-P1206-F Datasheet
6Mb / 71P
   Ferrite Cores
logo
Panasonic Semiconductor
ENW89829C2JF PANASONIC-ENW89829C2JF Datasheet
1Mb / 60P
   Panasonic Industrial Devices Europe GmbH
logo
Sony Corporation
CX20099 SONY-CX20099 Datasheet
377Kb / 16P
   NOISE REDUCTION
logo
Central Technologies
CTT CT-CTT Datasheet
1Mb / 12P
   Ferrite Toroidal Cores
logo
Zoran Corporation
NRED-1 ZORAN-NRED-1 Datasheet
229Kb / 2P
   Noise Reduction Processor
logo
TDK Electronics
EPC TDK-EPC Datasheet
290Kb / 2P
   Ferrite Cores For Power Supply and Signal Transformer EPC Cores
logo
SHANGHAI BELLING CO., L...
BL6332 BELLING-BL6332 Datasheet
153Kb / 6P
   Pop noise reduction function
logo
Fairchild Semiconductor
AN4148 FAIRCHILD-AN4148 Datasheet
220Kb / 5P
   Audible Noise Reduction Techniques
logo
Laird Tech Smart Techno...
28R2170-100 LSTD-28R2170-100 Datasheet
1Mb / 38P
   Ferrite EMI Cable Cores
2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com