Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJRE18NFA Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ELJRE18NFA
Description  High Frequency Use Non Magnetic Core RF RE ND NC NA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJRE18NFA Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ELJRE18NFA Datasheet HTML 1Page - Panasonic Semiconductor ELJRE18NFA Datasheet HTML 2Page - Panasonic Semiconductor ELJRE18NFA Datasheet HTML 3Page - Panasonic Semiconductor ELJRE18NFA Datasheet HTML 4Page - Panasonic Semiconductor ELJRE18NFA Datasheet HTML 5Page - Panasonic Semiconductor ELJRE18NFA Datasheet HTML 6Page - Panasonic Semiconductor ELJRE18NFA Datasheet HTML 7Page - Panasonic Semiconductor ELJRE18NFA Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
1
10
100
1000
10
100
1000
10000
10
20
30
40
50
60
70
80
10
100
1000
10000
1N0
2N2
22N
10N
47N
R10
2N2
4N7
10N
22N
47N
R10
Frequency (MHz)
Frequency (MHz)
Typical Characteristics
● Q-Frequency Characteristics (Typ.)
L-Frequency Characteristics (Typ.)
Part No
Inductance (nH)(Typ.)
Q(Typ.)
800MHz 900MHz
1.8GHz
2.0GHz
2.4GHz
800MHz 900MHz
1.8GHz
2.0GHz
2.4GHz
ELJRF1N0
□FB
0.95
0.95
0.96
0.96
0.97
31.8
33.8
47.2
49.6
54.0
ELJRF1N2
□FB
1.23
1.24
1.24
1.25
1.25
31.0
33.0
43.4
45.6
49.7
ELJRF1N5
□FB
1.51
1.51
1.53
1.53
1.54
32.9
34.9
48.6
50.9
55.4
ELJRF1N8
□FB
1.85
1.85
1.87
1.88
1.90
31.1
33.1
45.9
48.1
52.1
ELJRF2N2
□FB
2.11
2.12
2.15
2.16
2.19
28.3
30.1
41.6
43.6
47.2
ELJRF2N7
□FB
2.63
2.63
2.68
2.70
2.73
28.0
28.7
39.6
41.4
44.7
ELJRF3N3
□FB
3.27
3.28
3.35
3.37
3.42
29.9
31.7
43.7
45.7
49.2
ELJRF3N9
□FB
3.73
3.74
3.82
3.85
3.91
29.7
31.5
43.4
45.4
48.8
ELJRF4N7
□FB
4.77
4.78
4.92
4.96
5.07
33.9
35.9
49.0
51.1
54.6
ELJRF5N6
□FB
5.70
5.70
5.80
5.90
6.20
30.0
31.0
40.0
41.0
42.8
ELJRF6N8
□FB
6.91
6.93
7.21
7.29
7.51
28.9
30.7
41.3
42.7
45.0
ELJRF8N2
□FB
8.31
8.33
8.73
8.86
9.19
31.0
32.9
43.9
45.3
47.4
ELJRF10N
□FB
10.21
10.25
10.77
10.94
11.37
29.8
31.6
42.1
43.5
45.6
ELJRF12N
□FB
12.3
12.3
13.1
13.3
14.0
30.8
32.6
42.9
44.1
45.4
ELJRF15N
□FB
15.3
15.4
16.5
16.9
17.9
28.8
30.4
39.5
40.4
41.2
ELJRF18N
□FB
18.4
18.6
20.2
20.8
22.3
31.1
32.8
41.6
42.1
41.7
ELJRF22N
□FB
23.7
23.9
27.5
28.8
32.5
31.3
32.9
39.6
39.4
37.2
ELJRF27N
□FB
28.3
28.5
32.8
34.4
38.8
28.4
29.9
36.0
35.8
33.7
ELJRF33N
□FB
34.6
35.1
43.4
46.8
57.5
28.4
29.7
33.7
32.9
29.2
ELJRF39N
□FB
40.8
41.4
49.9
53.2
63.3
25.6
26.9
31.1
30.5
27.5
ELJRF47N
□FB
49.6
50.3
62.1
66.8
81.8
22.7
23.8
26.9
26.2
23.2
ELJRF56N
□FB
58.4
59.1
69.9
74.1
86.2
23.8
25.0
28.9
28.3
25.6
ELJRF68N
□FB
71.9
72.9
90.4
97.5
119.9
22.3
23.3
25.4
24.3
20.4
ELJRF82N
□FB
86.6
87.8
107.8
115.7
140.6
21.9
22.9
25.5
24.6
21.3
ELJRFR10
□FB
105.5
106.8
128.2
136.5
161.3
21.0
21.9
25.0
24.4
21.9
□ : Symbol of Tolerance
Reference Date
ELJRF Type
Sep. 2012
01
5


Similar Part No. - ELJRE18NFA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJRE18NFA PANASONIC-ELJRE18NFA Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJRE18NFA PANASONIC-ELJRE18NFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJRE18NFA PANASONIC-ELJRE18NFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJRE18NFA PANASONIC-ELJRE18NFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJRE18NFA PANASONIC-ELJRE18NFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
More results

Similar Description - ELJRE18NFA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJRF10NJFB PANASONIC-ELJRF10NJFB Datasheet
162Kb / 8P
   High Frequency Use (Non Magnetic Core) RF, RE, ND, NC, NA RoHS compliant
ELJNDR10JF PANASONIC-ELJNDR10JF Datasheet
92Kb / 5P
   1. High Frequency Use (Non Magnetic Core) RF, ND, NC, NA
ELJRG1N0DF PANASONIC-ELJRG1N0DF Datasheet
51Kb / 1P
   Non Magnetic Core Types RG, RF, RE, NJ, ND, NC, NA Dimensions in mm (not to scale)
ELJ-NCR18JF PANASONIC-ELJ-NCR18JF Datasheet
162Kb / 8P
   High Frequency Use (Non Magnetic Core)
ELJ-RE33NJFA PANASONIC-ELJ-RE33NJFA Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJJRF PANASONIC-ELJJRF Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-EA331KF PANASONIC-ELJ-EA331KF Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-FA3R9KF PANASONIC-ELJ-FA3R9KF Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-RF5N6DFB PANASONIC-ELJ-RF5N6DFB Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
logo
Rhombus Industries Inc.
T-1474 RHOMBUS-IND-T-1474 Datasheet
19Kb / 1P
   HIGH FREQUENCY MAGNETIC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com