Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRFIC0904 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MRFIC0904
Description  900 MHz GaAs TWO STAGE DRIVER AMP INTEGRATED CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC0904 Datasheet(HTML) 6 Page - Motorola, Inc

  MRFIC0904 Datasheet HTML 1Page - Motorola, Inc MRFIC0904 Datasheet HTML 2Page - Motorola, Inc MRFIC0904 Datasheet HTML 3Page - Motorola, Inc MRFIC0904 Datasheet HTML 4Page - Motorola, Inc MRFIC0904 Datasheet HTML 5Page - Motorola, Inc MRFIC0904 Datasheet HTML 6Page - Motorola, Inc MRFIC0904 Datasheet HTML 7Page - Motorola, Inc MRFIC0904 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MRFIC0904
6
MOTOROLA RF DEVICE DATA
APPLICATIONS INFORMATION
DESIGN PHILOSOPHY
The MRFIC0904 is a versatile driver amplifier designed to
operate in the 800 MHz to 1 GHz frequency range for cellular
phone and Industrial, Scientific, and Medical (ISM) applica-
tions. The amplifier is designed using depletion mode GaAs
MESFETs to perform at high efficiency at battery voltages of
3.6 and 4.8 Volts. While designed as a driver amplifier for a
discrete transistor final stage, the device can act as a power
amplifier for lower power systems such as ISM applications
in telemetry and cordless telephones.
THEORY OF OPERATION
The MRFIC0904 has various control features making it ver-
satile and applicable to both linear and saturated applications.
The BIAS pin allows the setting of drain quiescent current. For
non–linear applications such as GSM cellular, the pin can be
grounded. For better gain and linearity, a positive voltage up
to about 0.6 Volts can be applied. The PCNTRL pin allows
the control of the output power over a wide dynamic range
with low AM to AM distortion such as is required in GSM and
other cellular systems. As shown in Figures 6 through 9,
PCNTRL affects both the output power and the drain current
thus maintaining good efficiency over a range of output pow-
er. The ENABLE pin is used to control the on–off state of the
device and is useful as a reduced current standby control. A
logic high signal of more than 2.5 Volts turns the device on. A
logic low signal of less than 0.5 Volts reduces total supply
current to typically less than 200
µA.
EVALUATION BOARDS
Evaluation boards are available for RF Monolithic Inte-
grated Circuits by adding a “TF” suffix to the device type.
For a complete list of currently available boards and ones
in development for newly introduced product, please con-
tact your local Motorola Distributor or Sales Office.


Similar Part No. - MRFIC0904

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC0903 MOTOROLA-MRFIC0903 Datasheet
193Kb / 8P
   ANTENNA SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
More results

Similar Description - MRFIC0904

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC2006 MOTOROLA-MRFIC2006 Datasheet
165Kb / 8P
   900 MHz 2 STAGE PA SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC2004 MOTOROLA-MRFIC2004 Datasheet
179Kb / 7P
   900 MHz DRIVER & RAMP SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC0912 MOTOROLA-MRFIC0912 Datasheet
120Kb / 6P
   900 MHz GaAs INTEGRATED POWER AMPLIFIER
MRFIC0913 MOTOROLA-MRFIC0913 Datasheet
140Kb / 8P
   900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0917 MOTOROLA-MRFIC0917 Datasheet
168Kb / 10P
   900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
ANADIGICS, Inc
AWT921S11 ANADIGICS-AWT921S11 Datasheet
335Kb / 5P
   Integrated High Power Amp 900 MHz
logo
NTE Electronics
NTE2080 NTE-NTE2080 Datasheet
23Kb / 2P
   Integrated Circuit 7-Stage Driver Array
NTE2081 NTE-NTE2081 Datasheet
22Kb / 2P
   Integrated Circuit 7-Stage Driver Array
logo
Motorola, Inc
MRFIC2002 MOTOROLA-MRFIC2002 Datasheet
184Kb / 6P
   900 MHz TX-MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC2101 MOTOROLA-MRFIC2101 Datasheet
124Kb / 10P
   900 MHz TX-MIXER/EXCITER SILICON MONOLITHIC INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com