Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33269D Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC33269D
Description  800 mA, Adjustable Output, Low Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33269D Datasheet(HTML) 4 Page - ON Semiconductor

  MC33269D Datasheet HTML 1Page - ON Semiconductor MC33269D Datasheet HTML 2Page - ON Semiconductor MC33269D Datasheet HTML 3Page - ON Semiconductor MC33269D Datasheet HTML 4Page - ON Semiconductor MC33269D Datasheet HTML 5Page - ON Semiconductor MC33269D Datasheet HTML 6Page - ON Semiconductor MC33269D Datasheet HTML 7Page - ON Semiconductor MC33269D Datasheet HTML 8Page - ON Semiconductor MC33269D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC33269, NCV33269
http://onsemi.com
4
IO, OUTPUT LOAD CURRENT (mA)
Figure 2. Dropout Voltage versus
Output Load Current
1.5
1.3
1.1
0.9
0.7
0.5
0
200
400
600
800
1000
Figure 3. Transient Load Regulation
20 ms/DIV
Cin = 10 mF
CO = 10 mF Tantalum
Vin = VO + 3.0 V
Preload = 0.1 A
0 A
0.5 A
100
TA = 25C
TA = -40C
TA = 125C
mV/Div
-55
900
-25
0
25
50
75
100
125
940
980
1020
1060
1100
Figure 4. Dropout Voltage
versus Temperature
Figure 5. MC33269−XX Output DC Current versus
Input−Output Differential Voltage
TA, AMBIENT TEMPERATURE (C)
IO = 800 mA
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
2.0
4.0
6.0
8.0
10
12
14
16
INPUT-OUTPUT VOLTAGE DIFFERENTIAL (V)
TA = 25C
MC33269D-XX
L = 25 mm Copper
70
0.1
1.0
10
100
60
50
40
30
20
Figure 6. MC33269 Ripple Rejection
versus Frequency
Figure 7. MC33269−ADJ Ripple Rejection
versus Frequency
f, FREQUENCY (kHz)
20
30
40
50
60
70
100
10
1.0
f, FREQUENCY (kHz)
Vin = 8.0 V
Vout = 5.0 V
IL = 800 mA
CAdj = 22 mF
TA = 25C
0.1
Vin = VO + 3.0 V
IL = 800 mA
TA = 25C
VO = 12 V
VO = 3.3 V or 5.0 V


Similar Part No. - MC33269D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33269D ONSEMI-MC33269D Datasheet
133Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269D ONSEMI-MC33269D Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269D ONSEMI-MC33269D Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269D ONSEMI-MC33269D Datasheet
268Kb / 12P
   800 mA, Adjustable Output,Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269D ONSEMI-MC33269D Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
More results

Similar Description - MC33269D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33269D-33G ONSEMI-MC33269D-33G Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DR2-50G ONSEMI-MC33269DR2-50G Datasheet
268Kb / 12P
   800 mA, Adjustable Output,Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DG ONSEMI-MC33269DG Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DG ONSEMI-MC33269DG Datasheet
287Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269T-50G ONSEMI-MC33269T-50G Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DT-5.0G ONSEMI-MC33269DT-5.0G Datasheet
287Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269 ONSEMI-MC33269 Datasheet
133Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269 ONSEMI-MC33269 Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269 ONSEMI-MC33269_14 Datasheet
151Kb / 12P
   Adjustable Output Low Dropout Voltage Regulator
August, 2014 ??Rev. 28
logo
Texas Instruments
LM1117 TI1-LM1117_16 Datasheet
2Mb / 36P
[Old version datasheet]   800-mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com