Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR2100ERL Datasheet(PDF) 3 Page - ON Semiconductor

Part # MUR2100ERL
Description  SWITCHMODE Power Rectifier Ultrafast ?쏣??Series with High Reverse Energy Capability
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUR2100ERL Datasheet(HTML) 3 Page - ON Semiconductor

  MUR2100ERL Datasheet HTML 1Page - ON Semiconductor MUR2100ERL Datasheet HTML 2Page - ON Semiconductor MUR2100ERL Datasheet HTML 3Page - ON Semiconductor MUR2100ERL Datasheet HTML 4Page - ON Semiconductor MUR2100ERL Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MUR2100E
http://onsemi.com
3
VR, REVERSE VOLTAGE (V)
Figure 3. Maximum Reverse Current
VR, REVERSE VOLTAGE (V)
Figure 4. Typical Reverse Current
IF(AV), AVERAGE FORWARD CURRENT (A)
TA, AMBIENT TEMPERATURE (°C)
Figure 5. Current Derating
Figure 6. Power Dissipation
Figure 7. Typical Capacitance
VR, REVERSE VOLTAGE (V)
1.0E−08
1.0E−07
1.0E−06
1.0E−05
1.0E−04
1.0E−03
1.0E−02
1.0E−01
0
200
400
600
800
1000
100
°C
VR @ 175°C
25
°C
150
°C
1.0E−08
1.0E−07
1.0E−06
1.0E−05
1.0E−04
1.0E−03
1.0E−02
1.0E−01
0
200
400
600
800
1000
VR @ 175°C
25
°C
150
°C
100
°C
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
50
100
150
200
DC
SQUARE WAVE
0
1
2
3
4
0
0.5
1
1.5
2
2.5
DC
SQUARE WAVE
1
10
100
0
20
40
60
80
100 120 140 160 180 200


Similar Part No. - MUR2100ERL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR2100ERL ONSEMI-MUR2100ERL Datasheet
51Kb / 6P
   Ultrafast ?쏣??Series with High Reverse Energy Capability
July, 2004 ??Rev. 4
More results

Similar Description - MUR2100ERL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR2100E ONSEMI-MUR2100E Datasheet
51Kb / 6P
   Ultrafast ?쏣??Series with High Reverse Energy Capability
July, 2004 ??Rev. 4
logo
Kersemi Electronic Co.,...
MUR8100E KERSEMI-MUR8100E Datasheet
801Kb / 6P
   Ultrafast ?쏣?쇺? Series with High Reverse Energy Capability
logo
ON Semiconductor
MSRD620CTRG ONSEMI-MSRD620CTRG Datasheet
130Kb / 5P
   SWITCHMODE Soft Ultrafast Recovery Reverse Polarity Power Rectifier
January, 2012 ??Rev. 3
MSRD620CTRG ONSEMI-MSRD620CTRG_12 Datasheet
137Kb / 5P
   SWITCHMODE Soft Ultrafast Recovery Reverse Polarity Power Rectifier
January, 2012 ??Rev. 3
MUR2020R ONSEMI-MUR2020R_13 Datasheet
100Kb / 5P
   SWITCHMODE Ultrafast Power Rectifier
July, 2013 ??Rev. 5
logo
Unisonic Technologies
UMUR2020 UTC-UMUR2020 Datasheet
117Kb / 3P
   SWITCHMODE ULTRAFAST POWER RECTIFIER
logo
ON Semiconductor
MUR2020R ONSEMI-MUR2020R Datasheet
41Kb / 4P
   SWITCHMODE Ultrafast Power Rectifier
October, 2000 ??Rev. 2
logo
Unisonic Technologies
U30D40D UTC-U30D40D Datasheet
126Kb / 3P
   SWITCHMODE DUAL ULTRAFAST POWER RECTIFIER
logo
NTE Electronics
NTE6246 NTE-NTE6246 Datasheet
20Kb / 2P
   Ultrafast Switchmode Power Rectifier, 30 Amp
logo
ON Semiconductor
MSRD620CT ONSEMI-MSRD620CT Datasheet
73Kb / 6P
   SWITCHMODE Soft Ultrafast Recovery Power Rectifier
August, 2004 ??Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com