Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5641BKSZ-REEL7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5641BKSZ-REEL7
Description  SPI Interface in LFCSP and SC70
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5641BKSZ-REEL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5641BKSZ-REEL7 Datasheet HTML 5Page - Analog Devices AD5641BKSZ-REEL7 Datasheet HTML 6Page - Analog Devices AD5641BKSZ-REEL7 Datasheet HTML 7Page - Analog Devices AD5641BKSZ-REEL7 Datasheet HTML 8Page - Analog Devices AD5641BKSZ-REEL7 Datasheet HTML 9Page - Analog Devices AD5641BKSZ-REEL7 Datasheet HTML 10Page - Analog Devices AD5641BKSZ-REEL7 Datasheet HTML 11Page - Analog Devices AD5641BKSZ-REEL7 Datasheet HTML 12Page - Analog Devices AD5641BKSZ-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD5641
Rev. D | Page 9 of 20
–1.6
–1.5
–1.4
–1.3
–1.2
–1.1
–1.0
–0.9
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
VDD = VREF = 5V
VDD = VREF = 3V
Figure 17. Offset Error vs. Temperature (3 V/5 V Supply)
–0.016
–0.014
–0.012
–0.010
–0.008
–0.006
–0.004
–0.002
0
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
VDD = 3V
VDD = 5V
Figure 18. Gain Error vs. Temperature (3 V/5 V)
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
VDD = 3V
VDD = 5V
Figure 19. Supply Current vs. Temperature (3 V/5 V Supply)
0
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
2.7
3.2
3.7
4.2
4.7
5.2
SUPPLY VOLTAGE (V)
TA = 25°C
0.01
Figure 20. Supply Current vs. Supply Voltage at 25°C
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
–15
–10
–5
0
5
10
15
I (mA)
DAC LOADED WITH ZERO-SCALE CODE
VDD = 5V
TA = 25°C
DAC LOADED WITH FULL-SCALE CODE
Figure 21. Sink and Source Capability
0
10
20
30
40
50
60
70
0
2000
4000
6000
8000
10000 12000 14000 16000
DIGITAL INPUT CODE
VDD = 5V
VDD = 3V
Figure 22. Supply Current vs. Digital Input Code


Similar Part No. - AD5641BKSZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5641BKS AD-AD5641BKS Datasheet
572Kb / 20P
   2.7 V to 5.5 V, <100 uA, 14-Bit nanoDAC D/A in SC70 Package
Rev. PrC
More results

Similar Description - AD5641BKSZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5611 AD-AD5611_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5621 AD-AD5621_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601_13 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5621AKSZ AD-AD5621AKSZ Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5626 AD-AD5626 Datasheet
794Kb / 20P
   5V,12-Bit nanoDAC, Serial Interface in MSOP and LFCSP Packages
REV. 0
AD7946 AD-AD7946_17 Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
AD7944 AD-AD7944_17 Datasheet
689Kb / 29P
   15.5 mW ADC in LFCSP
logo
ATMEL Corporation
AT73C209 ATMEL-AT73C209_14 Datasheet
1Mb / 63P
   SPI Interface and Internal Programming Registers
logo
ams AG
AS3693C-9 AMSCO-AS3693C-9 Datasheet
1Mb / 30P
   SPI interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com