Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7376ARUZ10 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7376ARUZ10
Description  128-Position Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7376ARUZ10 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7376ARUZ10 Datasheet HTML 5Page - Analog Devices AD7376ARUZ10 Datasheet HTML 6Page - Analog Devices AD7376ARUZ10 Datasheet HTML 7Page - Analog Devices AD7376ARUZ10 Datasheet HTML 8Page - Analog Devices AD7376ARUZ10 Datasheet HTML 9Page - Analog Devices AD7376ARUZ10 Datasheet HTML 10Page - Analog Devices AD7376ARUZ10 Datasheet HTML 11Page - Analog Devices AD7376ARUZ10 Datasheet HTML 12Page - Analog Devices AD7376ARUZ10 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD7376
Rev. D | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
–0.5
–0.4
–0.3
–0.2
–0.1
0.1
0.2
0.3
0.4
0.5
0
CODE (Decimal)
0
128
16
32
48
64
80
96
112
VDD = +15V
VSS = –15V
–40°C
+85°C
+25°C
Figure 6. Resistance Step Position Nonlinearity Error vs. Code
CODE (Decimal)
0
128
16
32
48
64
80
96
112
–0.5
–0.4
–0.3
–0.2
–0.1
0.1
0.2
0.3
0.4
0.5
0
VDD = +15V
VSS = –15V
–40°C
+85°C
+25°C
Figure 7. Relative Resistance Step Change from Ideal vs. Code
CODE (Decimal)
0
128
16
32
48
64
80
96
112
–0.5
–0.4
–0.3
–0.2
–0.1
0.1
0.2
0.3
0.4
0.5
0
VDD = +15V
VSS = –15V
–40°C
+85°C
+25°C
Figure 8. Potentiometer Divider Nonlinearity Error vs. Code
CODE (Decimal)
0
128
16
32
48
64
80
96
112
–0.5
–0.4
–0.3
–0.2
–0.1
0.1
0.2
0.3
0.4
0.5
0
VDD = +15V
VSS = –15V
–40°C
+85°C
+25°C
Figure 9. Potentiometer Divider Differential Nonlinearity Error vs. Code
20
–4
–40
TEMPERATURE (°C)
16
12
8
4
0
–20
0
20
40
60
80
100
120
IDD @ VDD/VSS = 30V/0V
IDD @ VDD/VSS = ±15V
ISS @ VDD/VSS = 30V/0V
ISS @ VDD/VSS = ±15V
Figure 10. Supply Current (IDD, ISS) vs. Temperature
0.5
–0.5
–40
TEMPERATURE (ºC)
–20
0
20
40
60
80
100
120
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
Figure 11. Shutdown Current vs. Temperature


Similar Part No. - AD7376ARUZ10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7376ARU10 AD-AD7376ARU10 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376ARU100 AD-AD7376ARU100 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376ARU1M AD-AD7376ARU1M Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376ARU50 AD-AD7376ARU50 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
More results

Similar Description - AD7376ARUZ10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5247BKSZ100-2RL7 AD-AD5247BKSZ100-2RL7 Datasheet
489Kb / 20P
   128-Position I2C-Compatible Digital Potentiometer
Rev. F
AD5247 AD-AD5247 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
AD5123BCPZ100-RL7 AD-AD5123BCPZ100-RL7 Datasheet
642Kb / 28P
   Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
REV. A
AD7376 AD-AD7376_15 Datasheet
452Kb / 20P
   30 V/15 V Operation 128-Position Digital Potentiometer
REV. D
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
AD5122A AD-AD5122A_17 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5121 AD-AD5121 Datasheet
673Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com