Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEV18012 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AEV18012
Description  Capsule contact Mechanism and High-capacity Cut-off Compact Relay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AEV18012 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AEV18012 Datasheet HTML 1Page - Panasonic Semiconductor AEV18012 Datasheet HTML 2Page - Panasonic Semiconductor AEV18012 Datasheet HTML 3Page - Panasonic Semiconductor AEV18012 Datasheet HTML 4Page - Panasonic Semiconductor AEV18012 Datasheet HTML 5Page - Panasonic Semiconductor AEV18012 Datasheet HTML 6Page - Panasonic Semiconductor AEV18012 Datasheet HTML 7Page - Panasonic Semiconductor AEV18012 Datasheet HTML 8Page - Panasonic Semiconductor AEV18012 Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
EV (AEV)
ASCTB233E 201209-T
2. Specifications
Notes: *1. This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load.
*2. The electrical load performance value for the 10A, 20A, 80A, 120A and 200A types applies when a varistor is connected in parallel to the coil. Please be warned
that working life will be reduced when a diode is used.
*3. Condition: Nominal switching 10 cycles, each cut-off 2,500 A
*4. The coil voltage 12 V DC type and 24 V DC type have the same specifications.
*5. at L/R
1ms
Characteristics
Item
Specifications
10A type
20A type
80A type
120 A type
200 A type
300 A type
Contact rating
Contact arrangement
1 Form A
Nominal switching capacity
(resistive load)
10A 400V DC
20A 400V DC
80A 400V DC
120A 400V DC
(Carry current)
200A 400V DC
300A 400V DC
Short term current
15A 2min,
30A 30sec
(2mm2)
40A 10min,
60A 1min (3mm2)
120A 15min,
180A 2min
(15mm2)
225A 3min,
400A 30sec.
(38mm2)
300A 15min,
(60mm2)
400A 10min,
600A 1min.
(100mm2)
Min. switching capacity
(resistive load)*1
1A 12V DC*1
1A 12V DC*1
1A 12V DC*1
1A 12V DC*1
1A 12V DC*1
1A 24V DC*1
Max. cut-off current*5
——
800A 300V DC
(Min. 1 cycle)*2, 5
1,200A 300V DC
(Min. 1 cycle)*2, 5
2,000A 350V DC
(Min. 1 cycle)*2, 5
2,500A 300V DC
(Min. 3 cycles)*3, 5
Overload opening/closing
rating*5
30A 400V DC
(Min. 50
cycles)*2, 5
60A 400V DC
(Min. 50
cycles)*2, 5
120A 400V DC
(Min. 50
cycles)*2, 5
800A 300V DC
(Min. 5 cycles)*2, 5
120A 400V DC
(Min. 50
cycles)*2, 5
600A 400V DC
(Min. 300 cycles)
Reverse direction cut-off*5
——
–120A 200V DC
(Min. 50
cycles)*2, 5
–120A 200V DC
(Min. 50
cycles)*2, 5
–200A 200V DC
(Min. 1,000
cycles)*2, 5
–300A 200V DC
(Min. 100 cycles)
Contact voltage drop (Initial)
Max. 0.5V
(By voltage drop
6 V DC 10A)
Max. 0.2V
(By voltage drop
6 V DC 20A)
Max. 0.067V
(By voltage drop
6 V DC 20A)
Max. 0.03V
(By voltage drop
6 V DC 20A)
Max. 0.1V
(200 A Carry
current)
Max. 0.06V
(300 A Carry
current)
Electrical
characteristics
Insulation resistance (Initial)
Min. 100M
Ω (at 500 V DC, Measurement at same location as “Initial breakdown voltage” section.)
Breakdown
voltage
(Initial)
Between open
contacts
2,500Vrms/min. (Detection current: 10mA)
Between
contact and coil
2,500Vrms/min. (Detection current: 10mA)
Operate time (at 20
°C 68°F)
Max. 50ms
(Nominal coil voltage applied to the coil, excluding contact bounce time.)
Max. 30ms
(Nominal coil
voltage applied to
the coil, excluding
contact bounce
time.)
Release time (at 20
°C 68°F)
Max. 30ms
(Nominal coil voltage applied to the coil, without diode.)
Max. 10ms
(Nominal coil
voltage applied to
the coil, without
diode.)
Mechanical
characteristics
Shock
resistance
Functional
Min. 196m/s2 {20
G} (Half-wave
pulse of sine
wave: 11ms;
detection time:
10
µs)
For ON: Min. 196m/s2 {20 G} (Half-wave pulse of sine wave: 11ms; detection time: 10
µs)
For OFF: Min. 98m/s2 {10 G} (Half-wave pulse of sine wave: 11ms; detection time: 10
µs)
Destructive
Min. 490 m/s2 {50 G} (Half-wave pulse of sine wave: 6ms)
Vibration
resistance
Functional
10 to 200 Hz, Min.43 m/s2 {4.4 G} (Detection time: 10
µs)
10 to 200 Hz,
Min. 44 m/s2
{4.5 G} (Detection
time: 10
µs)
Destructive
10 to 200 Hz, Min.43 m/s2 {4.4 G}
(Time of vibration for each direction; X, Y, Z direction: 4 hours)
10 to 200 Hz,
Min. 44 m/s2
{4.5 G} (Time of
vibration for each
direction; X, Y, Z
direction: 4 hours)
Expected life
Mechanical
Min. 105
Min. 2
×105
Electrical (resistive load)
10A 400V DC
Min. 75,000*2
20A 400V DC
Min. 3,000*2
80A 400V DC
Min. 1,000*2
30A 400V DC
Min. 3,000*2
200A 400V DC
Min. 3,000*2
300A 400V DC
Min. 1,000
Conditions
Conditions for operation,
transport and storage
Ambient temperature:
–40 to +80
°C –40 to +176°F (Storage: Max. 85°C 185°F),
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Ambient temperature:
–40 to +85
°C –40 to +185°F
(Storage: Max.85
°C 185°F),
Humidity: 5 to 85% R.H. (Not freezing
and condensing at low temperature)
Mass (Approx.)
90 g 3.17 oz
180 g 6.35 oz
400 g 14.11 oz
400 g 14.11 oz
600 g 21.16 oz
750 g 26.46 oz


Similar Part No. - AEV18012

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AEV14012W PANASONIC-AEV14012W Datasheet
203Kb / 9P
   Compact and lightweight
More results

Similar Description - AEV18012

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AEP25012 PANASONIC-AEP25012 Datasheet
230Kb / 8P
   HIGH VOLTAGE AND CURRENT CUT-OFF CAPACITY IN A COMPACT PACKAGE
logo
List of Unclassifed Man...
FXE ETC2-FXE Datasheet
54Kb / 2P
   Low Profile Compact Size / High Contact Capacity
logo
Panasonic Semiconductor
HL2-HP-DC24V-F PANASONIC-HL2-HP-DC24V-F Datasheet
250Kb / 1P
   HL Series Line Extension Compact, High Capacity Power Relay
logo
List of Unclassifed Man...
HY1A1230AC ETC2-HY1A1230AC Datasheet
199Kb / 2P
   High Capacity Relay HY
logo
Molex Electronics Ltd.
11-18-4447 MOLEX11-11-18-4447 Datasheet
30Kb / 1P
   Cut-off Punch
0011184403 MOLEX11-0011184403 Datasheet
20Kb / 1P
   Cut-off Punch
0011404420 MOLEX11-0011404420 Datasheet
20Kb / 1P
   Cut Off Punch
logo
List of Unclassifed Man...
HY1A112DC ETC2-HY1A112DC Datasheet
199Kb / 2P
   High Capacity Relay HY
logo
Molex Electronics Ltd.
11-18-4109 MOLEX11-11-18-4109 Datasheet
32Kb / 1P
   Cut-off Punch
63469-0004 MOLEX11-63469-0004 Datasheet
31Kb / 1P
   Cut-off Punch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com