Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEV17024 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AEV17024
Description  Capsule contact Mechanism and High-capacity Cut-off Compact Relay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AEV17024 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AEV17024 Datasheet HTML 1Page - Panasonic Semiconductor AEV17024 Datasheet HTML 2Page - Panasonic Semiconductor AEV17024 Datasheet HTML 3Page - Panasonic Semiconductor AEV17024 Datasheet HTML 4Page - Panasonic Semiconductor AEV17024 Datasheet HTML 5Page - Panasonic Semiconductor AEV17024 Datasheet HTML 6Page - Panasonic Semiconductor AEV17024 Datasheet HTML 7Page - Panasonic Semiconductor AEV17024 Datasheet HTML 8Page - Panasonic Semiconductor AEV17024 Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
EV (AEV)
ASCTB233E 201209-T
REFERENCE DATA
1.-(1) Ambient temperature characteristics
(10 A type)
Sample: EV relay 10 A, 3 pcs.
1.-(2) Ambient temperature characteristics
(20 A type)
Sample: EV relay 20 A, 3 pcs.
1.-(3) Ambient temperature characteristics
(80 A type)
Sample: EV relay 80 A, 3 pcs.
Pick-Up
voltage
Drop-out
voltage
-40
-20
-30
-10
-20
-40
X
X
0
40
60
80
Ambient
temperature,
°C
40
30
20
10
20
-40
-20
-30
-10
-20
-40
0
40
60
80
Ambient
temperature,
°C
40
30
20
10
Drop-out
voltage
Pick-Up
voltage
20
-40
-20
-30
-10
-20
-40
0
40
60
80
Ambient
temperature,
°C
40
30
20
10
Pick-Up
voltage
Drop-out
voltage
20
1.-(4) Ambient temperature characteristics
(120 A type)
Sample: EV relay 120 A, 3 pcs.
1.-(5) Ambient temperature characteristics
(200 A type)
Sample: EV relay 200 A, 3 pcs.
1.-(6) Ambient temperature characteristics
(300 A type)
Sample: EV relay 300 A, 3 pcs.
-40
-20
-30
-10
-20
-40
0
40
20
60
80
Ambient
temperature,
°C
40
30
20
10
Drop-out
voltage
Pick-Up
voltage
-40
-20
-30
-10
-20
-40
-50
0
40
20
60
80
Ambient
temperature,
°C
40
50
30
20
10
Drop-out voltage
Pick-Up voltage
-40
-20
-30
-10
-20
-40
040
20
60
80
Ambient
temperature,
°C
40
30
20
10
Pick-Up
voltage
Drop-out
voltage
2. Max. value for switching capacity
When 400 V DC resistive load
3. Switching life curve (Forward direction)
When 400 V DC resistive load
4. Cut-off life curve (Forward direction)
Contact voltage, V
110
100
1000
1000
100
10
1
300 A type
120 A type
80 A type
10 A type
20 A type
200 A type
Contact current, A
1
1
10
100
1000
10000
100000
10
100
1000
10 A type
80 A type
120 A type
300 A type
200 A type
20 A type
Cut-off current, A
100
1000
10000
120 A type,
400 V DC
resistive load
(for Min. 600 A,
300 V DC)
200 A type,
400 V DC resistive load
(for Min. 900 A, 350 V DC)
300 A type,
400 V DC resistive load
(for Min. 900 A,
300 V DC)
80 A type,
400 V DC resistive load
(for Min. 600 A,
300 V DC)
1000
100
10
1
5. Carrying performance curve (80
°C 176°F)
*For 200 A and 300 A, at 85
°C 185°F
Carrying current, A
10
5
10
4
1000
100
10
110
100
1000
120 A type
300 A type
200 A type
20 A type
10 A type
80 A type


Similar Part No. - AEV17024

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AEV14012W PANASONIC-AEV14012W Datasheet
203Kb / 9P
   Compact and lightweight
More results

Similar Description - AEV17024

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AEP25012 PANASONIC-AEP25012 Datasheet
230Kb / 8P
   HIGH VOLTAGE AND CURRENT CUT-OFF CAPACITY IN A COMPACT PACKAGE
logo
List of Unclassifed Man...
FXE ETC2-FXE Datasheet
54Kb / 2P
   Low Profile Compact Size / High Contact Capacity
logo
Panasonic Semiconductor
HL2-HP-DC24V-F PANASONIC-HL2-HP-DC24V-F Datasheet
250Kb / 1P
   HL Series Line Extension Compact, High Capacity Power Relay
logo
List of Unclassifed Man...
HY1A1230AC ETC2-HY1A1230AC Datasheet
199Kb / 2P
   High Capacity Relay HY
logo
Molex Electronics Ltd.
11-18-4447 MOLEX11-11-18-4447 Datasheet
30Kb / 1P
   Cut-off Punch
0011184403 MOLEX11-0011184403 Datasheet
20Kb / 1P
   Cut-off Punch
0011404420 MOLEX11-0011404420 Datasheet
20Kb / 1P
   Cut Off Punch
logo
List of Unclassifed Man...
HY1A112DC ETC2-HY1A112DC Datasheet
199Kb / 2P
   High Capacity Relay HY
logo
Molex Electronics Ltd.
11-18-4109 MOLEX11-11-18-4109 Datasheet
32Kb / 1P
   Cut-off Punch
63469-0004 MOLEX11-63469-0004 Datasheet
31Kb / 1P
   Cut-off Punch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com