Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9952YSV-REEL7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9952YSV-REEL7
Description  400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9952YSV-REEL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9952YSV-REEL7 Datasheet HTML 4Page - Analog Devices AD9952YSV-REEL7 Datasheet HTML 5Page - Analog Devices AD9952YSV-REEL7 Datasheet HTML 6Page - Analog Devices AD9952YSV-REEL7 Datasheet HTML 7Page - Analog Devices AD9952YSV-REEL7 Datasheet HTML 8Page - Analog Devices AD9952YSV-REEL7 Datasheet HTML 9Page - Analog Devices AD9952YSV-REEL7 Datasheet HTML 10Page - Analog Devices AD9952YSV-REEL7 Datasheet HTML 11Page - Analog Devices AD9952YSV-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD9952
Rev. B | Page 8 of 28
Pin No.
Mnemonic
I/O
Description
23
DACBP
I
DAC Biasline Decoupling Pin. A 0.1 μF capacitor to AGND is recommended.
24
DAC_R
SET
I
A resistor (3.92 kΩ nominal) connected from AGND to DAC_R
SET establishes the reference current
for the DAC.
28
COMP_OUT
O
Comparator Output.
30
COMP_IN
I
Comparator Input.
31
COMP_IN
I
Comparator Complementary Input.
35
PWRDWNCTL
I
Input Pin Used as an External Power-Down Control. See Table 7 for additional information.
36
RESET
I
Active High Hardware Reset Pin. Assertion of the RESET pin forces the AD9952 to the initial state,
as described in the I/O port register map (see Table 5).
37
IOSYNC
I
Asynchronous Active High Reset of the Serial Port Controller. When high, the current I/O
operation is immediately terminated, enabling a new I/O operation to commence once IOSYNC is
returned low. If unused, ground this pin; do not allow this pin to float.
38
SDO
O
When operating the I/O port as a 3-wire serial port, this pin serves as the serial data output. When
operated as a 2-wire serial port, this pin is unused and can be left unconnected.
39
CS
I
This pin functions as an active low chip select that allows multiple devices to share the I/O bus.
40
SCLK
I
This pin functions as the serial data clock for I/O operations.
41
SDIO
I/O
When operating the I/O port as a 3-wire serial port, this pin serves as the serial data input only.
When operated as a 2-wire serial port, this pin is the bidirectional serial data pin.
43
DVDD_I/O
I
Digital Power Supply. For I/O cells only, 3.3 V.
44
SYNC_IN
I
Input signal used to synchronize multiple AD9952s. This input is connected to the SYNC_CLK
output of a master AD9952.
45
SYNC_CLK
O
Clock output pin that serves as a synchronizer for external hardware.
46
OSK
I
Input pin used to control the direction of the shaped on-off keying function when programmed
for operation. OSK is synchronous to the SYNC_CLK pin. When OSK is not programmed, this pin
should be tied to DGND.
Paddle
Exposed Paddle
I
The exposed paddle on the bottom of the package is a ground connection for the DAC and must
be attached to AGND in any board layout. Note that Pin 43, DVDD_I/O, can be powered to 1.8 V or
3.3 V; however, the DVDD pins (Pin 2 and Pin 34) can only be powered to 1.8 V.


Similar Part No. - AD9952YSV-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9952YSV-REEL7 AD-AD9952YSV-REEL7 Datasheet
731Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
More results

Similar Description - AD9952YSV-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9953YSVZ AD-AD9953YSVZ Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9951 AD-AD9951 Datasheet
825Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Rev. 0
AD9952 AD-AD9952 Datasheet
731Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
AD9953 AD-AD9953_15 Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9954 AD-AD9954 Datasheet
1Mb / 36P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
AD9951 AD-AD9951_15 Datasheet
480Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9954 AD-AD9954_09 Datasheet
472Kb / 40P
   400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
REV. B
AD9951YSVZ AD-AD9951YSVZ Datasheet
480Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9952 AD-AD9952_15 Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9859 AD-AD9859 Datasheet
574Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com