Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9248BCPZ-40 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9248BCPZ-40
Description  14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9248BCPZ-40 Datasheet(HTML) 3 Page - Analog Devices

  AD9248BCPZ-40 Datasheet HTML 1Page - Analog Devices AD9248BCPZ-40 Datasheet HTML 2Page - Analog Devices AD9248BCPZ-40 Datasheet HTML 3Page - Analog Devices AD9248BCPZ-40 Datasheet HTML 4Page - Analog Devices AD9248BCPZ-40 Datasheet HTML 5Page - Analog Devices AD9248BCPZ-40 Datasheet HTML 6Page - Analog Devices AD9248BCPZ-40 Datasheet HTML 7Page - Analog Devices AD9248BCPZ-40 Datasheet HTML 8Page - Analog Devices AD9248BCPZ-40 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
AD9248
Rev. B | Page 3 of 48
SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 3 V, DRVDD = 2.5 V, maximum sample rate, CLK_A = CLK_B; AIN = −0.5 dBFS differential input, 1.0 V internal reference,
TMIN to TMAX, DCS enabled, unless otherwise noted.
Table 1.
Test
AD9248BST/BCP-20
AD9248BST/BCP-40
AD9248BST/BCP-65
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
Full
VI
14
14
14
Bits
ACCURACY
No Missing Codes Guaranteed
Full
VI
14
14
14
Bits
Offset Error
25°C
I
±0.2
±1.3
±0.2
±1.3
±0.2
±1.3
% FSR
Gain Error1
Full
IV
±0.25
±2.2
±0.3
±2.4
±0.5
±2.5
% FSR
Differential Nonlinearity (DNL)2
Full
V
±0.65
±0.65
±0.7
LSB
25°C
IV
±0.6
±1.0
±0.6
±1.0
±0.65
±1.0
LSB
Integral Nonlinearity (INL)2
Full
V
±2.7
±2.7
±2.8
LSB
25°C
IV
±2.3
±4.5
±2.3
±4.5
±2.4
±4.5
LSB
TEMPERATURE DRIFT
Offset Error
Full
V
±2
±2
±3
ppm/°C
Gain Error1
Full
V
±12
±12
±12
ppm/°C
INTERNAL VOLTAGE REFERENCE
Output Voltage Error (1 V Mode)
Full
VI
±5
±35
±5
±35
±5
±35
mV
Load Regulation @ 1.0 mA
Full
V
0.8
0.8
0.8
mV
Output Voltage Error (0.5 V Mode)
Full
V
±2.5
±2.5
±2.5
mV
Load Regulation @ 0.5 mA
Full
V
0.1
0.1
0.1
mV
INPUT REFERRED NOISE
Input Span = 1 V
25°C
V
2.1
2.1
2.1
LSB rms
Input Span = 2.0 V
25°C
V
1.05
1.05
1.05
LSB rms
ANALOG INPUT
Input Span = 1.0 V
Full
IV
1
1
1
V p-p
Input Span = 2.0 V
Full
IV
2
2
2
V p-p
Input Capacitance3
Full
V
7
7
7
pF
REFERENCE INPUT RESISTANCE
Full
V
7
7
7
POWER SUPPLIES
Supply Voltages
AVDD
Full
IV
2.7
3.0
3.6
2.7
3.0
3.6
2.7
3.0
3.6
V
DRVDD
Full
IV
2.25
3.0
3.6
2.25
3.0
3.6
2.25
3.0
3.6
V
Supply Current
IAVDD2
Full
V
60
110
200
mA
IDRVDD2
Full
V
5
11
16
mA
PSRR
Full
V
±0.01
±0.01
±0.01
% FSR
POWER CONSUMPTION
DC Input4
Full
V
180
330
600
mW
Sine Wave Input2
Full
VI
190
217
360
400
640
700
mW
Standby Power5
Full
V
2.0
2.0
2.0
mW


Similar Part No. - AD9248BCPZ-40

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9248BCPZ-40 AD-AD9248BCPZ-40 Datasheet
419Kb / 23P
   14-Bit, 20/40/65 MSPS Dual A/ D Converter
Rev. PrE 6/29/2004
AD9248BCPZ-40 AD-AD9248BCPZ-40 Datasheet
1Mb / 49P
   Dual A/D Converter
More results

Similar Description - AD9248BCPZ-40

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6644 AD-AD6644 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com