Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2843B Datasheet(PDF) 6 Page - STMicroelectronics

Part # UC2843B
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UC2843B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UC2843B Datasheet HTML 2Page - STMicroelectronics UC2843B Datasheet HTML 3Page - STMicroelectronics UC2843B Datasheet HTML 4Page - STMicroelectronics UC2843B Datasheet HTML 5Page - STMicroelectronics UC2843B Datasheet HTML 6Page - STMicroelectronics UC2843B Datasheet HTML 7Page - STMicroelectronics UC2843B Datasheet HTML 8Page - STMicroelectronics UC2843B Datasheet HTML 9Page - STMicroelectronics UC2843B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
-55
-25
0
25
50
75
100 TA(˚C)
7.0
7.5
8.0
8.5
Idischg
(mA)
D95IN335
Vi=15V
VOSC=2V
Figure 4: Oscillator Discharge Current vs. Tem-
perature.
12
3
5
40
50
60
70
80
90
Dmax
(%)
0.8
RT(KΩ)
D95IN336
Vi=15V
CT=3.3nF
TA=25˚C
Idischg=7.5mA
Idischg=8.8mA
Figure 5: Maximum Output Duty Cycle vs. Tim-
ing Resistor.
10
100
1K
10K
100K
1M
f(Hz)
-20
0
20
40
60
80
(dB)
180
150
120
90
60
30
φ
D95IN337
Vi=15V
VO=2V to 4V
RL=100K
TA=25˚C
Gain
Phase
Figure 6: Error Amp Open-Loop Gain and
Phase vs. Frequency.
0246
VO(V)
0.0
0.2
0.4
0.6
0.8
1.0
Vth
(V)
D95IN338
Vi=15V
TA=-40˚C
TA=125˚C
TA=25˚C
Figure 7: Current Sense Input Threshold vs. Er-
ror Amp Output Voltage.
0
20406080
100 Iref(mA)
D95IN339
0
10
20
30
40
50
60
Vi=15V
TA=-40˚C
TA=125˚C
Figure 8: Reference Voltage Change vs.
Source Current.
-55
-25
0
25
50
75
100 TA(˚C)
D95IN340
50
60
70
80
90
100
ISC
(mA)
Vi=15V
RL≤0.1Ω
Figure 9: Reference Short Circuit Current vs.
Temperature.
UC2842B/3B/4B/5B - UC3842B/3B/4B/5B
6/15


Similar Part No. - UC2843B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UC2843B ONSEMI-UC2843B Datasheet
295Kb / 20P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
July, 2011 ??Rev. 15
logo
Guangdong Youtai Semico...
UC2843B UMW-UC2843B Datasheet
832Kb / 9P
   Low Start-Up and Operating Current
logo
STMicroelectronics
UC2843B STMICROELECTRONICS-UC2843B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Guangdong Youtai Semico...
UC2843B UMW-UC2843B Datasheet
779Kb / 7P
   Low Start-Up and Operating Current
logo
STMicroelectronics
UC2843B STMICROELECTRONICS-UC2843B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
More results

Similar Description - UC2843B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
E-UC3843BD1 STMICROELECTRONICS-E-UC3843BD1 Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
   High Performance Current Mode PWM Controller
logo
Semtech Corporation
SC4809A SEMTECH-SC4809A_16 Datasheet
321Kb / 16P
   High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
List of Unclassifed Man...
M5576 ETC-M5576 Datasheet
686Kb / 10P
   High performance current mode PWM controller
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com