Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM483AR-REEL Datasheet(PDF) 11 Page - Analog Devices

Part # ADM483AR-REEL
Description  5V Low Power, Slew-Rate Limited
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM483AR-REEL Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM483AR-REEL Datasheet HTML 7Page - Analog Devices ADM483AR-REEL Datasheet HTML 8Page - Analog Devices ADM483AR-REEL Datasheet HTML 9Page - Analog Devices ADM483AR-REEL Datasheet HTML 10Page - Analog Devices ADM483AR-REEL Datasheet HTML 11Page - Analog Devices ADM483AR-REEL Datasheet HTML 12Page - Analog Devices ADM483AR-REEL Datasheet HTML 13Page - Analog Devices ADM483AR-REEL Datasheet HTML 14Page - Analog Devices ADM483AR-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADM483
Rev. 0 | Page 11 of 16
APPLICATIONS
DIFFERENTIAL DATA TRANSMISSION
Differential data transmission is used to reliably transmit
data at high rates over long distances and through noisy
environments. Differential transmission nullifies the effects
of ground shifts and noise signals that appear as common-
mode voltages on the line. There are two main standards
approved by the Electronics Industries Association (EIA),
which specify the electrical characteristics of transceivers
used in differential data transmission.
The RS-422 standard specifies data rates up to 10 Mbaud
and line lengths up to 4000 ft. A single driver can drive a
transmission line with up to 10 receivers.
To achieve true multipoint communications, the RS-485
standard was defined. This standard meets or exceeds all the
requirements of RS-422, but also allows up to 32 drivers and 32
receivers to be connected to a single bus. An extended common-
mode range of –7 V to +12 V is defined. The most significant
difference between RS-422 and RS-485 is that the drivers may
be disabled, allowing up to 32 to be connected to a single line.
Only one driver should be enabled at a time, but the RS-485
standard contains additional specifications to guarantee device
safety in the event of line contention.
Table 5. Comparison of RS-422 and RS-485 Interface Standards
Specification
RS-422
RS-485
Transmission Type
Differential
Differential
Maximum Cable Length
4000 ft.
4000 ft.
Minimum Driver Output Voltage
±2 V
±1.5 V
Driver Load Impedance
100 Ω
54 Ω
Receiver Input Resistance
4 kΩ min
12 kΩ min
Receiver Input Sensitivity
±200 mV
±200 mV
Receiver Input Voltage Range
–7 V to +7 V
–7 V to +12 V
Drivers/Receivers per Line
1/10
32/32
CABLE AND DATA RATE
The preferred transmission line for RS-485 communications
is a twisted pair. Twisted pair cable tends to cancel common-
mode noise and the magnetic fields generated by the current
flowing through each wire, thereby reducing the effective
inductance of the pair.
The ADM483 is designed for bidirectional data communica-
tions on multipoint transmission lines. A typical application
showing a multipoint transmission network is shown in
Figure 24
. An RS-485 transmission line can have as many as
32 transceivers on the bus. Only one driver can transmit at a
particular time, but multiple receivers can be enabled simul-
taneously. As with any transmission line, it is important to
minimize reflections. This can be done by terminating the
extreme ends of the line by using resistors equal to the char-
acteristic impedance of the line. Stub lengths of the main
line should also be kept as short as possible. A properly
terminated transmission line appears purely resistive to
the driver.
RO
RE
DE
DI
D
R
A
B
MAXIMUM NUMBER OF TRANSCEIVERS ON BUS: 32
ADM483
RO
RE
DE
DI
D
R
A
B
ADM483
R
ADM483
D
RO
RE DE
DI
AB
R
ADM483
D
RO
RE DE
DI
AB
Figure 24. Typical Half-Duplex RS-485 Network Topology


Similar Part No. - ADM483AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM483AR-REEL AD-ADM483AR-REEL Datasheet
218Kb / 16P
   5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
REV. 0
ADM483AR-REEL AD-ADM483AR-REEL Datasheet
309Kb / 16P
   5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
REV. 0
ADM483AR-REEL7 AD-ADM483AR-REEL7 Datasheet
218Kb / 16P
   5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
REV. 0
ADM483AR-REEL7 AD-ADM483AR-REEL7 Datasheet
309Kb / 16P
   5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
REV. 0
More results

Similar Description - ADM483AR-REEL

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
MAX481 ARTSCHIP-MAX481 Datasheet
6Mb / 16P
   Low-Power, Slew-Rate-Limited Transceivers
logo
Tiger Electronic Co.,Lt...
MAX489 TGS-MAX489 Datasheet
450Kb / 18P
   LOW-POWER SLEW-RATE-LIMITED RS-485/422 TRANSCEIVERS
logo
Fitipower Integrated Te...
FP6863 FITIPOWER-FP6863 Datasheet
456Kb / 10P
   Slew Rate Limited Load Switch
logo
Intersil Corporation
ISL8483 INTERSIL-ISL8483 Datasheet
507Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8483 INTERSIL-ISL8483_06 Datasheet
574Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483 RENESAS-ISL8483 Datasheet
913Kb / 18P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
logo
Tiger Electronic Co.,Lt...
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BP TGS-SN75176BP Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com