Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM483JR-REEL7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM483JR-REEL7
Description  5V Low Power, Slew-Rate Limited
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM483JR-REEL7 Datasheet(HTML) 4 Page - Analog Devices

  ADM483JR-REEL7 Datasheet HTML 1Page - Analog Devices ADM483JR-REEL7 Datasheet HTML 2Page - Analog Devices ADM483JR-REEL7 Datasheet HTML 3Page - Analog Devices ADM483JR-REEL7 Datasheet HTML 4Page - Analog Devices ADM483JR-REEL7 Datasheet HTML 5Page - Analog Devices ADM483JR-REEL7 Datasheet HTML 6Page - Analog Devices ADM483JR-REEL7 Datasheet HTML 7Page - Analog Devices ADM483JR-REEL7 Datasheet HTML 8Page - Analog Devices ADM483JR-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADM483
Rev. 0 | Page 4 of 16
TIMING SPECIFICATIONS
VCC = 5 V ± 5%, TA = TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Maximum Data Rate
250
kbps
Propagation Delay tPLH, tPHL
250
800
2000
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, Figure 5
Skew tSKEW
100
800
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, Figure 5
Rise/Fall Time tR, tF
200
2000
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, Figure 5
Enable Time
125
2000
ns
RL = 500 Ω, CL = 100 pF, Figure 6
Disable Time
125
3000
ns
RL = 500 Ω, CL = 15 pF, Figure 6
Enable Time from Shutdown
5000
ns
RL = 500 Ω, CL = 100 pF, Figure 6
RECEIVER
Propagation Delay tPLH, tPHL
250
2000
ns
CL = 15 pF, Figure 7
Differential Skew tSKEW
100
ns
CL = 15 pF, Figure 7
Enable Time
20
50
ns
RL = 1 kΩ, CL = 15 pF, Figure 8
Disable Time
20
50
ns
RL = 1 kΩ, CL = 15 pF, Figure 8
Enable Time from Shutdown
5000
ns
RL = 1 kΩ, CL = 15 pF, Figure 8
Time to Shutdown1
50
330
3000
ns
1 The device is put into shutdown mode by driving RE high and DE low. If these inputs are in this state for less than 50 ns, the device is guaranteed not to enter
shutdown mode. If the enable inputs are in this state for at least 3000 ns, the device is guaranteed to have entered shutdown mode.


Similar Part No. - ADM483JR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM483JR-REEL7 AD-ADM483JR-REEL7 Datasheet
218Kb / 16P
   5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
REV. 0
ADM483JR-REEL7 AD-ADM483JR-REEL7 Datasheet
309Kb / 16P
   5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
REV. 0
More results

Similar Description - ADM483JR-REEL7

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
MAX481 ARTSCHIP-MAX481 Datasheet
6Mb / 16P
   Low-Power, Slew-Rate-Limited Transceivers
logo
Tiger Electronic Co.,Lt...
MAX489 TGS-MAX489 Datasheet
450Kb / 18P
   LOW-POWER SLEW-RATE-LIMITED RS-485/422 TRANSCEIVERS
logo
Fitipower Integrated Te...
FP6863 FITIPOWER-FP6863 Datasheet
456Kb / 10P
   Slew Rate Limited Load Switch
logo
Intersil Corporation
ISL8483 INTERSIL-ISL8483 Datasheet
507Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8483 INTERSIL-ISL8483_06 Datasheet
574Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483 RENESAS-ISL8483 Datasheet
913Kb / 18P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
logo
Tiger Electronic Co.,Lt...
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BP TGS-SN75176BP Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com