Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5256CT1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # MMSZ5256CT1G
Description  Zener Voltage Regulators 500 mW SOD??23 Surface Mount
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSZ5256CT1G Datasheet(HTML) 6 Page - ON Semiconductor

  MMSZ5256CT1G Datasheet HTML 1Page - ON Semiconductor MMSZ5256CT1G Datasheet HTML 2Page - ON Semiconductor MMSZ5256CT1G Datasheet HTML 3Page - ON Semiconductor MMSZ5256CT1G Datasheet HTML 4Page - ON Semiconductor MMSZ5256CT1G Datasheet HTML 5Page - ON Semiconductor MMSZ5256CT1G Datasheet HTML 6Page - ON Semiconductor MMSZ5256CT1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MMSZ52xxxT1G Series, SZMMSZ52xxxT1G Series
http://onsemi.com
6
TYPICAL CHARACTERISTICS
100
VZ, NOMINAL ZENER VOLTAGE (V)
Figure 7. Typical Capacitance
1000
100
10
1
10
1
BIAS AT
50% OF VZ NOM
TA = 25°C
0 V BIAS
1 V BIAS
12
VZ, ZENER VOLTAGE (V)
100
10
1
0.1
0.01
10
8
6
4
2
0
TA = 25°C
VZ, ZENER VOLTAGE (V)
100
10
1
0.1
0.01
10
30
50
70
90
TA = 25°C
90
VZ, NOMINAL ZENER VOLTAGE (V)
Figure 8. Typical Leakage Current
1000
100
10
1
0.1
0.01
0.001
0.0001
0.00001
80
70
60
50
40
30
20
10
0
+150°C
+25°C
−55°C
Figure 9. Zener Voltage versus Zener Current
(VZ Up to 12 V)
Figure 10. Zener Voltage versus Zener Current
(12 V to 91 V)


Similar Part No. - MMSZ5256CT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ5256CT1G ONSEMI-MMSZ5256CT1G Datasheet
130Kb / 7P
   Zener Voltage Regulators
February, 2012 ??Rev. 11
More results

Similar Description - MMSZ5256CT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZMMSZ3V0T1G ONSEMI-SZMMSZ3V0T1G Datasheet
157Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 11
MMSZ4678T1 ONSEMI-MMSZ4678T1_05 Datasheet
74Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 7
MMSZ8V2ET1G ONSEMI-MMSZ8V2ET1G Datasheet
159Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 7
MMSZ5221ET1 ONSEMI-MMSZ5221ET1 Datasheet
79Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
March, 2006 ??Rev. 6
MMSZ4690T3G ONSEMI-MMSZ4690T3G Datasheet
150Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2012 ??Rev. 9
MMSZ2V4T1 ONSEMI-MMSZ2V4T1_06 Datasheet
77Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
Juanuary, 2006 ??Rev. 9
MMSZ4678ET1 ONSEMI-MMSZ4678ET1 Datasheet
73Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2005 ??Rev. 3
MMSZ5248ET1G ONSEMI-MMSZ5248ET1G Datasheet
154Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2012 ??Rev. 8
MMSZ2V4ET1 ONSEMI-MMSZ2V4ET1_06 Datasheet
81Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2006 ??Rev. 5
MMSZ4678ET1_0508 ONSEMI-MMSZ4678ET1_0508 Datasheet
72Kb / 5P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com