Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L78M15AB Datasheet(PDF) 1 Page - STMicroelectronics

Part # L78M15AB
Description  Precision 500 mA regulators
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M15AB Datasheet(HTML) 1 Page - STMicroelectronics

  L78M15AB Datasheet HTML 1Page - STMicroelectronics L78M15AB Datasheet HTML 2Page - STMicroelectronics L78M15AB Datasheet HTML 3Page - STMicroelectronics L78M15AB Datasheet HTML 4Page - STMicroelectronics L78M15AB Datasheet HTML 5Page - STMicroelectronics L78M15AB Datasheet HTML 6Page - STMicroelectronics L78M15AB Datasheet HTML 7Page - STMicroelectronics L78M15AB Datasheet HTML 8Page - STMicroelectronics L78M15AB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
This is information on a product in full production.
May 2012
Doc ID 2147 Rev 13
1/31
31
L78MxxAB
L78MxxAC
Precision 500 mA regulators
Datasheet
production data
Features
Output current to 0.5 A
Output voltages of 5; 6; 8; 9; 10; 12; 15; 24 V
Thermal overload protection
Short circuit protection
Output transition SOA protection
± 2 % output voltage tolerance
Guaranteed in extended temperature range
Description
The L78MxxA series of three-terminal positive
regulators is available in TO-220 and DPAK
packages and with several fixed output voltages,
making it useful in a wide range of applications.
These regulators can provide local on-card
regulation eliminating the distribution problems
associated with single point regulation. Each type
employs internal current limiting, thermal
shutdown and safe area protection, making it
essentially indestructible. If adequate heat sinking
is provided, they can deliver over 0.5 A output
current. Although designed primarily as fixed
voltage regulators, these devices can be used
with external components to obtain adjustable
voltage and currents.
DPAK
TO-220
Table 1.
Device summary
Part numbers
L78M05AB
L78M12AB
L78M05AC
L78M12AC
L78M06AB
L78M15AB
L78M08AB
L78M24AB
L78M09AB
L78M24AC
L78M10AB
www.st.com


Similar Part No. - L78M15AB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78M15AB STMICROELECTRONICS-L78M15AB Datasheet
873Kb / 29P
   Precision 500 mA regulators
L78M15AB STMICROELECTRONICS-L78M15AB Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M15AB STMICROELECTRONICS-L78M15AB Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M15AB STMICROELECTRONICS-L78M15AB Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M15AB STMICROELECTRONICS-L78M15AB Datasheet
650Kb / 31P
   Precision 500 mA regulators
More results

Similar Description - L78M15AB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78M05ACDT-TR STMICROELECTRONICS-L78M05ACDT-TR Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M24ACDT-TR STMICROELECTRONICS-L78M24ACDT-TR Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M STMICROELECTRONICS-L78M Datasheet
1Mb / 47P
   Precision 500 mA regulators
March 2017 Rev 21
L78M05AB STMICROELECTRONICS-L78M05AB_11 Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M10ABDT-TR STMICROELECTRONICS-L78M10ABDT-TR Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M08ABDT-TR STMICROELECTRONICS-L78M08ABDT-TR Datasheet
650Kb / 31P
   Precision 500 mA regulators
May 2012 Rev 13
L78M12ABDT-TR STMICROELECTRONICS-L78M12ABDT-TR Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M STMICROELECTRONICS-L78M_V01 Datasheet
1Mb / 45P
   Precision 500 mA regulators
Rev 24 - September 2020
CD00000448 STMICROELECTRONICS-CD00000448 Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78MXXAB STMICROELECTRONICS-L78MXXAB Datasheet
873Kb / 29P
   Precision 500 mA regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com