Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3338AKCZ-5-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP3338AKCZ-5-R7
Description  High Accuracy, Ultralow I Low Dropout Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3338AKCZ-5-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP3338AKCZ-5-R7 Datasheet HTML 5Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 6Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 7Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 8Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 9Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 10Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 11Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 12Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADP3338
Rev. B | Page 9 of 16
THEORY OF OPERATION
The ADP3338 anyCAP LDO uses a single control loop for
regulation and reference functions. The output voltage is sensed
by a resistive voltage divider, consisting of R1 and R2, which is
varied to provide the available output voltage option. Feedback
is taken from this network by way of a series diode (D1) and a
second resistor divider (R3 and R4) to the input of an amplifier.
A very high gain error amplifier is used to control this loop. The
amplifier is constructed in such a way that equilibrium produces
a large, temperature-proportional input offset voltage that is
repeatable and very well controlled. The temperature-propor-
tional offset voltage is combined with the complementary diode
voltage to form a virtual band gap voltage that is implicit in the
network, although it never appears explicitly in the circuit.
Ultimately, this patented design makes it possible to control the
loop with only one amplifier. This technique also improves the
noise characteristics of the amplifier by providing more flexi-
bility on the trade off of noise sources that leads to a low noise
design.
The R1, R2 divider is chosen in the same ratio as the band gap
voltage to the output voltage. Although the R1, R2 resistor
divider is loaded by Diode D1 and a second divider consisting
of R3 and R4, the values can be chosen to produce a tempera-
ture-stable output. This unique arrangement specifically corrects
for the loading of the divider, thus avoiding the error resulting
from base current loading in conventional circuits.
The patented amplifier controls a new and unique noninverting
driver that drives the pass transistor, Q1. The use of this special
noninverting driver enables the frequency compensation to
include the load capacitor in a pole-splitting arrangement to
achieve reduced sensitivity to the value, type, and ESR of the
load capacitance.
Most LDOs place very strict requirements on the range of ESR
values for the output capacitor because they are difficult to
stabilize due to the uncertainty of load capacitance and resis-
tance. Moreover, the ESR value required to keep conventional
LDOs stable changes depending on load and temperature.
These ESR limitations make designing with LDOs more
difficult because of their unclear specifications and extreme
variations over temperature.
With the ADP3338 anyCAP LDO, this is no longer true. It can
be used with virtually any good quality capacitor, with no
constraint on the minimum ESR. This innovative design
provides circuit stability with just a small 1 µF capacitor on the
output. Additional advantages of the pole-splitting scheme
include superior line noise rejection and very high regulator
gain to achieve excellent line and load regulation. An impressive
±1.4% accuracy is guaranteed over line, load, and temperature.
Additional features of the circuit include current limit and
thermal shutdown.
VIN
OUT
ADP3338
C1
1
µF
C2
1
µF
VOUT
GND
IN
Figure 20. Typical Application Circuit
PTAT
VOS
gm
NONINVERTING
WIDEBAND
DRIVER
INPUT
Q1
ADP3338
COMPENSATION
CAPACITOR
ATTENUATION
(VBANDGAP/VOUT)
R1
D1
R2
R3
R4
OUTPUT
PTAT
CURRENT
(a)
GND
CLOAD
RLOAD
Figure 21. Functional Block Diagram


Similar Part No. - ADP3338AKCZ-5-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3338AKCZ-5-R71 AD-ADP3338AKCZ-5-R71 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
More results

Similar Description - ADP3338AKCZ-5-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3339 AD-ADP3339_15 Datasheet
252Kb / 12P
   High Accuracy, Ultralow I, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
ADP3339AKCZ-5-R7 AD-ADP3339AKCZ-5-R7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3333 AD-ADP3333_09 Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3335ARM-3.3 AD-ADP3335ARM-3.3 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335ARM-18 AD-ADP3335ARM-18 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3333 AD-ADP3333 Datasheet
119Kb / 8P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. 0
ADP3338 AD-ADP3338 Datasheet
144Kb / 8P
   High-Accuracy Ultralow IQ, 1 A, anyCAP Low Dropout Regulator
REV. 0
ADP3339 AD-ADP3339 Datasheet
209Kb / 8P
   High-Accuracy Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. 0
ADP3339AKC-33-RL7 AD-ADP3339AKC-33-RL7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ,1.5 A,anyCAP Low Dropout Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com