Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MNRS1050 Datasheet(PDF) 1 Page - Riedon Powertron

Part # MNRS1050
Description  Chip Shunt Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

MNRS1050 Datasheet(HTML) 1 Page - Riedon Powertron

  MNRS1050 Datasheet HTML 1Page - Riedon Powertron MNRS1050 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
09/13
Type
MNRS1050
MNRS1575
Power Rating (W)
up to 4W (see table below)
up to 6W (see table below)
Resistance Range (mW)
2, 3, 4
1, 2, 3
TCR
+100 ppm/°C
+120 ppm/°C
Max Current (A)
Must not exceed max power rating using Ohm’s Law
Operating Temperature Range
-55°C - +170°C
MAX Operating Voltage
√(P*R)
Tolerances
(depending on ohmic value)
1% / 2% / 5%
Temperature Coefficient
(depending on ohmic value)
±50 / 75 / 100 ppm
MNRS Series
• Resistances from 1 mOhm to 4 mOhm
• Power Rating up to 6 Watts
• Resistance Tolerances to ± 1%
• TCR’s to ±100 ppm/°C
• Excellent long-term stability and low inductance
SPECIFICATIONS
Chip Shunt Resistor
Ordering Information
Part Description: Part Type - Resistance - Tolerance - TCR - Packaging
Example: MNRS1575 3mOhm 1% 100ppm
Power Derating 1050
0
20
40
60
80
100
120
0
20
40
60
80
100
120
Ambient Temperature (°C)
140
160
180
Power Derating 1575
0
20
40
60
80
100
120
0
20
40
60
80
100
120
Ambient Temperature (°C)
140
160
180
85°C
105°C


Similar Part No. - MNRS1050

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MNRS1050 RIEDON-MNRS1050 Datasheet
149Kb / 2P
   Power Shunt Resistor
MNRS10500R002F RIEDON-MNRS10500R002F Datasheet
149Kb / 2P
   Power Shunt Resistor
More results

Similar Description - MNRS1050

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
PSIDTEB KOA-PSIDTEB Datasheet
82Kb / 2P
   chip type power shunt resistor
PSBTTEB1L00F KOA-PSBTTEB1L00F Datasheet
241Kb / 2P
   chip type power shunt resistor
PSB KOA-PSB Datasheet
358Kb / 2P
   chip type power shunt resistor
PSI KOA-PSI Datasheet
384Kb / 2P
   chip type power shunt resistor
PSBTTEB KOA-PSBTTEB Datasheet
86Kb / 2P
   chip type power shunt resistor
logo
Bourns Electronic Solut...
PWR10020S BOURNS-PWR10020S Datasheet
220Kb / 1P
   Shunt Resistor
logo
YAGEO Corporation
PU3921FKM130R001L YAGEO-PU3921FKM130R001L Datasheet
718Kb / 9P
   SHUNT RESISTOR
logo
Bourns Electronic Solut...
PWR220S BOURNS-PWR220S Datasheet
301Kb / 4P
   Shunt Resistor
PWR220-2SAR040JE BOURNS-PWR220-2SAR040JE Datasheet
265Kb / 4P
   Shunt Resistor
logo
Riedon Powertron
MNRS10500R002F RIEDON-MNRS10500R002F Datasheet
149Kb / 2P
   Power Shunt Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com