Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRFIC0912 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRFIC0912
Description  900 MHz GaAs INTEGRATED POWER AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC0912 Datasheet(HTML) 2 Page - Motorola, Inc

  MRFIC0912 Datasheet HTML 1Page - Motorola, Inc MRFIC0912 Datasheet HTML 2Page - Motorola, Inc MRFIC0912 Datasheet HTML 3Page - Motorola, Inc MRFIC0912 Datasheet HTML 4Page - Motorola, Inc MRFIC0912 Datasheet HTML 5Page - Motorola, Inc MRFIC0912 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MRFIC0912
2
MOTOROLA RF DEVICE DATA
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Ratings
Symbol
Limit
Unit
Supply Voltage
VD1, VD2
8
Vdc
RF Input Power
PRF
20
dBm
Gate Voltage
VG1, VG2, VGG
–5
Vdc
Storage Temperature Range
Tstg
– 65 to +150
°C
Operating Case Temperature
TC
– 35 to +100
°C
Thermal Resistance, Junction to Case
R
θJC
18
°C/W
RECOMMENDED OPERATING RANGES
Parameter
Symbol
Value
Unit
RF Frequency
fRF
824–905
MHz
Supply Voltage
VD1, VD2
4.0–6.0
Vdc
Gate Voltage
VG1, VG2
–2.3 to –1.5
Vdc
ELECTRICAL CHARACTERISTICS (VD1, VD2 = 4.6 V, TA = 25°C, fRF = 840 MHz, Pin = 7 dBm, VGG set for ID2Q = 200 mA, Tested in
Circuit Shown in Figure 1)
Characteristic
Min
Typ
Max
Unit
RF Output Power
30.8
31.2
dBm
Power Slump (VD1, VD2 = 4.0 V, TC = 100_C)
28.5
dBm
Load Mismatch Survival (VD1, VD2 = 7 V, Load VSWR = 10:1, all phases,
10 sec)
No Degradation
Spurious Output (VD1,VD2 = 0 to 7 V, Pin = 5 to 9 dBm, Load
VSWR = 10:1)
–60
dBc
Input Return Loss
10
dB
Harmonic Output (Pout = 30.8 dBm)
2f0
3f0
4f0
–25
–40
–40
dBc
Noise Power (VDD = 0 to 7 V, 45 MHz Above fRF at 30 kHz BW)
–93
dBm
Maximum Power Control Voltage Slope (Change in Pout for Change on
VD1)
45
dB/V
Total Supply Current (VD1 set for Pout = 30.8 dBm)
430
470
mA
VGG Required for ID2Q = 200 mA
–2.3
–2.0
–1.7
Vdc
Gate Current during RF Operation
–2
2
mA
DESIGN AND APPLICATIONS INFORMATION
The MRFIC0912 has been designed for high efficiency
900 MHz applications such as analog cellular and Industrial,
Medical and Scientific (ISM) equipment. The two stage MES-
FET design utilizes Motorola’s planar refractory gate process
to allow high performance GaAs to be applied to consumer
applications. The proprietary PFP–16 package assures good
grounding and low thermal resistance.
As shown in Figure 1, the gate voltage pins can be ganged
together and one voltage applied to both gates to set the
quiescent operating current. Alternatively, VG1 and VG2 can
be set separately. VD1 can be used as power control with a
45 dB per volt sensitivity. The placement of C3 in the VD1
supply line can be varied to optimize RF performance since
T2 is part of a shunt L matching section. On the output, pins
11, 12 and 13, the placement of C11 is adjusted for best RF
performance.
Layout is important for amplifier stability and RF perfor-
mance. Ground vias must be located as close to circuit
ground connections as possible. Power supply bypassing
C3, C6, C9, and C10 must be included to reduce out–of–
band gain and prevent spurious output.
Evaluation Boards
Evaluation boards are available for RF Monolithic Inte-
grated Circuits by adding a “TF” suffix to the device type.
For a complete list of currently available boards and ones
in development for newly introduced product, please con-
tact your local Motorola Distributor or Sales Office.


Similar Part No. - MRFIC0912

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC0913 MOTOROLA-MRFIC0913 Datasheet
140Kb / 8P
   900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0914 MOTOROLA-MRFIC0914 Datasheet
127Kb / 6P
   900 MHz PAGING POWER AMPLIFIER Si MONOLITHIC INTEGRATED CIRCUIT
MRFIC0916 MOTOROLA-MRFIC0916 Datasheet
98Kb / 8P
   SILICON GENERAL PURPOSE RF CASCODE AMPLIFIER
MRFIC0917 MOTOROLA-MRFIC0917 Datasheet
168Kb / 10P
   900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
More results

Similar Description - MRFIC0912

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC0913 MOTOROLA-MRFIC0913 Datasheet
140Kb / 8P
   900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0917 MOTOROLA-MRFIC0917 Datasheet
168Kb / 10P
   900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0914 MOTOROLA-MRFIC0914 Datasheet
127Kb / 6P
   900 MHz PAGING POWER AMPLIFIER Si MONOLITHIC INTEGRATED CIRCUIT
logo
Synaptics Incorporated.
RF106 CONEXANT-RF106 Datasheet
64Kb / 6P
   RF106 900 MHz Power Amplifier
logo
Skyworks Solutions Inc.
AL106-84 SKYWORKS-AL106-84 Datasheet
29Kb / 3P
   GaAs IC 900 MHz High Dynamic Range Amplifier
logo
ANADIGICS, Inc
AWT921S11 ANADIGICS-AWT921S11 Datasheet
335Kb / 5P
   Integrated High Power Amp 900 MHz
logo
Motorola, Inc
MRFIC0904 MOTOROLA-MRFIC0904 Datasheet
147Kb / 8P
   900 MHz GaAs TWO STAGE DRIVER AMP INTEGRATED CIRCUIT
logo
Mimix Broadband
CFK2062-P1 MIMIX-CFK2062-P1_06 Datasheet
138Kb / 4P
   800-900 MHz 30 dBm Power GaAs FET
CFK2162-P1 MIMIX-CFK2162-P1_06 Datasheet
470Kb / 4P
   800-900 MHz 34 dBm Power GaAs FET
CFH2162-P1 MIMIX-CFH2162-P1_06 Datasheet
414Kb / 2P
   800-900 MHz 36 dBm Power GaAs FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com