Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRC370V4 Datasheet(PDF) 2 Page - NTE Electronics

Part # MRC370V4
Description  MOTOR RUN AC METALLIZED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

MRC370V4 Datasheet(HTML) 2 Page - NTE Electronics

  MRC370V4 Datasheet HTML 1Page - NTE Electronics MRC370V4 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MOTOR RUN AC METALLIZED
MRC SERIES
50
NTE Electronics, Inc. Voice (973) 748−5089 FAX (973) 748−6224 http://www.nteinc.com
370VAC Ratings and Dimensions @ 70
° Case Temp.
NTE Type Number
Capacitance
Tolerance
Case Dimensions − Inch (mm)
Case Style
F
%
W
D
L
MRC370V2
2
5
2.16 (54.86)
1.31 (33.27)
2.18 (55.37)
A
MRC370V3
3
10
2.16 (54.86)
1.31 (33.27)
1.85 (46.99)
A
MRC370V4
4
10
2.16 (54.86)
1.31 (33.27)
1.85 (46.99)
A
MRC370V5
5
10
2.16 (54.86)
1.31 (33.27)
2.18 (55.37)
A
MRC370V6
6
10
2.16 (54.86)
1.31 (33.27)
2.15 (54.61)
A
MRC370V7R5
7.5
10
2.16 (54.86)
1.31 (33.27)
2.36 (59.94)
A
MRC370V10
10
5
2.13 (54.10)
1.34 (34.00)
2.95 (75.00)
A
MRC370V12R5
12.5
10
2.16 (54.86)
1.31 (33.27)
2.88 (73.15)
A
MRC370V15
15
5
2.87 (72.89)
1.87 (47.50)
2.95 (74.93)
B
MRC370V17R5
17.5
5
2.16 (54.86)
1.31 (33.27)
3.95 (100.33)
A
MRC370V20
20
5
2.87 (72.89)
1.87 (47.50)
2.95 (74.93)
B
MRC370V25
25
5
2.16 (54.86)
1.31 (33.27)
3.75 (95.25)
A
MRC370V30
30
5
2.87 (72.89)
1.87 (47.50)
3.03 (76.96)
B
MRC370V35
35
5
2.87 (72.89)
1.87 (47.50)
3.94 (100.08)
B
MRC370V40
40
5
2.89 (73.41)
1.85 (46.99)
3.94 (100.08)
B
MRC370V45
45
5
2.87 (72.89)
1.87 (47.50)
3.95 (100.33)
B
MRC370V50
50
5
2.87 (72.89)
1.87 (47.50)
3.94 (100.08)
B
440VAC Ratings and Dimensions @ 70
° Case Temp.
NTE Type Number
Capacitance
Tolerance
Case Dimensions − Inch (mm)
Case Style
F
%
W
D
L
MRC440V2
2
10
2.16 (54.86)
1.31 (33.27)
1.85 (46.99)
A
MRC440V3
3
5
2.16 (54.86)
1.31 (33.27)
2.33 (59.18)
A
MRC440V4
4
10
2.16 (54.86)
1.31 (33.27)
2.23 (56.64)
A
MRC440V5
5
10
2.16 (54.86)
1.31 (33.27)
2.63 (66.80)
A
MRC440V6
6
10
2.16 (54.86)
1.31 (33.27)
2.63 (66.80)
A
MRC440V7R5
7.5
10
2.16 (54.86)
1.31 (33.27)
2.81 (71.37)
A
MRC440V10
10
5
2.87 (72.89)
1.87 (47.50)
2.95 (74.93)
B
MRC440V12R5
12.5
5
2.87 (72.89)
1.87 (47.50)
3.06 (77.72)
B
MRC440V15
15
5
2.13 (54.10)
1.34 (34.00)
2.95 (74.93)
A
MRC440V17R5
17.5
10
2.91 (73.91)
1.91 (48.51)
3.91 (99.31)
B
MRC440V20
20
5
2.87 (72.89)
1.87 (47.50)
2.95 (74.93)
B
MRC440V25
25
5
2.87 (72.89)
1.87 (47.50)
3.82 (97.03)
B
MRC440V30
30
5
2.87 (72.89)
1.87 (47.50)
3.94 (100.08)
B
MRC440V35
35
5
2.87 (72.89)
1.87 (47.50)
3.94 (100.08)
C
MRC440V40
40
5
2.87 (72.89)
1.87 (47.50)
4.92 (124.96)
B
MRC440V45
45
5
2.87 (72.89)
1.87 (47.50)
4.92 (124.96)
B
MRC440V50
50
5
2.87 (72.89)
1.87 (47.50)
3.94 (100.08)
B
MRC440V55
55
5
2.87 (72.89)
1.87 (47.50)
5.12 (130.05)
B
MRC440V60
60
5
2.87 (72.89)
1.87 (47.50)
5.12 (130.05)
B


Similar Part No. - MRC370V4

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
MRC370V4 NTE-MRC370V4 Datasheet
71Kb / 2P
   MOTOR RUN AC METALLIZED
MRC370V40 NTE-MRC370V40 Datasheet
71Kb / 2P
   MOTOR RUN AC METALLIZED
MRC370V45 NTE-MRC370V45 Datasheet
71Kb / 2P
   MOTOR RUN AC METALLIZED
More results

Similar Description - MRC370V4

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
MRC370V2 NTE-MRC370V2 Datasheet
71Kb / 2P
   MOTOR RUN AC METALLIZED
logo
Illinois Capacitor, Inc...
505QPC370KB8 ILLINOISCAPACITOR-505QPC370KB8 Datasheet
137Kb / 1P
   MOTOR RUN/AC
604QPC350KA3 ILLINOISCAPACITOR-604QPC350KA3 Datasheet
170Kb / 1P
   MOTOR RUN/AC
804QPC300KA3 ILLINOISCAPACITOR-804QPC300KA3 Datasheet
170Kb / 1P
   MOTOR RUN/AC
805QPC275KB8 ILLINOISCAPACITOR-805QPC275KB8 Datasheet
137Kb / 1P
   MOTOR RUN/AC
275QPC400KB5 ILLINOISCAPACITOR-275QPC400KB5 Datasheet
152Kb / 1P
   MOTOR RUN/AC
305QPC250KA3 ILLINOISCAPACITOR-305QPC250KA3 Datasheet
170Kb / 1P
   MOTOR RUN/AC
305QPC400KB8 ILLINOISCAPACITOR-305QPC400KB8 Datasheet
137Kb / 1P
   MOTOR RUN/AC
455QPC250KB5B ILLINOISCAPACITOR-455QPC250KB5B Datasheet
141Kb / 1P
   MOTOR RUN/AC
504QPC400KA3 ILLINOISCAPACITOR-504QPC400KA3 Datasheet
175Kb / 1P
   MOTOR RUN/AC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com