Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE39A Datasheet(PDF) 2 Page - STMicroelectronics

Part # P6KE39A
Description  Transil?? transient voltage surge suppressor (TVS)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P6KE39A Datasheet(HTML) 2 Page - STMicroelectronics

  P6KE39A Datasheet HTML 1Page - STMicroelectronics P6KE39A Datasheet HTML 2Page - STMicroelectronics P6KE39A Datasheet HTML 3Page - STMicroelectronics P6KE39A Datasheet HTML 4Page - STMicroelectronics P6KE39A Datasheet HTML 5Page - STMicroelectronics P6KE39A Datasheet HTML 6Page - STMicroelectronics P6KE39A Datasheet HTML 7Page - STMicroelectronics P6KE39A Datasheet HTML 8Page - STMicroelectronics P6KE39A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
P6KE
2/9
Doc ID 3068 Rev 7
1
Characteristics
Figure 1.
Electrical characteristics - definitions
Figure 2.
Pulse definition for electrical characteristics
Table 1.
Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
PPP
Peak pulse power dissipation(1)
Tj initial = Tamb
600
W
P
Power dissipation on infinite heatsink
Tamb = 75 °C
5
W
IFSM
Non repetitive surge peak forward current for unidirectional
types
tp = 10 ms
Tj initial = Tamb
100
A
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature
175
°C
TL
Maximum lead temperature for soldering during 10 s at 5 mm from case.
260
°C
1.
For a surge greater than the maximum values, the diode will fail in short-circuit.
Table 2.
Thermal resistances
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to leads
20
°C/W
Rth(j-a)
Junction to ambient on printed circuit. L lead = 10 mm
75
V
CLVBR VRM
I
RM
I
R
I
PP
V
I
I
RM
I
R
I
PP
V
RMVBR VCL
V
CLVBR VRM
I
RM
I
R
I
PP
V
I
I
RM
I
R
I
PP
V
RMVBR VCL
V
CL VBR VRM
I
RM
I
R
I
PP
V
I
I
F
V
F
V
CL VBR VRM
I
RM
I
R
I
PP
V
I
I
F
V
F
Unidirectional
Bidirectional
Symbol Parameter
V
Stand-off voltage
V
Breakdown voltage
V
Clamping voltage
I
Leakage current @ V
I
Peak pulse current
T
Voltage temperature coefficient
V
Forward voltage drop
R
Dynamic resistance
RM
BR
CL
RM
RM
PP
F
D
α
Repetitive pulse current
tr = rise time (µs)
tp = pulse duration time (µs)
tr
tp


Similar Part No. - P6KE39A

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
P6KE39A DAESAN-P6KE39A Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
SUNMATE electronic Co.,...
P6KE39A SUNMATE-P6KE39A Datasheet
71Kb / 4P
   600W Axial Lead Transient Voltage Suppessors
logo
HuaXinAn Electronics CO...
P6KE39A HUAXINAN-P6KE39A Datasheet
360Kb / 5P
   600W Transient Voltage Suppressors
logo
Motorola, Inc
P6KE39A MOTOROLA-P6KE39A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Vishay Siliconix
P6KE39A VISHAY-P6KE39A Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
More results

Similar Description - P6KE39A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P6KE18CARL STMICROELECTRONICS-P6KE18CARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
BZW50-39BRL STMICROELECTRONICS-BZW50-39BRL Datasheet
124Kb / 8P
   Transil?? transient voltage surge suppressor (TVS)
P6KE400ARL STMICROELECTRONICS-P6KE400ARL Datasheet
141Kb / 9P
   Transil, transient voltage surge suppressor (TVS)
BZW50-18 STMICROELECTRONICS-BZW50-18 Datasheet
124Kb / 8P
   Transil, transient voltage surge suppressor (TVS)
P6KE6V8ARL STMICROELECTRONICS-P6KE6V8ARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
P6KE300ARL STMICROELECTRONICS-P6KE300ARL Datasheet
141Kb / 9P
   transient voltage surge suppressor (TVS)
LFTVS10-1F3 STMICROELECTRONICS-LFTVS10-1F3 Datasheet
98Kb / 7P
   Transil, transient voltage suppressor
ESDA18-1F2 STMICROELECTRONICS-ESDA18-1F2_08 Datasheet
107Kb / 8P
   Transil, transient voltage suppressor
SM2T STMICROELECTRONICS-SM2T Datasheet
39Kb / 5P
   Transient Voltage Suppressor: TRANSIL ?
ESDALC5-1BT2Y STMICROELECTRONICS-ESDALC5-1BT2Y Datasheet
386Kb / 12P
   Automotive single-line low capacitance Transil?? transient surge voltage suppressor (TVS) for ESD protection
February 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com