Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJM4558C Datasheet(PDF) 3 Page - STMicroelectronics

Part # TJM4558C
Description  WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TJM4558C Datasheet(HTML) 3 Page - STMicroelectronics

  TJM4558C Datasheet HTML 1Page - STMicroelectronics TJM4558C Datasheet HTML 2Page - STMicroelectronics TJM4558C Datasheet HTML 3Page - STMicroelectronics TJM4558C Datasheet HTML 4Page - STMicroelectronics TJM4558C Datasheet HTML 5Page - STMicroelectronics TJM4558C Datasheet HTML 6Page - STMicroelectronics TJM4558C Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TJM4558
3/7
SVR
Supply Voltage Rejection Ratio (Rs ≤ 10kΩ)
Tamb = +25°C
Tmin. ≤ Tamb ≤ Tmax.
90
77
dB
ICC
Supply Current, all amplifiers, no load
Tamb = +25°C
Tmin. ≤ Tamb ≤ Tmax.
2.3
4
4.5
mA
Vicm
Input Common Mode Voltage Range
Tamb = +25°C
Tmin. ≤ Tamb ≤ Tmax.
±12
±12
V
CMR
Common-mode Rejection Ratio (Rs ≤ 10kΩ)
Tamb = +25°C
Tmin. ≤ Tamb ≤ Tmax.
90
70
dB
Ios
Output Short Circuit Current
10
20
mA
Vo
Output Voltage Swing
Tamb = +25°C
RL = 10kΩ
RL = 2kΩ
Tmin. ≤ Tamb ≤ Tmax.
RL = 10kΩ
RL = 2kΩ
±12
±10
±12
±10
±14
±13
V
SR
Slew Rate
(Vi = ±10, RL = 2kΩ, CL = 100pF, Tamb = 25°C, unity gain)
2.2
V/µs
tr
Rise Time
(Vi = ±20mV, RL = 2kΩ, CL = 100pF, Tamb = 25°C, unity gain)
0.3
µs
KOV
Overshoot
(Vi = ±20mV, RL = 2kΩ, CL = 100pF, Tamb = 25°C, unity gain)
15
%
Ri
Input Resistance
0.3
2
M
Ci
Input Capacitance
1.4
pF
Ro
Output Resistance
75
B
Unity Gain Bandwidth
2.8
MHz
GBP
Gain Bandwidth Product
(Vi = 10mV, RL = 2kΩ, CL = 100pF, f = 100kHz, Tamb = 25°C)
5.5
MHz
THD
Total Harmonic Distortion
(f = 1kHz, Av = 20dB, RL = 2kΩ, Vo = 2Vpp, CL = 100pF, Tamb = 25°C)
0.008
%
en
Equivalent Input Noise Voltage (RS = 100Ω, f = 1kHz)
12
VO1/VO2 Channel Separation
120
dB
Symbol
Parameter
Min.
Typ.
Max.
Unit
nV
Hz
------------


Similar Part No. - TJM4558C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TJM4558C STMICROELECTRONICS-TJM4558C Datasheet
284Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
TJM4558C STMICROELECTRONICS-TJM4558C Datasheet
293Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
TJM4558CDT STMICROELECTRONICS-TJM4558CDT Datasheet
293Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
TJM4558CN STMICROELECTRONICS-TJM4558CN Datasheet
292Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
More results

Similar Description - TJM4558C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC4558 STMICROELECTRONICS-MC4558 Datasheet
78Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
August 1998
MC4558 STMICROELECTRONICS-MC4558_05 Datasheet
417Kb / 10P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
TJM4558 STMICROELECTRONICS-TJM4558 Datasheet
284Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
TJM4558CDT STMICROELECTRONICS-TJM4558CDT Datasheet
293Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
TJM4558CN STMICROELECTRONICS-TJM4558CN Datasheet
292Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
logo
PROMAX-JOHNTON CORP
PJ4558 PROMAX-JOHNTON-PJ4558 Datasheet
430Kb / 5P
   Dual Wide Bandwidth Operational Amplifiers
2003/04.ver.B
logo
ON Semiconductor
MC4558V ONSEMI-MC4558V Datasheet
75Kb / 8P
   Dual Wide Bandwidth Operational Amplifiers
December, 2000 ??Rev. 0
logo
STMicroelectronics
LF253DT STMICROELECTRONICS-LF253DT Datasheet
909Kb / 15P
   Wide bandwidth dual JFET operational amplifiers
TS982 STMICROELECTRONICS-TS982 Datasheet
510Kb / 20P
   Wide bandwidth dual bipolar operational amplifier
MC4558IDT STMICROELECTRONICS-MC4558IDT Datasheet
463Kb / 11P
   Wide bandwidth dual bipolar operational amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com