Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRFIC0913 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MRFIC0913
Description  900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC0913 Datasheet(HTML) 1 Page - Motorola, Inc

  MRFIC0913 Datasheet HTML 1Page - Motorola, Inc MRFIC0913 Datasheet HTML 2Page - Motorola, Inc MRFIC0913 Datasheet HTML 3Page - Motorola, Inc MRFIC0913 Datasheet HTML 4Page - Motorola, Inc MRFIC0913 Datasheet HTML 5Page - Motorola, Inc MRFIC0913 Datasheet HTML 6Page - Motorola, Inc MRFIC0913 Datasheet HTML 7Page - Motorola, Inc MRFIC0913 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
MRFIC0913
MOTOROLA RF DEVICE DATA
The MRFIC Line
900 MHz GaAs Integrated
Power Amplifier
This integrated circuit is intended for GSM class IV handsets. The device is
specified for 2.8 watts output power and 48% minimum power added efficiency
under GSM signal conditions at 4.8 Volt supply voltage. To achieve this superior
performance, Motorola’s planar GaAs MESFET process is employed. The
device is packaged in the PFP–16 Power Flat Package which gives excellent
thermal performance through a solderable backside contact.
• Usable Frequency Range 800 to 1000 MHz
• Typical Output Power:
36.0 dBm @ 5.8 Volts
35.0 dBm @ 4.8 Volts
31.5 dBm @ 3.6 Volts
• 48% Minimum Power Added Efficiency
• Low Parasitic, High Thermal Dissipation Package
• Order MRFIC0913R2 for Tape and Reel Option.
R2 Suffix = 1,500 Units per 16 mm, 13 inch Reel.
• Device Marking = M0913
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Supply Voltage
VD1, VD2
9
Vdc
RF Input Power
Pin
15
dBm
Gate Voltage
VSS
–6
Vdc
Ambient Operating Temperature
TA
–40 to + 85
°C
Storage Temperature
Tstg
– 65 to +150
°C
Thermal Resistance, Junction to Case
R
θJC
10
°C/W
Pin Connections and Functional Block Diagram
RF IN
1
2
3
4
7
6
5
GND
8
9
10
11
12
13
14
15
16
VG1
RF OUT
RF OUT
VD1
VD2
GND
GND
N/C
N/C
VSS
VG2
GND
GND
GND
Order this document
by MRFIC0913/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1996
MRFIC0913
900 MHz
GSM CELLULAR
INTEGRATED POWER AMPLIFIER
GaAs MONOLITHIC
INTEGRATED CIRCUIT
CASE 978–02
(PFP–16)
REV 1


Similar Part No. - MRFIC0913

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC0912 MOTOROLA-MRFIC0912 Datasheet
120Kb / 6P
   900 MHz GaAs INTEGRATED POWER AMPLIFIER
MRFIC0914 MOTOROLA-MRFIC0914 Datasheet
127Kb / 6P
   900 MHz PAGING POWER AMPLIFIER Si MONOLITHIC INTEGRATED CIRCUIT
MRFIC0916 MOTOROLA-MRFIC0916 Datasheet
98Kb / 8P
   SILICON GENERAL PURPOSE RF CASCODE AMPLIFIER
MRFIC0917 MOTOROLA-MRFIC0917 Datasheet
168Kb / 10P
   900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
More results

Similar Description - MRFIC0913

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC0917 MOTOROLA-MRFIC0917 Datasheet
168Kb / 10P
   900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0912 MOTOROLA-MRFIC0912 Datasheet
120Kb / 6P
   900 MHz GaAs INTEGRATED POWER AMPLIFIER
MRFIC0914 MOTOROLA-MRFIC0914 Datasheet
127Kb / 6P
   900 MHz PAGING POWER AMPLIFIER Si MONOLITHIC INTEGRATED CIRCUIT
MRFIC1817 MOTOROLA-MRFIC1817 Datasheet
232Kb / 8P
   1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1818 MOTOROLA-MRFIC1818 Datasheet
216Kb / 8P
   1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2004 MOTOROLA-MRFIC2004 Datasheet
179Kb / 7P
   900 MHz DRIVER & RAMP SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC2002 MOTOROLA-MRFIC2002 Datasheet
184Kb / 6P
   900 MHz TX-MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC1805 MOTOROLA-MRFIC1805 Datasheet
220Kb / 10P
   1.9 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2403 MOTOROLA-MRFIC2403 Datasheet
100Kb / 6P
   2.4 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0904 MOTOROLA-MRFIC0904 Datasheet
147Kb / 8P
   900 MHz GaAs TWO STAGE DRIVER AMP INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com