Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN805 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TN805
Description  Sensitive and standard 8 A SCRs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN805 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TN805 Datasheet HTML 2Page - STMicroelectronics TN805 Datasheet HTML 3Page - STMicroelectronics TN805 Datasheet HTML 4Page - STMicroelectronics TN805 Datasheet HTML 5Page - STMicroelectronics TN805 Datasheet HTML 6Page - STMicroelectronics TN805 Datasheet HTML 7Page - STMicroelectronics TN805 Datasheet HTML 8Page - STMicroelectronics TN805 Datasheet HTML 9Page - STMicroelectronics TN805 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Ordering information scheme
TN805, TN815, TS820, TYN608
6/13
Doc ID 7476 Rev 7
2
Ordering information scheme
Figure 15.
TN8 series
Figure 16.
TS8 series
Figure 17.
TYNx08 series
TN 8 05 - 600 B -TR
Standard SCR series
Sensitivity
Voltage
Package
Packing mode
Current
8 = 8 A
05 = 5 mA
15 = 15 mA
600 = 600 V
800 = 800 V
B = DPAK
-TR = Tape and reel
TS 8 20 - 600 B (-TR)
Sensitive SCR series
Sensitivity
Voltage
Package
Packing mode
Current
8 = 8 A
20 = 200 µA
600 = 600 V
B = DPAK
H = IPAK
T = TO-220AB
FP = TO220FPAB
Blank = Tube
-TR = Tape and reel
TYN
6
08
RG
Standard SCR series
Packing mode
Voltage
Current
6 = 600 V
8 = 8 A
RG = Tube


Similar Part No. - TN805

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN805 STMICROELECTRONICS-TN805 Datasheet
74Kb / 5P
   SCR?셲
TN805 STMICROELECTRONICS-TN805 Datasheet
153Kb / 12P
   Sensitive and standard 8 A SCRs
TN805-400B STMICROELECTRONICS-TN805-400B Datasheet
74Kb / 5P
   SCR?셲
TN805-600B STMICROELECTRONICS-TN805-600B Datasheet
74Kb / 5P
   SCR?셲
logo
Kersemi Electronic Co.,...
TN805-600B KERSEMI-TN805-600B Datasheet
486Kb / 9P
   8A SCR
More results

Similar Description - TN805

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN805 STMICROELECTRONICS-TN805_10 Datasheet
153Kb / 12P
   Sensitive and standard 8 A SCRs
TN12 STMICROELECTRONICS-TN12_07 Datasheet
153Kb / 12P
   Sensitive and Standard 12 A SCRS
TS1220-600T STMICROELECTRONICS-TS1220-600T Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
September 2011 Rev 7
TYN412RG STMICROELECTRONICS-TYN412RG Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
logo
Nell Semiconductor Co.,...
12PT NELLSEMI-12PT_18 Datasheet
978Kb / 7P
   Sensitive and Standard SCRs
logo
Littelfuse
S8008DRP LITTELFUSE-S8008DRP Datasheet
411Kb / 1P
   8 Amp Sensitive Standard SCRs
logo
Nell Semiconductor Co.,...
12PT NELLSEMI-12PT_14 Datasheet
3Mb / 7P
   Sensitive and Standard SCRs, 12A
12PT NELLSEMI-12PT Datasheet
3Mb / 7P
   Sensitive and Standard SCRs, 12A
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT NELLSEMI-8PT_14 Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com