Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNV10N07 Datasheet(PDF) 3 Page - STMicroelectronics

Part # VNV10N07
Description  OMNIFET FULLY AUTOPROTECTED POWER MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNV10N07 Datasheet(HTML) 3 Page - STMicroelectronics

  VNV10N07 Datasheet HTML 1Page - STMicroelectronics VNV10N07 Datasheet HTML 2Page - STMicroelectronics VNV10N07 Datasheet HTML 3Page - STMicroelectronics VNV10N07 Datasheet HTML 4Page - STMicroelectronics VNV10N07 Datasheet HTML 5Page - STMicroelectronics VNV10N07 Datasheet HTML 6Page - STMicroelectronics VNV10N07 Datasheet HTML 7Page - STMicroelectronics VNV10N07 Datasheet HTML 8Page - STMicroelectronics VNV10N07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ELECTRICAL CHARACTERISTICS (continued)
DYNAMIC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (
∗)
Forward
Transconductance
VDS = 13 V
ID = 5 A
6
8
S
Coss
Output Capacitance
VDS = 13 V
f = 1 MHz
Vin = 0
350
500
pF
SWITCHING (**)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
td(off)
tf
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
VDD = 15 V
Id = 5 A
Vgen = 10 V
Rgen = 10
(see figure 3)
50
80
230
100
100
160
400
180
ns
ns
ns
ns
td(on)
tr
td(off)
tf
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
VDD = 15 V
Id = 5 A
Vgen = 10 V
Rgen = 1000
(see figure 3)
600
0.9
3.8
1.7
900
2
6
2.5
ns
µs
µs
µs
(di/dt)on
Turn-on Current Slope
VDD = 15 V
ID = 5 A
Vin = 10 V
Rgen = 10
60
A/
µs
Qi
Total Input Charge
VDD = 12 V
ID = 5 A
Vin = 10 V
30
nC
SOURCE DRAIN DIODE
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VSD (
∗)
Forward On Voltage
ISD = 5 A
Vin = 0
1.6
V
trr (
∗∗)
Qrr (
∗∗)
IRRM (
∗∗)
Reverse Recovery
Time
Reverse Recovery
Charge
Reverse Recovery
Current
ISD = 5 A
di/dt = 100 A/
µs
VDD = 30 V
Tj = 25
oC
(see test circuit, figure 5)
125
0.3
4.8
ns
µC
A
PROTECTION
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ilim
Drain Current Limit
Vin = 10 V
VDS = 13 V
Vin = 5 V
VDS = 13 V
7
7
10
10
14
14
A
A
tdlim (
∗∗) Step Response
Current Limit
Vin = 10 V
Vin = 5 V
20
50
30
80
µs
µs
Tjsh (
∗∗) Overtemperature
Shutdown
150
oC
Tjrs (
∗∗)
Overtemperature Reset
135
oC
Igf (
∗∗)
Fault Sink Current
Vin = 10 V
VDS = 13 V
Vin = 5 V
VDS = 13 V
50
20
mA
mA
Eas (
∗∗)
Single Pulse
Avalanche Energy
starting Tj = 25
oC
VDD = 20 V
Vin = 10 V
Rgen = 1 K
Ω L = 10 mH
0.4
J
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(
∗∗) Parameters guaranteed by design/characterization
VNB10N07-VNK10N07FM-VNP10N07FI-VNV10N07
3/14


Similar Part No. - VNV10N07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNV10N07 STMICROELECTRONICS-VNV10N07 Datasheet
159Kb / 14P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNV10N07 STMICROELECTRONICS-VNV10N07 Datasheet
399Kb / 14P
   FULLY AUTOPROTECTED POWER MOSFET
More results

Similar Description - VNV10N07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5N07 STMICROELECTRONICS-VND5N07 Datasheet
166Kb / 15P
   OMNIFET: FULLY AUTOPROTECTED POWER MOSFET
VNB49N04 STMICROELECTRONICS-VNB49N04 Datasheet
506Kb / 22P
   OMNIFET: fully autoprotected Power MOSFET
VND10N0613TR STMICROELECTRONICS-VND10N0613TR Datasheet
595Kb / 25P
   OMNIFET fully autoprotected Power MOSFET
VND10N06-1-E STMICROELECTRONICS-VND10N06-1-E Datasheet
595Kb / 25P
   OMNIFET fully autoprotected Power MOSFET
VNB35N07TR-E STMICROELECTRONICS-VNB35N07TR-E Datasheet
153Kb / 13P
   OMNIFET FULLY AUTOPROTECTED POWER MOSFET
VNB14N04-E STMICROELECTRONICS-VNB14N04-E Datasheet
522Kb / 17P
   "OMNIFET" fully autoprotected Power MOSFET
VNB28N04-E STMICROELECTRONICS-VNB28N04-E Datasheet
226Kb / 13P
   OMNIFET FULLY AUTOPROTECTED POWER MOSFET
VNB20N07-E STMICROELECTRONICS-VNB20N07-E Datasheet
491Kb / 13P
   "OMNIFET": FULLY AUTOPROTECTED POWER MOSFET
VNS3NV04DPTR-E STMICROELECTRONICS-VNS3NV04DPTR-E Datasheet
289Kb / 21P
   OMNIFET II fully autoprotected Power MOSFET
VND7N04 STMICROELECTRONICS-VND7N04_09 Datasheet
511Kb / 17P
   "OMNIFET"Fully autoprotected power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com