Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRRC370V25 Datasheet(PDF) 2 Page - NTE Electronics

Part # MRRC370V25
Description  ROUND MOTOR RUN AC ELECTROLYTIC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

MRRC370V25 Datasheet(HTML) 2 Page - NTE Electronics

  MRRC370V25 Datasheet HTML 1Page - NTE Electronics MRRC370V25 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ROUND MOTOR RUN AC ELECTROLYTIC
MRRC SERIES
52
NTE Electronics, Inc. Voice (973) 748−5089 FAX (973) 748−6224 http://www.nteinc.com
370VAC Ratings and Dimensions
NTE Type Number
Capacitance
Tolerance
Case Dimensions − Inch (mm)
F
%
D
H
C
MRRC370V4
4
5
1.67 (42.0)
2.17 (55.0)
0.84 (21.3)
MRRC370V5
5
5
1.67 (42.0)
2.17 (55.0)
0.84 (21.3)
MRRC370V7R5
7.5
5
1.87 (47.0)
2.36 (60.0)
0.84 (21.3)
MRRC370V15
15
5
1.87 (47.0)
2.95 (75.0)
0.84 (21.3)
MRRC370V20
20
5
2.07 (52.6)
2.56 (65.0)
0.81 (20.6)
MRRC370V25
25
5
1.87 (47.0)
3.94 (100.0)
0.84 (21.3)
MRRC370V30
30
5
2.07 (52.6)
2.95 (75.0)
0.81 (20.6)
MRRC370V35
35
5
2.07 (52.6)
2.95 (75.0)
0.81 (20.6)
MRRC370V40
40
5
2.07 (52.6)
3.35 (85.0)
0.81 (20.6)
MRRC370V45
45
5
2.07 (52.6)
3.45 (90.0)
0.81 (20.6)
MRRC370V50
50
5
2.07 (52.6)
3.94 (100.0)
0.81 (20.6)
MRRC370V55
55
5
2.07 (52.6)
4.33 (110.0)
0.81 (20.6)
MRRC370V60
60
5
2.07 (52.6)
4.33 (110.0)
0.81 (20.6)
MRRC370V65
65
5
2.46 (62.5)
3.94 (100.0)
0.81 20.6)
MRRC370V70
70
5
2.46 (62.5)
3.94 (100.0)
0.81 (20.6)
440VAC Ratings and Dimensions
NTE Type Number
Capacitance
Tolerance
Case Dimensions − Inch (mm)
F
%
D
H
C
MRRC440V20
20
5
1.87 (47.0)
3.94 (100.0)
0.84 (21.3)
MRRC440V25
25
5
1.87 (47.0)
3.94 (100.0)
0.84 (21.3)
MRRC440V30
30
5
2.07 (52.6)
3.35 (85.0)
0.81 (20.6)
MRRC440V35
35
5
2.07 (52.6)
3.94 (100.0)
0.81 (20.6)
MRRC440V40
40
5
2.07 (52.6)
3.94 (100.0)
0.81 (20.6)
MRRC440V45
45
5
2.07 (52.6)
4.33 (110.0)
0.81 (20.6)
MRRC440V50
50
5
2.07 (52.6)
4.33 (110.0)
0.81 (20.6)
MRRC440V55
55
5
2.46 (62.5)
3.94 (100.0)
0.81 (20.6)
MRRC440V60
60
5
2.46 (62.5)
3.94 (100.0)
0.81 (20.6)
MRRC440V65
65
5
2.46 (62.5)
4.33 (110.0)
0.81 (20.6)
MRRC440V70
70
5
2.46 (62.5)
4.92 (125.0)
0.81 (20.6)


Similar Part No. - MRRC370V25

ManufacturerPart #DatasheetDescription
logo
Eldeco Srl
MRR52-V ELDECO-MRR52-V Datasheet
525Kb / 1P
   Standard : UL - IEC 300V - 250V 10A - 18A
More results

Similar Description - MRRC370V25

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
505QPC370KB8 ILLINOISCAPACITOR-505QPC370KB8 Datasheet
137Kb / 1P
   MOTOR RUN/AC
604QPC350KA3 ILLINOISCAPACITOR-604QPC350KA3 Datasheet
170Kb / 1P
   MOTOR RUN/AC
804QPC300KA3 ILLINOISCAPACITOR-804QPC300KA3 Datasheet
170Kb / 1P
   MOTOR RUN/AC
805QPC275KB8 ILLINOISCAPACITOR-805QPC275KB8 Datasheet
137Kb / 1P
   MOTOR RUN/AC
275QPC400KB5 ILLINOISCAPACITOR-275QPC400KB5 Datasheet
152Kb / 1P
   MOTOR RUN/AC
305QPC250KA3 ILLINOISCAPACITOR-305QPC250KA3 Datasheet
170Kb / 1P
   MOTOR RUN/AC
305QPC400KB8 ILLINOISCAPACITOR-305QPC400KB8 Datasheet
137Kb / 1P
   MOTOR RUN/AC
455QPC250KB5B ILLINOISCAPACITOR-455QPC250KB5B Datasheet
141Kb / 1P
   MOTOR RUN/AC
504QPC400KA3 ILLINOISCAPACITOR-504QPC400KA3 Datasheet
175Kb / 1P
   MOTOR RUN/AC
125QPC250KA3 ILLINOISCAPACITOR-125QPC250KA3 Datasheet
170Kb / 1P
   MOTOR RUN/AC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com