Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSE5742 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSE5742
Description  High Voltage Power Switching In Inductive Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSE5742 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSE5742 Datasheet HTML 1Page - Fairchild Semiconductor KSE5742 Datasheet HTML 2Page - Fairchild Semiconductor KSE5742 Datasheet HTML 3Page - Fairchild Semiconductor KSE5742 Datasheet HTML 4Page - Fairchild Semiconductor KSE5742 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, June 2001
NPN Silicon Darlington Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* PW=5ms, Duty Cycle=10%
Symbol
Parameter
Value
Units
BVCEO(sus)
Collector-Emitter Sustaining Voltage
: KSE5740
: KSE5741
: KSE5742
300
350
400
V
V
V
VCEV
Collector-Emitter Voltage : KSE5740
: KSE5741
: KSE5742
600
700
800
V
V
V
VEBO
Emitter-Base Voltage
8
V
IC
Collector Current (DC)
8
A
ICP
*Collector Current (Pulse)
16
A
IB
Base Current (DC)
2.5
A
IBP
*Base Current (Pulse)
5
A
PC
Collector Dissipation
80
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCEO(sus)
Collector-Emitter Sustaining Voltage
: KSE5740
: KSE5741
: KSE5742
IC = 50mA, IB=0
300
350
400
V
V
V
ICEV
Collector Cut-off Current
VCEV=Rate Value, VBE(OFF)=1.5V
1
mA
IEBO
Emitter Cut-off Current
VEB = 8V, IC= 0
75
mA
hFE
DC Current Gain
VCE =5V, IC = 0.5A
VCE =5V, IC = 4A
50
200
100
400
VCE(sat)
Collector-Emitter Saturation Voltage
IC =4A, IB = 0.2A
IC =8A, IB= 0.4A
2
3
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC =4A, IB = 0.2A
IC =8A, IB = 0.4A
2.5
3.5
V
V
VF
Diode Forward Voltage
IF =5A
2.5
V
tD
Delay Time
VCC = 250V, IC(pk) = 6A
IB1 = IB2 = 0.25A
tP = 25µs
Duty Cycle
≤1%
0.04
µs
tR
Rise Time
0.5
µs
tS
Storage Time
8
µs
tF
Fall Time
2
µs
tSV
Voltage Storage Time
IC(pk) = 6A, VCE(pk) = 250V
IB1= 0.06A, VBE (off) = 5V
4
µs
tC
Cross-over Time
2
µs
KSE5740/5741/5742
High Voltage Power Switching In Inductive
Circuits
• High Voltage Power Darlington TR
• Small Engine lgnition
• Switching Regulators
• Inverters
• Solenold and Relay Drivers
• Motor Control
1.Base
2.Collector
3.Emitter
1
TO-220


Similar Part No. - KSE5742

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSE5020 FAIRCHILD-KSE5020 Datasheet
44Kb / 4P
   Feature
KSE5020 FAIRCHILD-KSE5020 Datasheet
52Kb / 4P
   High Voltage, High Quality High Speed Switching : tF=0.1關s
KSE5020S FAIRCHILD-KSE5020S Datasheet
52Kb / 4P
   High Voltage, High Quality High Speed Switching : tF=0.1關s
More results

Similar Description - KSE5742

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC3659 HITACHI-2SC3659 Datasheet
38Kb / 1P
   HIGH VOLTAGE,HIGH POWER SWITCHING
logo
Rectron Semiconductor
2N5401 RECTRON-2N5401 Datasheet
444Kb / 4P
   Switching and Amplification in High Voltage
logo
SemiHow Co.,Ltd.
KSP742C SEMIHOW-KSP742C Datasheet
107Kb / 4P
   High voltage, high speed power switching
logo
Fairchild Semiconductor
BUT12 FAIRCHILD-BUT12 Datasheet
29Kb / 3P
   High Voltage Power Switching Applications
KSC5405F FAIRCHILD-KSC5405F Datasheet
45Kb / 4P
   High Voltage Power Switching Applications
BUT11F FAIRCHILD-BUT11F Datasheet
47Kb / 4P
   High Voltage Power Switching Applications
BUT11 FAIRCHILD-BUT11 Datasheet
42Kb / 4P
   High Voltage Power Switching Applications
BUT11ATU FAIRCHILD-BUT11ATU Datasheet
47Kb / 4P
   High Voltage Power Switching Applications
logo
SemiHow Co.,Ltd.
KSB13005AR SEMIHOW-KSB13005AR Datasheet
490Kb / 6P
   High voltage, high speed power switching
logo
STMicroelectronics
SGSD310 STMICROELECTRONICS-SGSD310 Datasheet
293Kb / 6P
   HIGH VOLTAGE, HIGH POWER, FAST SWITCHING
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com