Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847BPN-AU_LX_0001 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BC847BPN-AU_LX_0001
Description  DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC847BPN-AU_LX_0001 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BC847BPN-AU_LX_0001 Datasheet HTML 1Page - Pan Jit International Inc. BC847BPN-AU_LX_0001 Datasheet HTML 2Page - Pan Jit International Inc. BC847BPN-AU_LX_0001 Datasheet HTML 3Page - Pan Jit International Inc. BC847BPN-AU_LX_0001 Datasheet HTML 4Page - Pan Jit International Inc. BC847BPN-AU_LX_0001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
V = -5V, I = -10mA
V = -5V, I = -2.0mA
I = 1.0uA
I = 10uA, V = 0
www.panjit.com
3/5/2009
Page 2
NPN ELECTRICAL CHARACTERISTICS (Note 2)
T = 25°C Unless otherwise noted
J
C
Parameter
Symbol
Min
Units
Collector-Emitter Breakdown Voltage
Conditions
Typ
Max
V(BR)CEO
45
-
-
V
C
50
-
-
V
EB
50
-
-
V
C
Note 2. Short duration test pulse used to minimize self-heating
V(BR)CES
(BR)CBO
V
Collector-Emitter Breakdown Voltage
Collector-Base Breakdown Voltage
I = 10mA
I = 10uA
E
Emitter-Base Breakdown Voltage
(BR)EBO
V
V = 30V, I = 0
E
-
-
15
nA
CB
ICBO
Collector Cutoff Current
6.0
-
-
V
--
5
uA
T =150°C
J
V = 5V, I = 0
EB
C
Emitter Cutoff Current
IEBO
DC Current Gain
h FE
-
-
100
nA
-
-
0.1
V
-
-
0.4
V
V = 5V, I = 2.0mA
CE
C
200
-
450
-
Collector-Emitter Saturation Voltage CE(SAT)
V
I = 10mA, I = 0.5mA
CB
I = 100mA, I = 5mA
CB
Base-Emitter Saturation Voltage
BE(SAT)
V
B
C
I = 10mA, I = 0.5mA
-
0.75
-
V
Base-Emitter Voltage
BE
V
0.58
-
0.7
V
C
CE
V = 5V, I = 2.0mA
Gain-Bandwidth Product
T
f
100
-
-
MHz
Collector-Base Capacitance
CBO
C
-
-
1.5
pF
CB
V = 10V, f =1.0MHz
C
V = 5V, I = 10mA
CE
f = 100MHz
Emitter-Base Capacitance
EBO
C-
7
-
pF
EB
V = 0.5V, f =1.0MHz
BC847BPN-AU
PNP ELECTRICAL CHARACTERISTICS (Note 2)
T = 25°C Unless otherwise noted
J
I = -1.0uA
I = -10uA, V = 0
C
Parameter
Symbol
Min
Units
Collector-Emitter Breakdown Voltage
Conditions
Typ
Max
V(BR)CEO
-45
-
-
V
C
-50
-
-
V
EB
-50
-
-
V
C
V(BR)CES
(BR)CBO
V
Collector-Emitter Breakdown Voltage
Collector-Base Breakdown Voltage
I = -10mA
I = -10uA
E
Emitter-Base Breakdown Voltage
(BR)EBO
V
V = -30V, I = 0
E
-
-
-15
nA
CB
ICBO
Collector Cutoff Current
-5.0
-
-
V
-
-
-4.0
uA
T =150°C
J
V = -5V, I = 0
EB
C
Emitter Cutoff Current
IEBO
DC Current Gain
h FE
-
-
-100
nA
-
-
-0.3
V
-
-
-0.65
V
V = -5V, I = -2.0mA
CE
C
200
-
475
Collector-Emitter Saturation Voltage CE(SAT)
V
I = -10mA, I = -0.5mA
CB
I = -100mA, I = -5mA
CB
Base-Emitter Saturation Voltage
BE(SAT)
V
C
I = -10mA, I = -0.5mA
-
-0.7
-
V
Base-Emitter Voltage
BE
V
-0.6
-
-0.75
V
C
CE
Gain-Bandwidth Product
T
f
100
-
-
MHz
Collector-Base Capacitance
CBO
C
-
-
4.5
pF
CB
V = -10V, f =1.0MHz
C
CE
f = 100MHz
Emitter-Base Capacitance
EBO
C
-
11
-
pF
EB
V = -0.5V, f =1.0MHz
B


Similar Part No. - BC847BPN-AU_LX_0001

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC847BPN-Q NEXPERIA-BC847BPN-Q Datasheet
267Kb / 13P
   45 V, 100 mA NPN/PNP general-purpose transistor
17 June 2021
More results

Similar Description - BC847BPN-AU_LX_0001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BC847BPN PANJIT-BC847BPN Datasheet
145Kb / 3P
   DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
BC846APN PANJIT-BC846APN Datasheet
138Kb / 5P
   DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
logo
Leshan Radio Company
LBC846BPDW1T1 LRC-LBC846BPDW1T1 Datasheet
253Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
LBC846BPDW1T1G LRC-LBC846BPDW1T1G_11 Datasheet
169Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
logo
ON Semiconductor
EMF18XV6T5 ONSEMI-EMF18XV6T5 Datasheet
62Kb / 5P
   Dual Transistor ??Power Management NPN/PNP Dual (Complimentary)
October, 2005 ??Rev. 1
logo
AiT Semiconductor Inc.
BC846BPDW AITSEMI-BC846BPDW Datasheet
987Kb / 11P
   GENERAL PURPOSE TRANSISTOR NPN/PNP DUAL (COMPLIMENTARY)
REV1.1
logo
Solid States Devices, I...
TR0032F SSDI-TR0032F Datasheet
139Kb / 2P
   Complimentary NPN & PNP Transistor
logo
Pan Jit International I...
MMDT3906 PANJIT-MMDT3906 Datasheet
179Kb / 4P
   DUAL SURFACE MOUNT PNP TRANSISTORS
MMDT3904 PANJIT-MMDT3904 Datasheet
207Kb / 4P
   DUAL SURFACE MOUNT NPN TRANSISTORS
MMDT2222A PANJIT-MMDT2222A_09 Datasheet
167Kb / 4P
   DUAL SURFACE MOUNT NPN TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com