Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQU2A392MV Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECQU2A392MV
Description  Interference Suppression Capacitor Metallized Polyester
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQU2A392MV Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECQU2A392MV Datasheet HTML 1Page - Panasonic Semiconductor ECQU2A392MV Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Discontinued
Plastic Film Capacitors
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Dimensions (mm)
L± 0.5
T± 0.5
H± 0.5
F
ødP
Q
Cap.
(µF)
Part No.
ECQU2A102 MV
ECQU2A122 MV
ECQU2A152 MV
ECQU2A182 MV
ECQU2A222 MV
ECQU2A272 MV
ECQU2A332 MV
ECQU2A392 MV
ECQU2A472 MV
ECQU2A562 MV
ECQU2A682 MV
ECQU2A822 MV
ECQU2A103 MV
ECQU2A123 MV
ECQU2A153 MV
ECQU2A183 MV
ECQU2A223 MV
ECQU2A273 MV
ECQU2A333 MV
ECQU2A393 MV
ECQU2A473 MV
ECQU2A563 MV
ECQU2A683 MV
ECQU2A823 MV
ECQU2A104 MV
ECQU2A124 MV
ECQU2A154 MV
ECQU2A184 MV
ECQU2A224 MV
ECQU2A274 MV
ECQU2A334 MV
ECQU2A394 MV
ECQU2A474 MV
ECQU2A564 MV
ECQU2A684 MV
ECQU2A824 MV
ECQU2A105 MV
0.001
17.5
4.0
10.5
15.0
0.60
0
0.5
1.3
0.0012
17.5
4.0
10.5
15.0
0.60
0
0.5
1.3
0.0015
17.5
4.0
10.5
15.0
0.60
0
0.5
1.3
0.0018
17.5
4.0
10.5
15.0
0.60
0
0.5
1.3
0.0022
17.5
4.0
10.5
15.0
0.60
0
0.5
1.3
0.0027
17.5
4.0
10.5
15.0
0.60
0
0.5
1.3
0.0033
17.5
4.0
10.5
15.0
0.60
0
0.5
1.3
0.0039
17.5
4.0
10.5
15.0
0.60
0
0.5
1.3
0.0047
17.5
4.0
10.5
15.0
0.60
0
0.5
1.3
0.0056
17.5
4.0
10.5
15.0
0.60
0
0.5
1.3
0.0068
17.5
4.0
10.5
15.0
0.60
0
0.5
1.3
0.0082
17.5
4.0
10.5
15.0
0.60
0
0.5
1.3
0.01
17.5
4.0
10.5
15.0
0.60
0
0.5
1.3
0.012
17.5
4.0
10.5
15.0
0.60
0
0.5
1.3
0.015
17.5
4.0
10.5
15.0
0.60
0
0.5
1.3
0.018
17.5
4.5
10.5
15.0
0.60
0
0.5
1.3
0.022
17.5
4.5
10.5
15.0
0.60
0
0.5
1.3
0.027
17.5
4.5
13.0
15.0
0.60
0
0.5
1.3
0.033
17.5
4.5
13.0
15.0
0.60
0
0.5
1.3
0.039
17.5
5.5
12.5
15.0
0.60
0
0.5
1.3
0.047
17.5
5.5
12.5
15.0
0.60
0
0.5
1.3
0.056
17.5
7.0
14.0
15.0
0.60
0
0.5
1.3
0.068
17.5
7.0
14.0
15.0
0.60
0
0.5
1.3
0.082
17.5
8.0
15.0
15.0
0.60
0
0.5
1.3
0.1
17.5
8.0
15.0
15.0
0.80
0
0.5
1.3
0.12
25.5
6.5
16.5
22.5
0.80
0
0.5
1.5
0.15
25.5
6.5
16.5
22.5
0.80
0
0.5
1.5
0.18
25.5
8.5
17.0
22.5
0.80
0
0.5
1.5
0.22
25.5
8.5
17.0
22.5
0.80
0
0.5
1.5
0.27
30.5
10.0
18.0
27.5
0.80
0
0.75
1.5
0.33
30.5
10.0
18.0
27.5
0.80
0
0.75
1.5
0.39
30.5
12.0
20.0
27.5
0.80
0
0.75
1.5
0.47
30.5
12.0
20.0
27.5
0.80
0
0.75
1.5
0.56
30.5
13.5
23.5
27.5
0.80
0
0.75
1.5
0.68
30.5
13.5
23.5
27.5
0.80
0
0.75
1.5
0.82
30.5
16.5
26.5
27.5
0.80
0
0.75
1.5
1.0
30.5
16.5
26.5
27.5
0.80
0
0.75
1.5
Cap. tol.code (K, M)
sDimensions in mm (not to scale)
L
F
±0.4
Type 1
Type 2
T
T
d
±0.05
d
±0.05
CASE : Either type 1
or type 2
Solder-plated copper-clad
steel wire
Q
(
Tolerance of the lead exit point)
A
C
B
STYLE
A side
B side
C side
2
0.0082to0.047
µF
3
0.056 to0.22
µF
4
0.27to1.0
µF
1
0.001 to0.0068
µF
.056
µF K
LL2
Date code
Note:Only
±10% as cap.tol. to be marked as “K”
Markong example
40/085/21
ECQ-UV
ECQ-UV
250V~ X2
.27
µF K
250V~ X2
.001
µF K
.01
µF K
LL2
V
DE
132400
GPF
MKT
LL2
V
DE
132400
GPF
MKT
GPF
MKT
V
DE
132400
(250V/UL 1283)
(125V/UL 1414)
40/085/21
(250V/UL 1283)
(125V/UL 1414)
ECQ-UV
40/085/21
(250V/UL 1283)
(125V/UL 1414)
ECQ-UV
40/085/21
(250V/UL 1283)
(125V/UL 1414)
250V~X2
LL2
V
DE
132400
GPF
MKT
250V~X2
sRating & Dimensions
+1.4
–0.6
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
Mar. 2005


Similar Part No. - ECQU2A392MV

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQU2A392MV PANASONIC-ECQU2A392MV Datasheet
248Kb / 2P
   Interference Suppression Capacitor Metallized Polyester
More results

Similar Description - ECQU2A392MV

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-U2A474MV PANASONIC-ECQ-U2A474MV Datasheet
248Kb / 2P
   Interference Suppression Capacitor Metallized Polyester
ECQ-U2A155ML PANASONIC-ECQ-U2A155ML Datasheet
71Kb / 2P
   Interference Suppression Capacitor Metallized Polyester
ECQ-U2A224MG PANASONIC-ECQ-U2A224MG Datasheet
128Kb / 2P
   Interference Suppression Capacitor Metallized Polyester
ECQ-U2A103MN PANASONIC-ECQ-U2A103MN Datasheet
50Kb / 2P
   Interference Suppression Capacitor Metallized Polyester/Polypropylene
ECQ-U2A104MN PANASONIC-ECQ-U2A104MN Datasheet
50Kb / 2P
   Interference Suppression Capacitor Metallized Polyester/Polypropylene
logo
NIC-Components Corp.
NPX NIC-NPX Datasheet
100Kb / 4P
   Interference Suppression Capacitor
NPXH NIC-NPXH Datasheet
451Kb / 6P
   Interference Suppression Capacitor
NPYT NIC-NPYT Datasheet
419Kb / 6P
   Interference Suppression Capacitor
logo
Panasonic Semiconductor
ECQU2A102 PANASONIC-ECQU2A102 Datasheet
83Kb / 2P
   Interference Suppression Capacitor
ECQ-U2A104MLA PANASONIC-ECQ-U2A104MLA Datasheet
71Kb / 2P
   Interference Suppression Capacitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com