Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSH122-I Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KSH122-I
Description  D-PAK for Surface Mount Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSH122-I Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSH122-I Datasheet HTML 1Page - Fairchild Semiconductor KSH122-I Datasheet HTML 2Page - Fairchild Semiconductor KSH122-I Datasheet HTML 3Page - Fairchild Semiconductor KSH122-I Datasheet HTML 4Page - Fairchild Semiconductor KSH122-I Datasheet HTML 5Page - Fairchild Semiconductor KSH122-I Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A4, October 2002
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 3. Collector Output Capacitance
Figure 4. Turn On Time
Figure 5. Turn Off Time
Figure 6. Safe Operating Area
0.1
1
10
100
1k
10k
VCE = 4V
IC[A], COLLECTOR CURRENT
0.1
1
10
100
0.01
0.1
1
10
IC = 250 IB
VCE(sat)
VBE(sat)
IC[A], COLLECTOR CURRENT
0.1
1
10
100
1
10
100
1000
VCB[V], COLLECTOR-BASE VOLTAGE
0.1
1
10
0.01
0.1
1
10
V
CC= 30V
I
C=250IB
I
B1=-IB2
t
D, VBE(off)=0
t
R
I
C
[A], COLLECTOR CURRENT
0.1
1
10
0.1
1
10
VCC=30V
IC=250IB
tF
tSTG
IC[A], COLLECTOR CURRENT
1
10
100
1000
0.01
0.1
1
10
100
500
µs
5m
s
100
µs
1m
s
DC
VCE[V], COLLECTOR-EMITTER VOLTAGE


Similar Part No. - KSH122-I

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSH122 FAIRCHILD-KSH122 Datasheet
178Kb / 7P
   NPN Silicon Darlington Transistor
KSH122I FAIRCHILD-KSH122I Datasheet
62Kb / 6P
   D-PAK for Surface Mount Applications
KSH122I FAIRCHILD-KSH122I Datasheet
178Kb / 7P
   NPN Silicon Darlington Transistor
KSH122ITU FAIRCHILD-KSH122ITU Datasheet
178Kb / 7P
   NPN Silicon Darlington Transistor
KSH122TF FAIRCHILD-KSH122TF Datasheet
178Kb / 7P
   NPN Silicon Darlington Transistor
More results

Similar Description - KSH122-I

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSH127 FAIRCHILD-KSH127 Datasheet
57Kb / 6P
   D-PAK for Surface Mount Applications
MJD200 FAIRCHILD-MJD200 Datasheet
45Kb / 5P
   D-PAK for Surface Mount Applications
KSH117I FAIRCHILD-KSH117I Datasheet
63Kb / 6P
   D-PAK for Surface Mount Applications
KSH210 FAIRCHILD-KSH210 Datasheet
52Kb / 6P
   D-PAK for Surface Mount Applications
KSH112TM FAIRCHILD-KSH112TM Datasheet
62Kb / 6P
   D-PAK for Surface Mount Applications
KSH112I FAIRCHILD-KSH112I Datasheet
63Kb / 6P
   D-PAK for Surface Mount Applications
MJD117 FAIRCHILD-MJD117 Datasheet
59Kb / 5P
   D-PAK for Surface Mount Applications
KSH112 FAIRCHILD-KSH112 Datasheet
57Kb / 6P
   D-PAK for Surface Mount Applications
KSH117 FAIRCHILD-KSH117 Datasheet
58Kb / 6P
   D-PAK for Surface Mount Applications
MJD127 FAIRCHILD-MJD127 Datasheet
51Kb / 5P
   D-PAK for Surface Mount Applications
MJD112 FAIRCHILD-MJD112 Datasheet
51Kb / 5P
   D-PAK for Surface Mount Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com