Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847BS-AU_AD_1001 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BC847BS-AU_AD_1001
Description  NPN GENERAL PURPOSE DUAL TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC847BS-AU_AD_1001 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BC847BS-AU_AD_1001 Datasheet HTML 1Page - Pan Jit International Inc. BC847BS-AU_AD_1001 Datasheet HTML 2Page - Pan Jit International Inc. BC847BS-AU_AD_1001 Datasheet HTML 3Page - Pan Jit International Inc. BC847BS-AU_AD_1001 Datasheet HTML 4Page - Pan Jit International Inc. BC847BS-AU_AD_1001 Datasheet HTML 5Page - Pan Jit International Inc. BC847BS-AU_AD_1001 Datasheet HTML 6Page - Pan Jit International Inc. BC847BS-AU_AD_1001 Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PAGE . 2
April 3,2013-REV.04
BC847BS-AU
ELECTRICAL CHARACTERISTICS (T
J=25
O
C, unless otherwise noted)
1
2
3
6
5
4
Fig.54
P arameter
S ymbol
Test Condi tion
Min.
Typ.
Max.
Uni t
OFF C HARAC TE RISTIC S
C ollector - E mi tter B reakdown Voltage
V
(BR)CE O
I
C =1 0 m A
45
-
-
V
C ollector - E mi tter B reakdown Voltage
V
(B R)CE S
I
C =1 0  A, V EB=0
50
-
-
V
C ollector - B ase B reakdown Voltage
V
(BR)CB O
I
C =1 0  A5 0
-
-
V
E mi tter - B ase B reakdown Voltage
V
(B R)EB O
I
E=1  A6
-
-
V
Collector Cutoff Current
I
CB O
V
CB=3 0 V ,
V
CB=3 0 V , T A =1 5 0
O
C
--
15
5
nA
 
A
ON C HARAC TERISTIC S
DC C urrent Gai n
h
FE
I
C =2 m A , V CE= 5V
200
-
450
-
C ollector - E mi tter S aturati on Voltage
V
CE (S AT)
I
C =1 0 m A , IB=0 .5 m A
I
C = 1 00m A , IB=5 m A
-
-
-
0.25
0.6
V
Base - Emitter Saturation Voltage
V
BE (S AT)
I
C =1 0 m A , IB=0 .5 m A
I
C = 1 00m A , IB=5 m A
0.6
0.8
-
-
0.9
1
V
Base - Emitter Voltage
V
BE(ON)
I
C =2 m A , V CE=5 V
I
C =1 0 m A , V CE=5 V
580
-
660
-
700
770
mV
SMALL-SIGNAL C HARAC TERISTIC S
C urrent-Gai n-B andwi dth P roduct
f
T
I
C =1 0 m A , V CE= 5 V d c, f = 100M H Z
100
-
-
MH
Z
Output C apaci tance
C
obo
V
CB=1 0 V ,f =1 M HZ
--
4.5
pF
Noi se F i gure
NF
I
C = 0 .2 m A ,V CE=5 V d c ,
R
S =2 k  ,f =1 .0 k H Z ,
BW=200H
Z
-
-
10
dB


Similar Part No. - BC847BS-AU_AD_1001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847BS-13-F DIODES-BC847BS-13-F Datasheet
245Kb / 5P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC847BS-7 DIODES-BC847BS-7 Datasheet
55Kb / 3P
   DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30222 Rev. 3 - 2
BC847BS-7-F DIODES-BC847BS-7-F Datasheet
350Kb / 3P
   DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30222 Rev. 9 - 2
BC847BS-7-F DIODES-BC847BS-7-F Datasheet
112Kb / 3P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 12 - 2
BC847BS-7-F DIODES-BC847BS-7-F Datasheet
245Kb / 5P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results

Similar Description - BC847BS-AU_AD_1001

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PUMX1 UTC-PUMX1 Datasheet
63Kb / 2P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
PUMX1 UTC-PUMX1_08 Datasheet
151Kb / 2P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
PUMX1 UTC-PUMX1_15 Datasheet
164Kb / 3P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
logo
Taiwan Semiconductor Co...
TSC2411D TSC-TSC2411D Datasheet
91Kb / 3P
   General Purpose Dual NPN Transistor
logo
Pan Jit International I...
BC847CSTB6 PANJIT-BC847CSTB6 Datasheet
413Kb / 6P
   DUAL NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
MBT3904DW WEITRON-MBT3904DW Datasheet
244Kb / 7P
   Dual General Purpose Transistor NPNNPN Silicon
logo
ON Semiconductor
BC847BPDXV6 ONSEMI-BC847BPDXV6_13 Datasheet
116Kb / 6P
   NPN/PNP Dual General Purpose Transistor
May, 2013 ??Rev. 2
logo
Pan Jit International I...
MMDT3904TB6 PANJIT-MMDT3904TB6 Datasheet
130Kb / 4P
   DUAL NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
ON Semiconductor
EMX2DXV6T5 ONSEMI-EMX2DXV6T5 Datasheet
127Kb / 4P
   Dual NPN General Purpose Amplifier Transistor
November, 2005 ??Rev. 2
EMX1DXV6T1 ONSEMI-EMX1DXV6T1 Datasheet
56Kb / 4P
   Dual NPN General Purpose Amplifier Transistor
November, 2005 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com