Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

46012-3141 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 46012-3141
Description  Mini-Fit Plus Connector System 4.20mm Pitch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

46012-3141 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  46012-3141 Datasheet HTML 1Page - Molex Electronics Ltd. 46012-3141 Datasheet HTML 2Page - Molex Electronics Ltd. 46012-3141 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
©2013 Molex
Order No. 987650-9312
Printed in USA/KC/2013.07
Ordering Information - Wire-to-Board
Terminals
Order No.
Gender
Wire Range (AWG)
Base Material
Plating
Packaging
45750-1111
Female
18 to 20
Copper
Tin
Reel
45750-3111
16
45750-1211
18 to 20
Gold
45750-3211
16
Receptacles
Order No.
Rows
Circuits
Resin
Flammability
Packaging
39-01-4XX1
Single
3 to 5
Nylon
UL 94V-0
Bag
39-01-4XX0
UL 94V-2
39-01-2XX5
Dual
2 to 24
UL 94V-0
39-01-2XX0
UL 94V-2
Headers
Order No.
Rows
Plating
Circuits
Flammability
PCB Processing
Packaging
46014-XX04
Vertical, Single
Tin
3 to 5
UL 94V-0
Wave Solder
Tray
46014-XX06
Gold
46014-XX05
Tin
UL 94V-2
46015-XX03
Vertical, Dual
Gold
2 to 24
UL 94V-0
46015-XX09
Tin
46015-XX07
Gold
UL 94V-2
39-30-3XX2
Right Angle, Single
Tin
3 to 5
UL 94V-0
39-30-3XX3
Gold
39-30-3XX5
Tin
UL 94V-2
39-29-1XX7
Right Angle, Dual
Gold
2 to 24
UL 94V-0
39-30-0XX0
Tin
39-28-1XX8
Gold
UL 94V-2
Replace XX with number of circuits required. For example, if an 8-circuit part is required, insert 08.
Right-angle single and dual-row headers are standard 5569 series; solid pins carry higher current
Ordering Information - Wire-to-Wire
Terminals
Order No.
Gender
Wire Range (AWG)
Base Material
Plating
Packaging
45750-1111
Female
18 to 20
Copper
Tin
Reel
45750-3111
16
45750-1211
18 to 20
Gold
45750-3211
16
46012-1141
Male
16
Tin
46012-3141
18 to 20
46012-3241
16
Gold
46012-1240
18 to 20
Receptacles
Order No.
Rows
Circuits
Resin
Flammability
Packaging
39-01-4XX1
Single
3 to 5
Nylon
UL 94V-0
Bag
39-01-4XX0
UL 94V-2
39-01-2XX5
Dual
2 to 24
UL 94V-0
39-01-2XX0
UL 94V-2
Plugs
Order No.
Rows
Circuits
Resin
Flammability
Packaging
39-01-4XX7
Free-Hanging,
Single
3 to 5
Nylon
UL 94V-0
Bag
39-01-4XX6
UL 94V-2
39-01-2XX9
Free-Hanging,
Dual
2 to 24
UL 94V-0
39-01-2XX3
UL 94V-2
39-01-4XX3
Panel-Mount,
Single
3 to 5
UL 94V-0
39-01-4XX2
UL 94V-2
39-01-2XX6
Panel-Mount,
Dual
2 to 24
UL 94V-0
39-01-2XX1
UL 94V-2
Replace XX with number of circuits required. For example, if an 8-circuit part is required, insert 08.
Mini-Fit® Plus
Connector System
4.20mm Pitch
www.molex.com/link/minifit.html


Similar Part No. - 46012-3141

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
46012 MOLEX2-46012 Datasheet
875Kb / 2P
   Mini-Fit짰 TPA (Terminal Position Assurance) Plugs and Receptacles
logo
Turck, Inc.
46012 TURCK-46012 Datasheet
331Kb / 3P
   Inductive Sensor
11/07/2023
More results

Similar Description - 46012-3141

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0460111802 MOLEX1-0460111802 Datasheet
47Kb / 2P
   Mini-Fit Plus Connector System
0039000038 MOLEX3-0039000038 Datasheet
235Kb / 4P
   4.20mm (.165") Pitch Mini-Fit?
1626482 MOLEX11-1626482 Datasheet
38Kb / 2P
   4.20mm Pitch Mini-Fit Jr
0460102421 MOLEX1-0460102421 Datasheet
31Kb / 2P
   Mini-Fit Plus PCB Receptacle, 4.20mm Pitch, Dual Row, Vertical, Blind Mating
0460100421 MOLEX1-0460100421 Datasheet
31Kb / 2P
   Mini-Fit Plus PCB Receptacle, 4.20mm Pitch, Dual Row, Vertical, Blind Mating
0460101621 MOLEX1-0460101621 Datasheet
31Kb / 2P
   Mini-Fit Plus PCB Receptacle, 4.20mm Pitch, Dual Row, Vertical, Blind Mating
0460100411 MOLEX1-0460100411 Datasheet
31Kb / 2P
   Mini-Fit Plus PCB Receptacle, 4.20mm Pitch, Dual Row, Vertical, Blind Mating
0460101412 MOLEX1-0460101412 Datasheet
31Kb / 2P
   Mini-Fit Plus PCB Receptacle, 4.20mm Pitch, Dual Row, Vertical, Blind Mating
0460101612 MOLEX1-0460101612 Datasheet
31Kb / 2P
   Mini-Fit Plus PCB Receptacle, 4.20mm Pitch, Dual Row, Vertical, Blind Mating
0460101821 MOLEX1-0460101821 Datasheet
31Kb / 2P
   Mini-Fit Plus PCB Receptacle, 4.20mm Pitch, Dual Row, Vertical, Blind Mating
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com