Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECST1CY335R Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECST1CY335R
Description  Tantalum Solid Electrolytic Capacitors TE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECST1CY335R Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECST1CY335R Datasheet HTML 1Page - Panasonic Semiconductor ECST1CY335R Datasheet HTML 2Page - Panasonic Semiconductor ECST1CY335R Datasheet HTML 3Page - Panasonic Semiconductor ECST1CY335R Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Tantalum Solid Electrolytic Capacitors/TE
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/ or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
 EE30 
s
LxWxH
(mm)
(pcs)
(V)
(µF)
tan
δ
(120Hz)
(20
°C)
(µA)
L.C
Case Size
Specification
Cap.
(±20%)
W.V.
Standard Products
Part No.
Min.Packaging Q'ty
Taping
Size
Code
25
35
ESR
(100kHz)
(20
°C)
(
Ω)
2.2
3.2x1.6x1.6
Y
0.6
0.06
7.0
ECST1EY225R
2000
3.5x2.8x1.9
X
0.6
0.04
4.5
ECST1EX225R
2000
3.3
3.5x2.8x1.9
X
0.9
0.04
3.5
ECST1EX335R
2000
4.7
3.5x2.8x1.9
X
1.2
0.06
2.8
ECST1EX475R
2000
6.8
6.0x3.2x2.5
C
1.7
0.06
1.9
ECST1EC685R
750
10
6.0x3.2x2.5
C
2.5
0.06
1.5
ECST1EC106R
750
15
5.8x4.6x3.2
V
3.8
0.06
1.2
ECST1EV156R
500
7.3x4.3x2.8
D
3.8
0.06
1.0
ECST1ED156R
750
22
7.3x4.3x2.8
D
5.5
0.06
0.7
ECST1ED226R
750
0.15 3.2x1.6x1.6
Y
0.5
0.04
19.0
ECST1VY154R
2000
0.22 3.2x1.6x1.6
Y
0.5
0.04
18.0
ECST1VY224R
2000
0.33 3.2x1.6x1.6
Y
0.5
0.04
15.0
ECST1VY334R
2000
0.47 3.2x1.6x1.6
Y
0.5
0.04
12.0
ECST1VY474R
2000
0.68 3.2x1.6x1.6
Y
0.5
0.04
8.0
ECST1VY684R
2000
1
3.2x1.6x1.6
Y
0.5
0.04
7.5
ECST1VY105R
2000
1.5
3.5x2.8x1.9
X
0.6
0.04
5.0
ECST1VX155R
2000
2.2
3.5x2.8x1.9
X
0.8
0.04
4.0
ECST1VX225R
2000
3.3
3.5x2.8x1.9
X
1.2
0.04
3.5
ECST1VX335R
2000
4.7
6.0x3.2x2.5
C
1.7
0.06
2.0
ECST1VC475R
750
6.8
6.0x3.2x2.5
C
2.4
0.06
1.8
ECST1VC685R
750
10
5.8x4.6x3.2
V
3.5
0.06
1.2
ECST1VV106R
500
7.3x4.3x2.8
D
3.5
0.06
1.0
ECST1VD106R
750
15
7.3x4.3x2.8
D
5.3
0.06
0.8
ECST1VD156R
750


Similar Part No. - ECST1CY335R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECST1CY335R PANASONIC-ECST1CY335R Datasheet
120Kb / 4P
   Tantalum Solid Electrolytic Capacitors/TE
logo
Nichicon corporation
ECST1CY335R NICHICON-ECST1CY335R Datasheet
50Kb / 3P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - ECST1CY335R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECS-T1AD107R PANASONIC-ECS-T1AD107R Datasheet
120Kb / 4P
   Tantalum Solid Electrolytic Capacitors/TE
ECS-T1AY225R PANASONIC-ECS-T1AY225R Datasheet
120Kb / 4P
   Tantalum Solid Electrolytic Capacitors/TE
ECS-T1DC106R PANASONIC-ECS-T1DC106R Datasheet
120Kb / 4P
   Tantalum Solid Electrolytic Capacitors/TE
EEJ-L1VD226R PANASONIC-EEJ-L1VD226R Datasheet
55Kb / 2P
   Tantalum Solid Electrolytic Capacitors/TE-L
logo
Nichicon corporation
F931A476KAA NICHICON-F931A476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F920E226MPA NICHICON-F920E226MPA Datasheet
109Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2_09 Datasheet
88Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931A336KBA NICHICON-F931A336KBA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931C475KAA NICHICON-F931C475KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F930J476KAA NICHICON-F930J476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com