Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECST1CX106R Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECST1CX106R
Description  Tantalum Solid Electrolytic Capacitors TE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECST1CX106R Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECST1CX106R Datasheet HTML 1Page - Panasonic Semiconductor ECST1CX106R Datasheet HTML 2Page - Panasonic Semiconductor ECST1CX106R Datasheet HTML 3Page - Panasonic Semiconductor ECST1CX106R Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Tantalum Solid Electrolytic Capacitors/TE
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/ or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
 EE28 
s
LxWxH
(mm)
(pcs)
(V)
(µF)
(µA)
L.C
Case Size
Specification
Cap.
(±20%)
W.V.
Standard Products
Part No.
Min.Packaging Q'ty
Taping
Size
Code
4.7
3.2x1.6x1.6
Y
0.5
0.06
8.0
ECST0GY475R
2000
6.8
3.2x1.6x1.6
Y
0.5
0.06
6.0
ECST0GY685R
2000
10
3.2x1.6x1.6
Y
0.5
0.06
4.0
ECST0GY106R
2000
15
3.2x1.6x1.6
Y
0.6
0.06
4.0
ECST0GY156R
2000
22
3.2x1.6x1.6
Y
0.9
0.06
3.5
ECST0GY226R
2000
3.5x2.8x1.9
X
0.9
0.06
3.0
ECST0GX226R
2000
33
3.5x2.8x1.9
X
1.4
0.06
2.8
ECST0GX336R
2000
47
3.5x2.8x1.9
X
1.9
0.06
2.4
ECST0GX476R
2000
6.0x3.2x2.5
C
1.9
0.06
1.8
ECST0GC476R
750
68
6.0x3.2x2.5
C
2.8
0.06
1.6
ECST0GC686R
750
100
6.0x3.2x2.5
C
4.0
0.08
1.2
ECST0GC107R
750
5.8x4.6x3.2
V
4.0
0.08
1.0
ECST0GV107R
500
7.3x4.3x2.8
D
4.0
0.08
0.8
ECST0GD107R
750
150
5.8x4.6x3.2
V
6.0
0.08
1.0
ECST0GV157R
500
7.3x4.3x2.8
D
6.0
0.08
0.8
ECST0GD157R
750
220
7.3x4.3x2.8
D
8.8
0.12
0.7
ECST0GD227R
750
330
7.3x4.3x2.8
D
13.2
0.14
0.7
ECST0GD337R
750
3.3
3.2x1.6x1.6
Y
0.5
0.04
7.0
ECST0JY335R
2000
4.7
3.2x1.6x1.6
Y
0.5
0.06
6.0
ECST0JY475R
2000
6.8
3.2x1.6x1.6
Y
0.5
0.06
5.0
ECST0JY685R
2000
10
3.2x1.6x1.6
Y
0.7
0.06
4.0
ECST0JY106R
2000
15
3.2x1.6x1.6
Y
1.0
0.06
3.5
ECST0JY156R
2000
3.5x2.8x1.9
X
1.0
0.06
2.5
ECST0JX156R
2000
22
3.2x1.6x1.6
Y
1.4
0.08
3.0
ECST0JY226R
2000
3.5x2.8x1.9
X
1.4
0.06
2.5
ECST0JX226R
2000
33
3.5x2.8x1.9
X
2.1
0.06
2.2
ECST0JX336R
2000
6.0x3.2x2.5
C
2.1
0.06
1.8
ECST0JC336R
750
47
3.5x2.8x1.9
X
3.0
0.06
2.0
ECST0JX476R
2000
6.0x3.2x2.5
C
3.0
0.06
1.6
ECST0JC476R
750
68
6.0x3.2x2.5
C
4.3
0.06
1.2
ECST0JC686R
750
5.8x4.6x3.2
V
4.3
0.06
1.0
ECST0JV686R
500
7.3x4.3x2.8
D
4.3
0.06
0.8
ECST0JD686R
750
100
6.0x3.2x2.5
C
6.3
0.08
1.2
ECST0JC107R
750
5.8x4.6x3.2
V
6.3
0.08
1.0
ECST0J V107R
500
7.3x4.3x2.8
D
6.3
0.08
0.8
ECST0JD107R
750
150
7.3x4.3x2.8
D
9.5
0.08
0.7
ECST0JD157R
750
220
7.3x4.3x2.8
D
13.9
0.12
0.7
ECST0JD227R
750
2.2
3.2x1.6x1.6
Y
0.5
0.04
7.0
ECST1AY225R
2000
3.3
3.2x1.6x1.6
Y
0.5
0.04
5.5
ECST1AY335R
2000
4.7
3.2x1.6x1.6
Y
0.5
0.06
5.0
ECST1AY475R
2000
6.8
3.2x1.6x1.6
Y
0.7
0.06
4.0
ECST1AY685R
2000
10
3.2x1.6x1.6
Y
1.0
0.06
3.0
ECST1AY106R
2000
3.5x2.8x1.9
X
1.0
0.06
2.5
ECST1A X106R
2000
15
3.5x2.8x1.9
X
1.5
0.06
2.8
ECST1AX156R
2000
22
3.5x2.8x1.9
X
2.2
0.06
2.4
ECST1AX226R
2000
6.0x3.2x2.5
C
2.2
0.06
1.8
ECST1AC226R
750
6.3
4
10
tan
δ
(120Hz)
(20
°C)
ESR
(100kHz)
(20
°C)
(
Ω)


Similar Part No. - ECST1CX106R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECST1CX106R PANASONIC-ECST1CX106R Datasheet
120Kb / 4P
   Tantalum Solid Electrolytic Capacitors/TE
logo
Nichicon corporation
ECST1CX106R NICHICON-ECST1CX106R Datasheet
50Kb / 3P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - ECST1CX106R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECS-T1AD107R PANASONIC-ECS-T1AD107R Datasheet
120Kb / 4P
   Tantalum Solid Electrolytic Capacitors/TE
ECS-T1AY225R PANASONIC-ECS-T1AY225R Datasheet
120Kb / 4P
   Tantalum Solid Electrolytic Capacitors/TE
ECS-T1DC106R PANASONIC-ECS-T1DC106R Datasheet
120Kb / 4P
   Tantalum Solid Electrolytic Capacitors/TE
EEJ-L1VD226R PANASONIC-EEJ-L1VD226R Datasheet
55Kb / 2P
   Tantalum Solid Electrolytic Capacitors/TE-L
logo
Nichicon corporation
F931A476KAA NICHICON-F931A476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F920E226MPA NICHICON-F920E226MPA Datasheet
109Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2_09 Datasheet
88Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931A336KBA NICHICON-F931A336KBA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931C475KAA NICHICON-F931C475KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F930J476KAA NICHICON-F930J476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com