Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJPC2R2MF3 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ELJPC2R2MF3
Description  Fixed Inductors Chip Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJPC2R2MF3 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ELJPC2R2MF3 Datasheet HTML 1Page - Panasonic Semiconductor ELJPC2R2MF3 Datasheet HTML 2Page - Panasonic Semiconductor ELJPC2R2MF3 Datasheet HTML 3Page - Panasonic Semiconductor ELJPC2R2MF3 Datasheet HTML 4Page - Panasonic Semiconductor ELJPC2R2MF3 Datasheet HTML 5Page - Panasonic Semiconductor ELJPC2R2MF3 Datasheet HTML 6Page - Panasonic Semiconductor ELJPC2R2MF3 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
0.4±0.2
2.5
+0.3
Marking
–0.2
3.5 to 4.0
1.4 to 1.5
Part No.
Inductance
Q
SRF ✽1
(MHz) min.
RDC ✽2
(
Ω) max.
DC Current
(mA) max.
(μH)
Tolerance
(%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJPC1R0MF
1.0
M : ±20 %
7.96
10
7.96
95
0.45
475
ELJPC1R5MF
1.5
85
0.55
435
ELJPC2R2MF
2.2
65
0.65
390
ELJPC3R3MF
3.3
8
55
0.85
340
ELJPC4R7MF
4.7
43
1.2
285
ELJPC6R8KF
6.8
K : ±10 %
8.5
44
1.3
170
ELJPC100KF
10
2.52
20
2.52
32
2.2
210
ELJPC120KF
12
25
2.7
195
ELJPC150KF
15
21
3.2
175
ELJPC220KF
22
18
4.0
160
ELJPC330KF
33
16
6.5
120
Recommended Land Pattern in mm (not to scale)
Dimensions in mm (not to scale)
PC Type 2520 (1008)/PC□3 Type 2520 (1008)
✽1 : Self Resonant Frequency ✽2 : DC Resistance
Standard Packing Quantity
● 2000 pcs./Reel
Standard Parts
Part No.
Inductance
Self Resonant
Frequency
(MHz) min.
DC Resistance
(
Ω)
Rated
Current ✽1
(mA) max.
Saturation
Rated Current ✽2
(mA) max.
(μH)
Tolerance
(%)
Test Freq.
(MHz)
ELJPC1R0MF3
1.0
±20 %
1
180
0.12 ±30 %
890
400
ELJPC2R2MF3
2.2
95
0.19 ±30 %
700
330
ELJPC3R3MF3
3.3
75
0.22 ±30 %
650
260
ELJPC4R7MF3
4.7
65
0.25 ±30 %
610
220
ELJPC100MF3
10
43
0.58 ±30 %
400
140
ELJPC220MF3
22
21
1.22 ±30 %
275
100
Standard Parts(PC□3 Type)
✽1 Rated current is defined by maximum temperature rise of 40 Celsius.
✽2 Saturation Rated Current is defined by 30% change of inductance. -dL/L<-30%
Sep. 2012
03
22


Similar Part No. - ELJPC2R2MF3

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJPC2R2MF3 PANASONIC-ELJPC2R2MF3 Datasheet
220Kb / 10P
   Low DCR and large current capability, suitable for power circuitry.
More results

Similar Description - ELJPC2R2MF3

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJ-NDR56JF PANASONIC-ELJ-NDR56JF Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-RF1N0DFB PANASONIC-ELJ-RF1N0DFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-PC150KF PANASONIC-ELJ-PC150KF Datasheet
138Kb / 5P
   Fixed Inductors (Chip Inductors)
ELJ-RF12NJFB PANASONIC-ELJ-RF12NJFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com