Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8303MUV-E2 Datasheet(PDF) 4 Page - Rohm

Part # BD8303MUV-E2
Description  Step-up/down, High-efficiency Switching Regulators (Controller type)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8303MUV-E2 Datasheet(HTML) 4 Page - Rohm

  BD8303MUV-E2 Datasheet HTML 1Page - Rohm BD8303MUV-E2 Datasheet HTML 2Page - Rohm BD8303MUV-E2 Datasheet HTML 3Page - Rohm BD8303MUV-E2 Datasheet HTML 4Page - Rohm BD8303MUV-E2 Datasheet HTML 5Page - Rohm BD8303MUV-E2 Datasheet HTML 6Page - Rohm BD8303MUV-E2 Datasheet HTML 7Page - Rohm BD8303MUV-E2 Datasheet HTML 8Page - Rohm BD8303MUV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Technical Note
4/15
BD8303MUV
www.rohm.com
2013.07 - Rev.B
c
2009 ROHM Co., Ltd. All rights reserved.
● Package Heat Reduction Curve
Fig.16
Efficiency data (VOUT = 3.3 V)
Example of Application Circuit [1]
Fig.17
Efficiency data (VOUT = 5.0 V)
Example of Application Circuit [2]
Fig.18
Efficiency data (VOUT = 8.4 V)
Example of Application Circuit [3]
Fig.13 Starting waveform
(Example of Application Circuit [2])
L=10uH, Cout = 47 uH, fosc = 750
kHz, unloaded
Fig.14 Oscillation waveform
VCC = 5.0 V, Vout = 5.0 V
I LOAD = 1000 mA
Fig.10 Line regulation
Fig.11 Load regulation
Fig.15 Load variation waveform
(Example of Application Circuit [2])
VCC = 7.4 V, Vout = 5.0 V,
I LOAD = 200 mA
1000 mA :40 mA/usec
0
10
20
30
40
50
60
70
80
90
100
0
500
1000
1500
LOAD CURRENT [mA]
0
10
20
30
40
50
60
70
80
90
100
0
1000
2000
3000
LOAD CURRENT [mA]
0
10
20
30
40
50
60
70
80
90
100
0
500
1000
1500
2000
LOAD CURRENT [mA]
500usec/div
ILOAD(500mA/div)
VOUT(100mV/div)
500usec/div
SW1 oscillation
waveform (2.0V/div)
SW2 oscillation
waveform (2.0V/div)
VOUT(2.0V/div)
STB(5.0V/div)
Input current (200mA/div)
0
100
200
300
400
500
600
700
0
25
50
75
100
125
150
AMBIENT TEMPERATURE[℃]
Fig.19 heat reduction curve (IC alone)
When used at Ta = 25°C or more, it is reduced by 4.96 mW/°C.
Fig.12 MAX Duty / MIN Duty
temperature property
4.950
4.975
5.000
5.025
5.050
0
500
1000
1500
LOAD CURRENT [mA]
4.950
4.975
5.000
5.025
5.050
0
5
10
15
VCC VOLTAGE [V]
0
10
20
30
40
50
60
70
80
90
100
0
500
1000
1500
LOAD CURRENT [mA]


Similar Part No. - BD8303MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8303MUV-E2 ROHM-BD8303MUV-E2 Datasheet
1Mb / 27P
   Synchronous Buck-Boost Controller
More results

Similar Description - BD8303MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8303MUV ROHM-BD8303MUV Datasheet
380Kb / 16P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
BD9040FV ROHM-BD9040FV_09 Datasheet
585Kb / 19P
   Step-down,High-efficiency Switching Regulators (Controller type)
BD9011EKN ROHM-BD9011EKN_08 Datasheet
1Mb / 30P
   Step-down, High-efficiency Switching Regulators (Controller type)
BD9018KV ROHM-BD9018KV Datasheet
452Kb / 17P
   Step-down,High-efficiency Switching Regulators (Controller type)
BD9300F ROHM-BD9300F_08 Datasheet
871Kb / 17P
   Single-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
logo
Linear Technology
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159_15 Datasheet
290Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_04 Datasheet
237Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com