Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSH32C Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KSH32C
Description  General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSH32C Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSH32C Datasheet HTML 1Page - Fairchild Semiconductor KSH32C Datasheet HTML 2Page - Fairchild Semiconductor KSH32C Datasheet HTML 3Page - Fairchild Semiconductor KSH32C Datasheet HTML 4Page - Fairchild Semiconductor KSH32C Datasheet HTML 5Page - Fairchild Semiconductor KSH32C Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A4, October 2002
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 3. Collector Capacitance
Figure 4. Turn On Time
Figure 5. Turn Off Time
Figure 6. Safe Operating Area
-0.01
-0.1
-1
-10
1
10
100
1000
V
CE = -2V
I
C[A], COLLECTOR CURRENT
-1E-3
-0.01
-0.1
-1
-10
-0.01
-0.1
-1
-10
I
C = 10 IB
V
CE(sat)
V
BE(sat)
I
C[A], COLLECTOR CURRENT
-0.1
-1
-10
-100
1
10
100
1000
V
CB[V], COLLECTOR-BASE VOLTAGE
-0.01
-0.1
-1
-10
0.1
1
t
R, VCC=-30V
t
R, VCC=-10V
t
C = 10.IB
t
D, VBE(off)=-2V
I
C[A], COLLECTOR CURRENT
-0.01
-0.1
-1
-10
0.1
1
t
STG
t
F, VCC=-30V
I
C = 10.IB
t
F, VCC(off)=-10V
I
C[A], COLLECTOR CURRENT
-1
-10
-100
-1000
-0.01
-0.1
-1
-10
DC
I
CP(max)
I
C(max)
V
CE
[V], COLLECTOR-EMITTER VOLTAGE


Similar Part No. - KSH32C

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
KSH32C ISC-KSH32C Datasheet
336Kb / 3P
   isc Silicon PNP Power Transistor
More results

Similar Description - KSH32C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSH3055 FAIRCHILD-KSH3055 Datasheet
50Kb / 5P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
KSH41C FAIRCHILD-KSH41C Datasheet
53Kb / 6P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
MJD3055 FAIRCHILD-MJD3055 Datasheet
44Kb / 4P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
MJD32 FAIRCHILD-MJD32 Datasheet
49Kb / 5P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
MJD41C FAIRCHILD-MJD41C Datasheet
47Kb / 5P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
MJD2955 FAIRCHILD-MJD2955 Datasheet
43Kb / 4P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
KSH2955TF FAIRCHILD-KSH2955TF Datasheet
55Kb / 5P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
KSH41CTF FAIRCHILD-KSH41CTF Datasheet
58Kb / 6P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
KSH2955 FAIRCHILD-KSH2955 Datasheet
49Kb / 5P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
KSH3055I FAIRCHILD-KSH3055I Datasheet
56Kb / 5P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com