Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24AA256ISM Datasheet(PDF) 2 Page - Microchip Technology

Part # 24AA256ISM
Description  256K IC CMOS Serial EEPROM
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA256ISM Datasheet(HTML) 2 Page - Microchip Technology

  24AA256ISM Datasheet HTML 1Page - Microchip Technology 24AA256ISM Datasheet HTML 2Page - Microchip Technology 24AA256ISM Datasheet HTML 3Page - Microchip Technology 24AA256ISM Datasheet HTML 4Page - Microchip Technology 24AA256ISM Datasheet HTML 5Page - Microchip Technology 24AA256ISM Datasheet HTML 6Page - Microchip Technology 24AA256ISM Datasheet HTML 7Page - Microchip Technology 24AA256ISM Datasheet HTML 8Page - Microchip Technology 24AA256ISM Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
24AA256/24LC256/24FC256
DS20001203T-page 2
 1998-2013 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(†)
VCC.............................................................................................................................................................................6.5V
All inputs and outputs w.r.t. VSS ......................................................................................................... -0.6V to VCC +1.0V
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temperature with power applied................................................................................................-40°C to +125°C
ESD protection on all pins
 4kV
TABLE 1-1:
DC CHARACTERISTICS
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
DC CHARACTERISTICS
Electrical Characteristics:
Industrial (I):
VCC = +1.7V to 5.5V
TA = -40°C to +85°C
Automotive (E):
VCC = +1.7V to 5.5V
TA = -40°C to +125°C
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Conditions
A0, A1, A2, SCL, SDA
and WP pins:
——
D1
VIH
High-level input voltage
0.7 VCC
—V
D2
VIL
Low-level input voltage
0.3 VCC
0.2 VCC
V
V
VCC
 2.5V
VCC < 2.5V
D3
VHYS
Hysteresis of Schmitt
Trigger inputs
(SDA, SCL pins)
0.05 VCC
—V
VCC
 2.5V (Note)
D4
VOL
Low-level output voltage
0.40
V
IOL = 3.0 ma @ VCC = 4.5V
IOL = 2.1 ma @ VCC = 2.5V
D5
ILI
Input leakage current
±1
AVIN = VSS or VCC, WP = VSS
VIN = VSS or VCC, WP = VCC
D6
ILO
Output leakage current
±1
AVOUT = VSS or VCC
D7
CIN,
COUT
Pin capacitance
(all inputs/outputs)
—10
pF
VCC = 5.0V (Note)
TA = 25°C, FCLK = 1 MHz
D8
ICC Read Operating current
400
AVCC = 5.5V, SCL = 400 kHz
ICC Write
3
mA
VCC = 5.5V
D9
ICCS
Standby current
1
ATA = -40°C to +85°C
SCL = SDA = VCC = 5.5V
A0, A1, A2, WP = VSS
—5
ATA = -40°C to +125°C
SCL = SDA = VCC = 5.5V
A0, A1, A2, WP = VSS
Note:
This parameter is periodically sampled and not 100% tested.


Similar Part No. - 24AA256ISM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA256ISM MICROCHIP-24AA256ISM Datasheet
181Kb / 12P
   256K I 2 C CMOS Serial EEPROM
1998
More results

Similar Description - 24AA256ISM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA256-I MICROCHIP-24AA256-I Datasheet
700Kb / 34P
   256K I2C CMOS Serial EEPROM
01/05/10
24LC256ISN MICROCHIP-24LC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
   256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256TISM MICROCHIP-24LC256TISM Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24AA256 MICROCHIP-24AA256_13 Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISNG MICROCHIP-24LC256ISNG Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24AA256 MICROCHIP-24AA256_05 Datasheet
481Kb / 26P
   256K I2C CMOS Serial EEPROM
2005
logo
Catalyst Semiconductor
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC256 CATALYST-CAT24WC256 Datasheet
406Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com