Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25AA256EMF Datasheet(PDF) 11 Page - Microchip Technology

Part # 25AA256EMF
Description  256K SPI Bus Serial EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA256EMF Datasheet(HTML) 11 Page - Microchip Technology

Back Button 25AA256EMF Datasheet HTML 7Page - Microchip Technology 25AA256EMF Datasheet HTML 8Page - Microchip Technology 25AA256EMF Datasheet HTML 9Page - Microchip Technology 25AA256EMF Datasheet HTML 10Page - Microchip Technology 25AA256EMF Datasheet HTML 11Page - Microchip Technology 25AA256EMF Datasheet HTML 12Page - Microchip Technology 25AA256EMF Datasheet HTML 13Page - Microchip Technology 25AA256EMF Datasheet HTML 14Page - Microchip Technology 25AA256EMF Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
© 2007 Microchip Technology Inc.
DS21822F-page 11
25AA256/25LC256
2.6
Write Status Register Instruction
(WRSR)
The Write Status Register instruction (WRSR) allows the
user to write to the nonvolatile bits in the STATUS
register as shown in Table 2-2. The user is able to
select one of four levels of protection for the array by
writing to the appropriate bits in the STATUS register.
The array is divided up into four segments. The user
has the ability to write-protect none, one, two, or all four
of the segments of the array. The partitioning is
controlled as shown in Table 2-3.
The Write-Protect Enable (WPEN) bit is a nonvolatile
bit that is available as an enable bit for the WP pin. The
Write-Protect (WP) pin and the Write-Protect Enable
(WPEN) bit in the STATUS register control the
programmable hardware write-protect feature. Hard-
ware write protection is enabled when WP pin is low
and the WPEN bit is high. Hardware write protection is
disabled when either the WP pin is high or the WPEN
bit is low. When the chip is hardware write-protected,
only writes to nonvolatile bits in the STATUS register
are disabled. See Table 2-1 for a matrix of functionality
on the WPEN bit.
See Figure 2-7 for the WRSR timing sequence.
TABLE 2-3:
ARRAY PROTECTION
FIGURE 2-7:
WRITE STATUS REGISTER TIMING SEQUENCE (WRSR)
BP1
BP0
Array Addresses
Write-Protected
00
none
01
upper 1/4
(6000h-7FFFh)
10
upper 1/2
(4000h-7FFFh)
11
all
(0000h-7FFFh)
SO
SI
CS
9
1011
12131415
0
1
0
0
0
0
00
76
5
4
21
0
Instruction
Data to STATUS Register
High-Impedance
SCK
0
2
34
56
7
1
8
3
Note:
An internal write cycle (TWC) is initiated on the rising edge of CS after a valid write STATUS register
sequence.


Similar Part No. - 25AA256EMF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA256E/MF MICROCHIP-25AA256E/MF Datasheet
837Kb / 32P
   256K SPI Bus Serial EEPROM
11/29/12
25AA256E/P MICROCHIP-25AA256E/P Datasheet
837Kb / 32P
   256K SPI Bus Serial EEPROM
11/29/12
25AA256E/SM MICROCHIP-25AA256E/SM Datasheet
837Kb / 32P
   256K SPI Bus Serial EEPROM
11/29/12
25AA256E/SN MICROCHIP-25AA256E/SN Datasheet
837Kb / 32P
   256K SPI Bus Serial EEPROM
11/29/12
25AA256E/ST MICROCHIP-25AA256E/ST Datasheet
837Kb / 32P
   256K SPI Bus Serial EEPROM
11/29/12
More results

Similar Description - 25AA256EMF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA256 MICROCHIP-25AA256_07 Datasheet
598Kb / 26P
   256K SPI Bus Serial EEPROM
2007
25LC256-I MICROCHIP-25LC256-I Datasheet
509Kb / 26P
   256K SPI Bus Serial EEPROM
12/08/06
25LC256-E MICROCHIP-25LC256-E Datasheet
600Kb / 26P
   256K SPI Bus Serial EEPROM
12/08/06
25AA256-I MICROCHIP-25AA256-I Datasheet
509Kb / 26P
   256K SPI Bus Serial EEPROM
12/08/06
25AA256 MICROCHIP-25AA256 Datasheet
367Kb / 26P
   256K SPI Bus Serial EEPROM
2003
25AA256-ISM MICROCHIP-25AA256-ISM Datasheet
837Kb / 32P
   256K SPI Bus Serial EEPROM
2003-2013
25LC256T-I MICROCHIP-25LC256T-I Datasheet
837Kb / 32P
   256K SPI Bus Serial EEPROM
11/29/12
25AA256 MICROCHIP-25AA256_13 Datasheet
837Kb / 32P
   256K SPI Bus Serial EEPROM
11/29/12
logo
Sanyo Semicon Device
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com