Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F1020AT-20I Datasheet(PDF) 11 Page - Microchip Technology

Part # DSPIC30F1020AT-20I
Description  28/44-Pin High-Performance Switch Mode Power Supply
Download  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F1020AT-20I Datasheet(HTML) 11 Page - Microchip Technology

Back Button DSPIC30F1020AT-20I Datasheet HTML 7Page - Microchip Technology DSPIC30F1020AT-20I Datasheet HTML 8Page - Microchip Technology DSPIC30F1020AT-20I Datasheet HTML 9Page - Microchip Technology DSPIC30F1020AT-20I Datasheet HTML 10Page - Microchip Technology DSPIC30F1020AT-20I Datasheet HTML 11Page - Microchip Technology DSPIC30F1020AT-20I Datasheet HTML 12Page - Microchip Technology DSPIC30F1020AT-20I Datasheet HTML 13Page - Microchip Technology DSPIC30F1020AT-20I Datasheet HTML 14Page - Microchip Technology DSPIC30F1020AT-20I Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 286 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS70178C-page 9
dsPIC30F1010/202X
1.0
DEVICE OVERVIEW
This document contains device specific information for
the dsPIC30F1010/202X SMPS devices. These devices
contain extensive Digital Signal Processor (DSP) func-
tionality within a high-performance 16-bit microcontroller
(MCU) architecture, as reflected in the following block
diagrams. Figure 1-1 and Table 1-1 describe the
dsPIC30F1010 SMPS device, Figure 1-2 and Table 1-2
describe the dsPIC30F2020 device and Figure 1-3 and
Table 1-3 describe the dsPIC30F2023 SMPS device.
Note: This data sheet summarizes features of this group
of dsPIC30F devices and is not intended to be a complete
reference source. For more information on the CPU,
peripherals, register descriptions and general device
functionality, refer to the “dsPIC30F Family Reference
Manual” (DS70046). For more information on the device
instruction set and programming, refer to the “dsPIC30F/
33F Programmer’s Reference Manual” (DS70157).


Similar Part No. - DSPIC30F1020AT-20I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F1020AT-20I MICROCHIP-DSPIC30F1020AT-20I Datasheet
3Mb / 274P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
2006
More results

Similar Description - DSPIC30F1020AT-20I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F1010X MICROCHIP-DSPIC30F1010X Datasheet
3Mb / 274P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
2006
DSPIC30F1010 MICROCHIP-DSPIC30F1010 Datasheet
4Mb / 286P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
2006
DSPIC30F1010-20E MICROCHIP-DSPIC30F1010-20E Datasheet
2Mb / 286P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
10/19/06
DSPIC30F2023-30I-PT MICROCHIP-DSPIC30F2023-30I-PT Datasheet
4Mb / 286P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
10/19/06
PIC18F44J50-I MICROCHIP-PIC18F44J50-I Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
PIC18F45J10 MICROCHIP-PIC18F45J10_09 Datasheet
5Mb / 368P
   28/40/44-Pin High-Performance, RISC Microcontrollers
2009
PIC18LF2X MICROCHIP-PIC18LF2X Datasheet
9Mb / 536P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with XLP Technology
11/29/11 2012
PIC18LF2X MICROCHIP-PIC18LF2X_13 Datasheet
9Mb / 560P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with XLP Technology
11/29/11 2010-2012
PIC18F46J11 MICROCHIP-PIC18F46J11 Datasheet
8Mb / 528P
   28/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2009
PIC18F47J13 MICROCHIP-PIC18F47J13 Datasheet
4Mb / 558P
   28/44-Pin, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com