Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F3020AT-20I Datasheet(PDF) 4 Page - Microchip Technology

Part # DSPIC30F3020AT-20I
Description  28/44-Pin High-Performance Switch Mode Power Supply
Download  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F3020AT-20I Datasheet(HTML) 4 Page - Microchip Technology

  DSPIC30F3020AT-20I Datasheet HTML 1Page - Microchip Technology DSPIC30F3020AT-20I Datasheet HTML 2Page - Microchip Technology DSPIC30F3020AT-20I Datasheet HTML 3Page - Microchip Technology DSPIC30F3020AT-20I Datasheet HTML 4Page - Microchip Technology DSPIC30F3020AT-20I Datasheet HTML 5Page - Microchip Technology DSPIC30F3020AT-20I Datasheet HTML 6Page - Microchip Technology DSPIC30F3020AT-20I Datasheet HTML 7Page - Microchip Technology DSPIC30F3020AT-20I Datasheet HTML 8Page - Microchip Technology DSPIC30F3020AT-20I Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 286 page
background image
dsPIC30F1010/202X
DS70178C-page 2
Preliminary
© 2006 Microchip Technology Inc.
Analog Features:
ADC
• 10-bit resolution
• 2000 Ksps conversion rate
• Up to 12 input channels
• “Conversion pairing” allows simultaneous conver-
sion of two inputs (i.e., current and voltage) with a
single trigger
• PWM control loop:
- Up to six conversion pairs available
- Each conversion pair has up to four PWM
and seven other selectable trigger sources
• Interrupt hardware supports up to 1M interrupts
per second
COMPARATOR
• Four Analog Comparators:
- 20 ns response time
- 10-bit DAC reference generator
- Programmable output polarity
- Selectable input source
- ADC sample and convert capable
• PWM module interface
- PWM Duty Cycle Control
- PWM Period Control
- PWM Fault Detect
• Special Event Trigger
• PWM-generated ADC Trigger
Special Microcontroller Features:
• Enhanced Flash program memory:
- 10,000 erase/write cycle (min.) for
industrial temperature range, 100k (typical)
• Self-reprogrammable under software control
• Power-on Reset (POR), Power-up Timer (PWRT)
and Oscillator Start-up Timer (OST)
• Flexible Watchdog Timer (WDT) with on-chip low
power RC oscillator for reliable operation
• Fail-Safe clock monitor operation
• Detects clock failure and switches to on-chip low
power RC oscillator
• Programmable code protection
• In-Circuit Serial Programming™ (ICSP™)
• Selectable Power Management modes
- Sleep, Idle and Alternate Clock modes
CMOS Technology:
• Low-power, high-speed Flash technology
• 3.3V and 5.0V operation (±10%)
• Industrial and Extended temperature ranges
• Low power consumption
dsPIC30F SWITCH MODE POWER SUPPLY FAMILY
Product
dsPIC30F1010
28
SDIP
6K
256
2
01111
2x2
1
3
6 ch
2
21
dsPIC30F1010
28
SOIC
6K
256
2
01111
2x2
1
3
6 ch
2
21
dsPIC30F1010
28
QFN-S
6K
256
2
01111
2x2
1
3
6 ch
2
21
dsPIC30F2020
28
SDIP
12K
512
3
12111
4x2
1
5
8 ch
4
21
dsPIC30F2020
28
SOIC
12K
512
3
12111
4x2
1
5
8 ch
4
21
dsPIC30F2020
28
QFN-S
12K
512
3
12111
4x2
1
5
8 ch
4
21
dsPIC30F2023
44
QFN
12K
512
3
12111
4x2
1
5
12 ch
4
35
dsPIC30F2023
44
TQFP
12K
512
3
12111
4x2
1
5
12 ch
4
35


Similar Part No. - DSPIC30F3020AT-20I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F3020AT-20I MICROCHIP-DSPIC30F3020AT-20I Datasheet
3Mb / 274P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
2006
More results

Similar Description - DSPIC30F3020AT-20I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F1010X MICROCHIP-DSPIC30F1010X Datasheet
3Mb / 274P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
2006
DSPIC30F1010 MICROCHIP-DSPIC30F1010 Datasheet
4Mb / 286P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
2006
DSPIC30F1010-20E MICROCHIP-DSPIC30F1010-20E Datasheet
2Mb / 286P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
10/19/06
DSPIC30F2023-30I-PT MICROCHIP-DSPIC30F2023-30I-PT Datasheet
4Mb / 286P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
10/19/06
PIC18F44J50-I MICROCHIP-PIC18F44J50-I Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
PIC18F45J10 MICROCHIP-PIC18F45J10_09 Datasheet
5Mb / 368P
   28/40/44-Pin High-Performance, RISC Microcontrollers
2009
PIC18LF2X MICROCHIP-PIC18LF2X Datasheet
9Mb / 536P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with XLP Technology
11/29/11 2012
PIC18LF2X MICROCHIP-PIC18LF2X_13 Datasheet
9Mb / 560P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with XLP Technology
11/29/11 2010-2012
PIC18F46J11 MICROCHIP-PIC18F46J11 Datasheet
8Mb / 528P
   28/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2009
PIC18F47J13 MICROCHIP-PIC18F47J13 Datasheet
4Mb / 558P
   28/44-Pin, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com