Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSK596 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSK596
Description  Capacitor Microphone Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSK596 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSK596 Datasheet HTML 1Page - Fairchild Semiconductor KSK596 Datasheet HTML 2Page - Fairchild Semiconductor KSK596 Datasheet HTML 3Page - Fairchild Semiconductor KSK596 Datasheet HTML 4Page - Fairchild Semiconductor KSK596 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B2, November 2002
Si N-channel Junction FET
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
IDSS Classification
Symbol
Parameter
Ratings
Units
VGDO
Gate-Drain Voltage
-20
V
IG
Gate Current
10
mA
ID
Drain Current
1
mA
PD
Power Dissipation
100
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVGDO
Gate-Drain Breakdown Voltage
IG= -100uA
-20
V
VGS(off)
Gate-Source Cut-off Voltage
VDS=5V, ID=1µA
-0.6
-1.5
V
IDSS
Drain Current
VDS=5V, VGS=0
100
350
µA
lYFSl
Forward Transfer Admittance
VDS=5V, VGS=0, f=1MHz
0.4
1.2
ms
Ciss
Input Capacitance
VDS=5V, VGS=0, f=1MHz
3.5
pF
Crss
Output Capacitance
VDS=5V, VGS=0, f=1MHz
0.65
pF
Classification
A
B
C
IDSS(µA)
100 ~ 170
150 ~ 240
210 ~ 350
KSK596
Capacitor Microphone Applications
• Especially Suited for use in Audio, Telephone Capacitor Microphones
• Excellent Voltage Characteristic
• Excellent Transient Characteristic
1.Source 2. Gate 3. Drain
TO-92S
1


Similar Part No. - KSK596

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSK595H FAIRCHILD-KSK595H Datasheet
64Kb / 5P
   Capacitor Microphone Applications
KSK595H FAIRCHILD-KSK595H Datasheet
70Kb / 5P
   Capacitor Microphone Applications
KSK595HMTF FAIRCHILD-KSK595HMTF Datasheet
70Kb / 5P
   Capacitor Microphone Applications
More results

Similar Description - KSK596

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TF212 UTC-TF212_15 Datasheet
163Kb / 3P
   CAPACITOR MICROPHONE APPLICATIONS
UTCK596 UTC-UTCK596 Datasheet
67Kb / 2P
   CAPACITOR MICROPHONE APPLICATIONS
logo
Sanyo Semicon Device
2SK596 SANYO-2SK596 Datasheet
436Kb / 6P
   CAPACITOR MICROPHONE APPLICATIONS
logo
Fairchild Semiconductor
FJX597JBTF FAIRCHILD-FJX597JBTF Datasheet
59Kb / 5P
   Capacitor Microphone Applications
FJN598J FAIRCHILD-FJN598J Datasheet
51Kb / 5P
   Capacitor Microphone Applications
logo
Sanyo Semicon Device
2SK377 SANYO-2SK377 Datasheet
511Kb / 5P
   CAPACITOR MICROPHONE APPLICATIONS
logo
Fairchild Semiconductor
KSK595HMTF FAIRCHILD-KSK595HMTF Datasheet
70Kb / 5P
   Capacitor Microphone Applications
FJX597JHTF FAIRCHILD-FJX597JHTF Datasheet
59Kb / 5P
   Capacitor Microphone Applications
logo
Unisonic Technologies
K596 UTC-K596 Datasheet
76Kb / 3P
   CAPACITOR MICROPHONE APPLICATIONS
K596 UTC-K596_08 Datasheet
76Kb / 3P
   CAPACITOR MICROPHONE APPLICATIONS
logo
Fairchild Semiconductor
FJX597JH FAIRCHILD-FJX597JH Datasheet
53Kb / 5P
   Capacitor Microphone Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com