Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1554717 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1554717
Description  SACC-DSI-M12FS-5CON-PG9/0,5 VA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1554717 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1554717 Datasheet HTML 1Page - PHOENIX CONTACT 1554717 Datasheet HTML 2Page - PHOENIX CONTACT 1554717 Datasheet HTML 3Page - PHOENIX CONTACT 1554717 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 4
http://www.phoenixcon.com
Jan 18, 2011
Extract from the online
catalog
 
SACC-DSI-M12FS-5CON-PG9/0,5 VA
Order No.: 1554717
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1554717
 
 
Sensor/actuator flush-type plug, 5-pos., M12, A-coded, rear/screw
mounting with PG9 thread, with 0.5 m TPE litz wire, 5 x 0.25 mm2,
high-grade steel version
 
Commercial data
GTIN (EAN)
4
046356
170369
sales group
D125
Pack
1 pcs.
Customs tariff
85366990
Catalog page information
Page 144 (PC-2009)
Product notes
WEEE/RoHS-compliant since:
11/10/2006
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General data
Rated current at 40°C
4 A
Rated voltage
60 V
Number of positions
5
Volume resistance
≤ 3 mΩ


Similar Part No. - 1554717

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1554720 PHOENIX-1554720 Datasheet
119Kb / 4P
   SACC-DSI-M12FS-8CON-PG9/0,5 VA
1554733 PHOENIX-1554733 Datasheet
106Kb / 1P
   HOUSING WITH DIP SOLDER CONTACTS REAR MOUNTING
1554746 PHOENIX-1554746 Datasheet
105Kb / 1P
   HOUSING WITH DIP SOLDER CONTACTS REAR MOUNTING
1554775 PHOENIX-1554775 Datasheet
581Kb / 18P
   SAC-12P-MS/ 1,5-PVC SCO - Sensor/actuator cable
1554791 PHOENIX-1554791 Datasheet
581Kb / 18P
   SAC-12P-MS/ 5,0-PVC SCO - Sensor/actuator cable
More results

Similar Description - 1554717

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1554720 PHOENIX-1554720 Datasheet
119Kb / 4P
   SACC-DSI-M12FS-8CON-PG9/0,5 VA
1699863 PHOENIX-1699863 Datasheet
2Mb / 14P
   SACC-E-M12FS-5CON-PG9/0,5 VA - Device connector front mounting
1554694 PHOENIX-1554694 Datasheet
119Kb / 4P
   SACC-DSI-M12MS-8CON-PG9/0,5 VA
1436356 PHOENIX-1436356 Datasheet
1Mb / 14P
   SACC-DSI-M12FS-5CON-PG9/0,5 P - Device connector, rear mounting
1500787 PHOENIX-1500787 Datasheet
148Kb / 4P
   SACC-M12FS-5CON-PG9
Jan 6, 2011
1681486 PHOENIX-1681486 Datasheet
159Kb / 4P
   SACC-M12FS-5CON-PG9-M
1409463 PHOENIX-1409463 Datasheet
1Mb / 11P
   SACC-DSI-M12FS-5CON-PG9-L180 - Device connector, rear mounting
1405239 PHOENIX-1405239 Datasheet
141Kb / 10P
   Flush-type connector - SACC-DSI-M12MS-4CON-PG9/0,5 VA
09/11/2020
1553271 PHOENIX-1553271 Datasheet
100Kb / 4P
   SACC-M12FS-5CON-PG 9-VA
1458871 PHOENIX-1458871 Datasheet
118Kb / 7P
   Flush-type connector - SACC-E-M12FS-5CON-M16/0,5 VA
09/11/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com