Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRFIC0917 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MRFIC0917
Description  900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC0917 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MRFIC0917 Datasheet HTML 2Page - Motorola, Inc MRFIC0917 Datasheet HTML 3Page - Motorola, Inc MRFIC0917 Datasheet HTML 4Page - Motorola, Inc MRFIC0917 Datasheet HTML 5Page - Motorola, Inc MRFIC0917 Datasheet HTML 6Page - Motorola, Inc MRFIC0917 Datasheet HTML 7Page - Motorola, Inc MRFIC0917 Datasheet HTML 8Page - Motorola, Inc MRFIC0917 Datasheet HTML 9Page - Motorola, Inc MRFIC0917 Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MRFIC0917
8
MOTOROLA RF DEVICE DATA
Table 4. Scattering Parameters
(VDD = 4.2 V, VSS, VG1, VG2 Set for IDQ1= 150 mA and IDQ2 = 750 mA, 50 Ω System)
f
S11
S21
S12
S22
f
MHz
|S11|
∠ φ
|S21|
∠ φ
|S12|
∠ φ
|S22|
∠ φ
500
0.740
–85
15.59
–86
0.002
139
0.880
174
600
0.798
–84
5.71
–103
0.002
135
0.859
171
700
0.802
–112
13.82
–81
0.004
154
0.851
174
800
0.694
–116
9.82
–116
0.005
137
0.879
171
820
0.688
–116
9.20
–119
0.005
132
0.883
171
840
0.684
–117
8.70
–121
0.004
137
0.877
171
860
0.688
–119
8.37
–123
0.005
133
0.879
170
880
0.684
–120
8.20
–125
0.005
129
0.879
170
900
0.686
–121
8.03
–127
0.005
127
0.879
169
920
0.685
–123
7.82
–131
0.006
130
0.879
169
940
0.682
–124
7.53
–134
0.005
127
0.875
169
960
0.687
–126
7.18
–137
0.006
126
0.874
169
980
0.694
–127
6.84
–139
0.006
124
0.875
168
1000
0.686
–129
6.53
–141
0.006
123
0.873
168
1100
0.692
–137
5.34
–149
0.006
116
0.866
167
1200
0.704
–145
5.12
–155
0.007
122
0.861
165
1300
0.698
–154
4.41
–168
0.009
113
0.847
165
1400
0.695
–163
3.94
–178
0.010
104
0.835
164
1500
0.638
–175
3.34
159
0.009
84
0.828
167


Similar Part No. - MRFIC0917

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC0912 MOTOROLA-MRFIC0912 Datasheet
120Kb / 6P
   900 MHz GaAs INTEGRATED POWER AMPLIFIER
MRFIC0913 MOTOROLA-MRFIC0913 Datasheet
140Kb / 8P
   900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0914 MOTOROLA-MRFIC0914 Datasheet
127Kb / 6P
   900 MHz PAGING POWER AMPLIFIER Si MONOLITHIC INTEGRATED CIRCUIT
MRFIC0916 MOTOROLA-MRFIC0916 Datasheet
98Kb / 8P
   SILICON GENERAL PURPOSE RF CASCODE AMPLIFIER
More results

Similar Description - MRFIC0917

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC0913 MOTOROLA-MRFIC0913 Datasheet
140Kb / 8P
   900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0912 MOTOROLA-MRFIC0912 Datasheet
120Kb / 6P
   900 MHz GaAs INTEGRATED POWER AMPLIFIER
MRFIC0914 MOTOROLA-MRFIC0914 Datasheet
127Kb / 6P
   900 MHz PAGING POWER AMPLIFIER Si MONOLITHIC INTEGRATED CIRCUIT
MRFIC1817 MOTOROLA-MRFIC1817 Datasheet
232Kb / 8P
   1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1818 MOTOROLA-MRFIC1818 Datasheet
216Kb / 8P
   1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2004 MOTOROLA-MRFIC2004 Datasheet
179Kb / 7P
   900 MHz DRIVER & RAMP SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC2002 MOTOROLA-MRFIC2002 Datasheet
184Kb / 6P
   900 MHz TX-MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC1805 MOTOROLA-MRFIC1805 Datasheet
220Kb / 10P
   1.9 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2403 MOTOROLA-MRFIC2403 Datasheet
100Kb / 6P
   2.4 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0904 MOTOROLA-MRFIC0904 Datasheet
147Kb / 8P
   900 MHz GaAs TWO STAGE DRIVER AMP INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com