Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F9020BT-30E Datasheet(PDF) 3 Page - Microchip Technology

Part # DSPIC30F9020BT-30E
Description  28/44-Pin High-Performance Switch Mode Power Supply
Download  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F9020BT-30E Datasheet(HTML) 3 Page - Microchip Technology

  DSPIC30F9020BT-30E Datasheet HTML 1Page - Microchip Technology DSPIC30F9020BT-30E Datasheet HTML 2Page - Microchip Technology DSPIC30F9020BT-30E Datasheet HTML 3Page - Microchip Technology DSPIC30F9020BT-30E Datasheet HTML 4Page - Microchip Technology DSPIC30F9020BT-30E Datasheet HTML 5Page - Microchip Technology DSPIC30F9020BT-30E Datasheet HTML 6Page - Microchip Technology DSPIC30F9020BT-30E Datasheet HTML 7Page - Microchip Technology DSPIC30F9020BT-30E Datasheet HTML 8Page - Microchip Technology DSPIC30F9020BT-30E Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 286 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS70178C-page 1
dsPIC30F1010/202X
High-Performance Modified RISC CPU:
• Modified Harvard architecture
• C compiler optimized instruction set architecture
• 83 base instructions with flexible addressing
modes
• 24-bit wide instructions, 16-bit wide data path
• 12 Kbytes on-chip Flash program space
• 512 bytes on-chip data RAM
• 16 x 16-bit working register array
• Up to 30 MIPS operation:
- Dual Internal RC
- 9.7 and 14.55 MHz (±1%) Industrial Temp
- 6.4 and 9.7 MHz (±1%) Extended Temp
- 32X PLL with 480 MHz VCO
- PLL inputs ±3%
- External EC clock 6.0 to 14.55 MHz
- HS Crystal mode 6.0 to 14.55 MHz
• 32 interrupt sources
• Three external interrupt sources
• 8 user-selectable priority levels for each interrupt
• 4 processor exceptions and software traps
DSP Engine Features:
• Modulo and Bit-Reversed modes
• Two 40-bit wide accumulators with optional
saturation logic
• 17-bit x 17-bit single-cycle hardware fractional/
integer multiplier
• Single-cycle Multiply-Accumulate (MAC)
operation
• 40-stage Barrel Shifter
• Dual data fetch
Peripheral Features:
• High-current sink/source I/O pins: 25 mA/25 mA
• Three 16-bit timers/counters; optionally pair up
16-bit timers into 32-bit timer modules
• One 16-bit Capture input functions
• Two 16-bit Compare/PWM output functions
- Dual Compare mode available
• 3-wire SPI modules (supports 4 Frame modes)
•I2CTM module supports Multi-Master/Slave mode
and 7-bit/10-bit addressing
• UART Module:
- Supports RS-232, RS-485 and LIN 1.2
- Supports IrDA® with on-chip hardware endec
- Auto wake-up on Start bit
- Auto-Baud Detect
- 4-level FIFO buffer
Power Supply PWM Module Features:
• Four PWM generators with 8 outputs
• Each PWM generator has independent time base
and duty cycle
• Duty cycle resolution of 1.1 ns at 30 MIPS
• Individual dead time for each PWM generator:
- Dead-time resolution 4.2 ns at 30 MIPS
- Dead time for rising and falling edges
• Phase-shift resolution of 4.2 ns @ 30 MIPS
• Frequency resolution of 8.4 ns @ 30 MIPS
• PWM modes supported:
- Complementary
-Push-Pull
- Multi-Phase
- Variable Phase
- Current Reset
- Current-Limit
• Independent Current-Limit and Fault Inputs
• Output Override Control
• Special Event Trigger
• PWM generated ADC Trigger
Note: This data sheet summarizes features of this group
of dsPIC30F devices and is not intended to be a complete
reference source. For more information on the CPU,
peripherals, register descriptions and general device
functionality, refer to the “dsPIC30F Family Reference
Manual” (DS70046). For more information on the device
instruction set and programming, refer to the “dsPIC30F/
33F Programmer’s Reference Manual” (DS70157).
28/44-Pin dsPIC30F1010/202X Enhanced Flash
SMPS 16-Bit Digital Signal Controller


Similar Part No. - DSPIC30F9020BT-30E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F9020BT-30E MICROCHIP-DSPIC30F9020BT-30E Datasheet
3Mb / 274P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
2006
DSPIC30F9020BT-30EMM MICROCHIP-DSPIC30F9020BT-30EMM Datasheet
4Mb / 286P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
10/19/06
DSPIC30F9020BT-30EPT MICROCHIP-DSPIC30F9020BT-30EPT Datasheet
4Mb / 286P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
10/19/06
DSPIC30F9020BT-30ES MICROCHIP-DSPIC30F9020BT-30ES Datasheet
4Mb / 286P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
10/19/06
DSPIC30F9020BT-30ESO MICROCHIP-DSPIC30F9020BT-30ESO Datasheet
4Mb / 286P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
10/19/06
More results

Similar Description - DSPIC30F9020BT-30E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F1010X MICROCHIP-DSPIC30F1010X Datasheet
3Mb / 274P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
2006
DSPIC30F1010 MICROCHIP-DSPIC30F1010 Datasheet
4Mb / 286P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
2006
DSPIC30F1010-20E MICROCHIP-DSPIC30F1010-20E Datasheet
2Mb / 286P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
10/19/06
DSPIC30F2023-30I-PT MICROCHIP-DSPIC30F2023-30I-PT Datasheet
4Mb / 286P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
10/19/06
PIC18F44J50-I MICROCHIP-PIC18F44J50-I Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
PIC18F45J10 MICROCHIP-PIC18F45J10_09 Datasheet
5Mb / 368P
   28/40/44-Pin High-Performance, RISC Microcontrollers
2009
PIC18LF2X MICROCHIP-PIC18LF2X Datasheet
9Mb / 536P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with XLP Technology
11/29/11 2012
PIC18LF2X MICROCHIP-PIC18LF2X_13 Datasheet
9Mb / 560P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with XLP Technology
11/29/11 2010-2012
PIC18F46J11 MICROCHIP-PIC18F46J11 Datasheet
8Mb / 528P
   28/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2009
PIC18F47J13 MICROCHIP-PIC18F47J13 Datasheet
4Mb / 558P
   28/44-Pin, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com