Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSP14 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KSP14
Description  Darlington Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSP14 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSP14 Datasheet HTML 1Page - Fairchild Semiconductor KSP14 Datasheet HTML 2Page - Fairchild Semiconductor KSP14 Datasheet HTML 3Page - Fairchild Semiconductor KSP14 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, September 2002
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 3. Base-Emitter On Voltage
Figure 4. Current Gain Bandwidth Product
1
10
100
1000
1k
10k
100k
1M
VCE = 5V
IC [mA], COLLECTOR CURRENT
10
100
0.1
1
10
IC = 1000 IB
VCE(sat)
VBE(sat)
IC[mA], COLLECTOR CURRENT
0.0
0.4
0.8
1.2
1.6
2.0
2.4
1
10
100
VCE = 5V
VBE [V], BASE-EMITTER VOLTAGE
110
100
10
100
1000
VCE = 5V
IC[mA], COLLECTOR CURRENT


Similar Part No. - KSP14

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSP14 FAIRCHILD-KSP14 Datasheet
39Kb / 4P
   NPN Epitaxial Silicon Darlington Transistor
KSP14 FAIRCHILD-KSP14 Datasheet
39Kb / 4P
   Darlington Transistor
KSP14 FAIRCHILD-KSP14 Datasheet
39Kb / 4P
   Darlington Transistor
More results

Similar Description - KSP14

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSP25 FAIRCHILD-KSP25 Datasheet
32Kb / 4P
   Darlington Transistor
logo
Motorola, Inc
MMBT6427LT1 MOTOROLA-MMBT6427LT1 Datasheet
249Kb / 8P
   Darlington Transistor
logo
Fairchild Semiconductor
KSP63TA FAIRCHILD-KSP63TA Datasheet
40Kb / 4P
   Darlington Transistor
logo
Unisonic Technologies
PZTA14 UTC-PZTA14_15 Datasheet
102Kb / 2P
   DARLINGTON TRANSISTOR
logo
ON Semiconductor
MMBT6427LT1G ONSEMI-MMBT6427LT1G Datasheet
192Kb / 6P
   Darlington Transistor
October, 2016 ??Rev. 5
logo
Unisonic Technologies
MPSA14 UTC-MPSA14 Datasheet
52Kb / 2P
   DARLINGTON TRANSISTOR
PZTA14 UTC-PZTA14 Datasheet
51Kb / 2P
   DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
KSP12 FAIRCHILD-KSP12 Datasheet
33Kb / 4P
   Darlington Transistor
KST63 FAIRCHILD-KST63 Datasheet
53Kb / 4P
   Darlington Transistor
logo
Motorola, Inc
MPSA28 MOTOROLA-MPSA28 Datasheet
130Kb / 4P
   Darlington Transistor
MPSA62 MOTOROLA-MPSA62 Datasheet
157Kb / 4P
   Darlington Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com